Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3AL Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # S3AL
Description  Medium Capacity Standard Size Toggles
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S3AL Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  S3AL Datasheet HTML 1Page - List of Unclassifed Manufacturers S3AL Datasheet HTML 2Page - List of Unclassifed Manufacturers S3AL Datasheet HTML 3Page - List of Unclassifed Manufacturers S3AL Datasheet HTML 4Page - List of Unclassifed Manufacturers S3AL Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Series S
Medium Capacity Standard Size Toggles
www.nkk.com
A101
A
S2AL
S6AL
Maximum
Panel Thickness:
.158” (4.0mm)
Maximum
Panel Thickness:
.158” (4.0mm)
S21AL does not have terminals 2 & 5
S1AL does not have terminal 2
(11.2)
.441
(12.2) Dia
.480
(11.2)
.441
(12.2) Dia
.480
(18.6)
.732
(12.0)
.472
(23.5)
.925
(25.7)
1.012
(5.7)
.224
(2.4) Dia Typ
.094
(10.7) Dia
.421
(4.8) Typ
.189
(7.5)
.295
Flat
(7.4) Dia
.291
(7.8) Dia
.307
(26.4)
1.039
(17.0)
.669
M12 P1
α
6
3
2
1
4
5
(31.2)
1.228
(0.8) Typ
.031
3
2
1
(30.0)
1.181
(18.0)
.709
(23.7)
.933
(2.4) Dia Typ
.094
(5.7)
.224
(4.8) Typ
.189
(0.8) Typ
.031
(12.0)
.472
(23.5)
.925
(10.7) Dia
.421
(7.5)
.295
(7.4) Dia
.291
(7.8) Dia
.307
(26.4)
1.039
(17.0)
.669
Flat
M12 P1
α
Notes: Standard Hardware: AT503M Face Hex Nut, AT508 Lockwasher, AT537 O-ring. See Accessories & Hardware section.
* Wire harness & cable assemblies offered only in Americas.
SINGLE POLE SOLDER LUG WITH LOCKING LEVER & PANEL SEAL *
Toggle Position/Connected Terminals
Electrical Capacity
Model
Approvals
Pole &
Throw
Down
Center
Up
Resistive
Inductive
α =
Angle
of Throw
AC
125V
AC
250V
DC
30V
AC 125V
PF 0.6
S1AL
––
––
SPST
ON
1-3
NONE
OFF
15A
6A
20A
8A
24°
S2AL
––
––
SPDT
ON
2-3
NONE
ON
2-1
15A
6A
20A
8A
24°
S3AL
––
––
SPDT
ON
2-3
OFF
ON
2-1
15A
6A
20A
8A
28°
Throw &
Schematics:
SPST
Keyway
SPDT
3
1
INTERNAL
CONNECTION
2 (COM)
1
3
Note: Terminal numbers are
actually on the switch
R
C
R
US
Notes: Standard Hardware: AT503M Face Hex Nut, AT508 Lockwasher, AT537 O-ring. See Accessories & Hardware section.
* Wire harness & cable assemblies offered only in Americas.
DOUBLE POLE SOLDER LUG WITH LOCKING LEVER & PANEL SEAL *
* UL & cULus recognized only when
ordered with marking on switch
(see General Specs)
Toggle Position/Connected Terminals
Electrical Capacity
Model
*Approvals
Pole &
Throw
Down
Center
Up
Resistive
Inductive
α =
Angle
of Throw
AC
125V
AC
250V
DC
30V
AC 125V
PF 0.6
S21AL
––
––
DPST
ON
1-3 4-6
NONE
OFF
15A
15A
15A
8A
22°
S6AL
DPDT
ON
2-3 5-6
NONE
ON
2-1 5-4
20A
10A
20A
8A
22°
S7AL
––
––
DPDT
ON
2-3 5-6
OFF
ON
2-1 5-4
20A
10A
20A
8A
28°
Throw &
Schematics:
DPST
Keyway
DPDT
4
6
1
3
25
(COM)
6
4
INTERNAL
CONNECTION
3
1
Note: Terminal numbers are
actually on the switch
R
C
R
US


Similar Part No. - S3AL

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
S3A CHENG-YI-S3A Datasheet
119Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Pan Jit International I...
S3A PANJIT-S3A Datasheet
415Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE- 50-100 Volts CURRENT- 3.0 Ampere)
logo
GUANGDONG HOTTECH INDUS...
S3A HOTTECH-S3A Datasheet
231Kb / 2P
   Plastic-Encapsulate Diodes
logo
Leshan Radio Company
S3A LRC-S3A Datasheet
189Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V
logo
Diotec Semiconductor
S3A DIOTEC-S3A Datasheet
166Kb / 2P
   Surface Mount Si-Rectifiers
More results

Similar Description - S3AL

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
S301 NKK-S301 Datasheet
447Kb / 10P
   Medium/High Capacity Standard Size Toggles
S114 NKK-S114 Datasheet
64Kb / 1P
   Low Capacity Standard Size Toggles
S821 NKK-S821 Datasheet
165Kb / 4P
   High Capacity Standard Size Toggles
SW3001A NKK-SW3001A_16 Datasheet
223Kb / 4P
   Medium Capacity Rockers
SB221NO NKK-SB221NO Datasheet
115Kb / 3P
   Low/Medium Capacity Pushbuttons
logo
List of Unclassifed Man...
SB25B ETC2-SB25B Datasheet
115Kb / 3P
   Low/Medium Capacity Pushbuttons
M2022SS2G13-BC ETC2-M2022SS2G13-BC Datasheet
215Kb / 7P
   Miniature Toggles
M2022ES1W01 ETC2-M2022ES1W01 Datasheet
1Mb / 12P
   Miniature Toggles
M2012S2A2G40 ETC2-M2012S2A2G40 Datasheet
343Kb / 10P
   Miniature Toggles
logo
Nihon Kaiheiki Industry...
TL22DCAW015C NKK-TL22DCAW015C Datasheet
139Kb / 5P
   Fully Illuminated Toggles
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com