Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WEJ7805 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # WEJ7805
Description  Three-terminal positive voltage regulator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

WEJ7805 Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  WEJ7805 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WEJ
ELECTRONIC
CO.,LTD
2
Co
0.1µF
WEJ7805 Three-terminal positive voltage regulator
FEATURES
Maximum Output current
IOM:
1
A
Output voltage
Vo:
5
V
ABSOLUTE MAXIMUM RATINGS (Operating temperature range applies unless otherwise specified)
Parameter
Symbol
Value
Unit
Input Voltage
V i
35
V
Operating Junction Temperature Range
TOPR
0~+125
Storage Temperature Range
TSTG
-65~+150
ELECTRICAL CHARACTERISTICS (Vi=10V,Io=500mA,0
℃<Tj<125℃,Ci=0.33µF,Co=0.1µF, unless otherwise specified )
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Tj=25
4.8
5.0
5.2
V
Output voltage
Vo
7V≤V i≤20V, Io=5mA~1A
Po< 15W
4.75
5.00
5.25
V
Tj=25
℃, Io=5mA~1.5A
9
100
mV
Load Regulation
Vo
Tj=25 , Io=250mA~750mA
4
50
mV
7V≤V i≤25V, Tj=25
4
100
mV
Line regulation
Vo
8V≤V i≤12V, Tj=25
1.6
50
mV
Quiescent Current
Iq
Tj=25
4
6
mA
Iq
7V≤V i≤25V
0.3
1.3
mA
Quiescent Current Change
Iq
5mA≤I O≤1A
0.03
0.5
mA
Output Noise Voltage
VN
10Hz≤f≤100KHz
40
uV
Ripple Rejection
RR
8V≤V i≤18V,f=120Hz,Tj=25
62
dB
Dropout Voltage
Vd
Tj=25
℃, Io=1A
2
V
Short Circuit Current
Isc
Vi=35V, Ta=25
300
mA
Peak Current
Ipk
Tj=25
2.2
A
TYPICAL APPLICATION
vi
1
3
Vo
UTC
Ci
0.33µF
1 2 3
7805
TO-220
1. IN
2. GND
3. OUT
WEJ7805
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - WEJ7805

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
WEJ7806 WINNERJOIN-WEJ7806 Datasheet
162Kb / 1P
   Three-terminal positive voltage regulator
WEJ7808 WINNERJOIN-WEJ7808 Datasheet
102Kb / 1P
   Three-terminal positive voltage regulator
WEJ7809 WINNERJOIN-WEJ7809 Datasheet
163Kb / 1P
   Three-terminal positive voltage regulator
More results

Similar Description - WEJ7805

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJ7806-TO-220 JIANGSU-CJ7806-TO-220 Datasheet
187Kb / 2P
   Three-terminal positive voltage regulator
CJ7915-TO-220 JIANGSU-CJ7915-TO-220 Datasheet
127Kb / 2P
   Three-terminal positive voltage regulator
CJ78L05-SOT-23-3L JIANGSU-CJ78L05-SOT-23-3L Datasheet
136Kb / 2P
   Three-terminal positive voltage regulator
CJ78L09-TO-92 JIANGSU-CJ78L09-TO-92 Datasheet
110Kb / 2P
   Three-terminal positive voltage regulator
CJ78L18 JIANGSU-CJ78L18 Datasheet
103Kb / 1P
   Three-terminal positive voltage regulator
CJ7806F-TO-220 JIANGSU-CJ7806F-TO-220 Datasheet
117Kb / 1P
   Three-terminal positive voltage regulator
CJ7918-TO-220 JIANGSU-CJ7918-TO-220 Datasheet
80Kb / 1P
   Three-terminal positive voltage regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ78M05-TO-252 WINNERJOIN-WEJ78M05-TO-252 Datasheet
80Kb / 1P
   Three-terminal positive voltage regulator
logo
Shenzhen Luguang Electr...
LGE78D05 LUGUANG-LGE78D05 Datasheet
263Kb / 2P
   Three-terminal positive voltage regulator
logo
Jiangsu Changjiang Elec...
CJ78M09 JIANGSU-CJ78M09 Datasheet
2Mb / 4P
   Three-terminal positive voltage regulator
CJ7809F JIANGSU-CJ7809F Datasheet
3Mb / 3P
   Three-terminal positive voltage regulator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com