Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

532-114-75 Datasheet(PDF) 2 Page - Marl International Limited

Part # 532-114-75
Description  industrial panel lamps
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

532-114-75 Datasheet(HTML) 2 Page - Marl International Limited

  532-114-75 Datasheet HTML 1Page - Marl International Limited 532-114-75 Datasheet HTML 2Page - Marl International Limited 532-114-75 Datasheet HTML 3Page - Marl International Limited 532-114-75 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
technical data
Dimensions in mm (typical)
Not to scale
technical characteristics
Series
Max. Power
Dissipation
Max. Reverse
Voltage
Panel Cutout
Nut Mounting
Torque
Min. Mounting
Centres
Max. Panel
Thickness
units
mW
Vdc
mm
Nm
mm
mm
to order
* = Current version
^ = Voltage version
BS EN ISO 9001:2008
approved manufacturer
532 series
8.50
23
5
12.70
+0.1
0
8.50
23
6
20mA to 48Vac/dc
All other voltages
Mounting Hole
Mounting hole to be clean and burr free.
housing material
Body
Nut
Panel Seal
push on connectors
Header
Termination
Lens
Encapsulation
Lock Washer
925-000-00 is brass tin plated - for use
with 532 series lamps
Dimensions in mm (typical). Not to scale.
Stainless Steel Grade 303
Stainless Steel Grade 303
Viton
Copper with Silver flash finish
Polycarbonate
PC5430 Resin
Stainless Steel
Nylon 6 A82
532
825
N/A
12.7
1.0
19.5
1.5 - 8.0
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 532 - version 2013-07-12-095234
page 2 of 4


Similar Part No. - 532-114-75

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
532-114-75 MARL-532-114-75 Datasheet
180Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
532-114-75 MARL-532-114-75 Datasheet
256Kb / 4P
   횠12.7mm mounting Product will operate over a wide voltage range
More results

Similar Description - 532-114-75

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
507-501-21_1312 MARL-507-501-21_1312 Datasheet
434Kb / 5P
   Industrial panel lamps
534-501-75_1312 MARL-534-501-75_1312 Datasheet
382Kb / 5P
   industrial panel lamps
511-501-21_1312 MARL-511-501-21_1312 Datasheet
432Kb / 5P
   industrial panel lamps
514-105-21_1309 MARL-514-105-21_1309 Datasheet
373Kb / 4P
   industrial panel lamps
538-501-75_1312 MARL-538-501-75_1312 Datasheet
395Kb / 5P
   industrial panel lamps
524-501-21_1312 MARL-524-501-21_1312 Datasheet
434Kb / 5P
   industrial panel lamps
528-501-21_1312 MARL-528-501-21_1312 Datasheet
432Kb / 5P
   industrial panel lamps
537-501-75_1312 MARL-537-501-75_1312 Datasheet
316Kb / 5P
   industrial panel lamps
508-501-21_1312 MARL-508-501-21_1312 Datasheet
433Kb / 5P
   industrial panel lamps
512-501-21_1312 MARL-512-501-21_1312 Datasheet
432Kb / 5P
   industrial panel lamps
520-301-21_1309 MARL-520-301-21_1309 Datasheet
423Kb / 5P
   industrial panel lamps
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com