Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5348 Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # 5348
Description  SMOKE DETECTOR WITH INTERCONNECT AND TIMER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5348 Datasheet(HTML) 6 Page - Allegro MicroSystems

  5348 Datasheet HTML 1Page - Allegro MicroSystems 5348 Datasheet HTML 2Page - Allegro MicroSystems 5348 Datasheet HTML 3Page - Allegro MicroSystems 5348 Datasheet HTML 4Page - Allegro MicroSystems 5348 Datasheet HTML 5Page - Allegro MicroSystems 5348 Datasheet HTML 6Page - Allegro MicroSystems 5348 Datasheet HTML 7Page - Allegro MicroSystems 5348 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
5348
SMOKE DETECTOR
with INTERCONNECT
and TIMER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
TIMING DIAGRAMS IN TYPICAL APPLICATION
NON-TIMER MODE
TIMER MODE
1.67 s
10 ms
V12
OSC. CAP
INTERNAL
CLOCK
LED
HORN
Dwg. WC-005
LED
ON
TIMER
START
TIMER
OUT
6 CLOCK CYCLES
368 CLOCK CYCLES
END OF TIMER
NOTIFICATION
OUTPUTS OFF (HIGH Z)
NO ALARM
NO LOW BATTERY
STANDBY MODE
1.67 s
10 ms
40 ms
24 CLOCK CYCLES
V15 > V13 (NO SMOKE)
V15 < V13 (SMOKE)
V12
OSC. CAP
INTERNAL
CLOCK
LED
SMOKE
COMPARATOR
SMOKE
CHAMBER
HORN
SAMPLE
ALARM
NO LOW BATTERY
30 CLOCK CYCLES
LOW BATTERY
WARNING
HORN
ON
OFF
ALARM AND
LOW BATTERY
NO ALARM
LOW BATTERY
Dwg. WC-003
24 CLOCK CYCLES
LED OFF
LED
ON
12 CLOCK CYCLES
6 CLOCK CYCLES
6 CLOCK CYCLES


Similar Part No. - 5348

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
534845 FESTO-534845 Datasheet
84Kb / 1P
   Air reservoir
534865 FESTO-534865 Datasheet
91Kb / 1P
   Precision pressure regulator
3/18/22
534874 FESTO-534874 Datasheet
91Kb / 1P
   Precision pressure regulator
3/18/22
logo
List of Unclassifed Man...
5348MTH1R ETC2-5348MTH1R Datasheet
529Kb / 22P
   THE WIDEST RANGE IN MINIATURE SWITCHES
5348MTH1R ETC2-5348MTH1R Datasheet
529Kb / 22P
   THE WIDEST RANGE IN MINIATURE SWITCHES
More results

Similar Description - 5348

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5347 ALLEGRO-5347 Datasheet
91Kb / 8P
   SMOKE DETECTOR WITH INTERCONNECT AND TIMER
A5367CA ALLEGRO-A5367CA Datasheet
169Kb / 10P
   SMOKE DETECTOR WITH INTERCONNECT AND TIMER
A5338 ALLEGRO-A5338 Datasheet
248Kb / 8P
   Smoke Detector with Interconnect and Timer
5368 ALLEGRO-5368 Datasheet
89Kb / 8P
   SMOKE DETECTOR WITH INTERCONNECT AND TIMER
5358 ALLEGRO-5358 Datasheet
98Kb / 12P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT AND TIMER
logo
Sensitron
A5366 SENSITRON-A5366 Datasheet
402Kb / 13P
   Photoelectric Smoke Detector with Interconnect and Timer
logo
Allegro MicroSystems
5349 ALLEGRO-5349 Datasheet
83Kb / 8P
   AC SMOKE DETECTOR WITH INTERCONNECT AND TIMER
A5366CA ALLEGRO-A5366CA Datasheet
190Kb / 12P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT AND TIMER
A5358CAT ALLEGRO-A5358CAT Datasheet
325Kb / 13P
   Photoelectric Smoke Detector with Interconnect and Timer
A5303 ALLEGRO-A5303 Datasheet
380Kb / 14P
   Photoelectric Smoke Detector with Interconnect, Timer, and Latching Alarm Indicator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com