Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16F1509TESOSQTP Datasheet(PDF) 4 Page - Microchip Technology

Part # PIC16F1509TESOSQTP
Description  20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
Download  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1509TESOSQTP Datasheet(HTML) 4 Page - Microchip Technology

  PIC16F1509TESOSQTP Datasheet HTML 1Page - Microchip Technology PIC16F1509TESOSQTP Datasheet HTML 2Page - Microchip Technology PIC16F1509TESOSQTP Datasheet HTML 3Page - Microchip Technology PIC16F1509TESOSQTP Datasheet HTML 4Page - Microchip Technology PIC16F1509TESOSQTP Datasheet HTML 5Page - Microchip Technology PIC16F1509TESOSQTP Datasheet HTML 6Page - Microchip Technology PIC16F1509TESOSQTP Datasheet HTML 7Page - Microchip Technology PIC16F1509TESOSQTP Datasheet HTML 8Page - Microchip Technology PIC16F1509TESOSQTP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 384 page
background image
PIC16(L)F1508/9
DS41609A-page 4
Preliminary
 2011 Microchip Technology Inc.
Peripheral Features (Continued):
• Enhanced Universal Synchronous Asynchronous
Receiver Transmitter (EUSART)
- RS-232, RS-485 and LIN compatible
- Auto-Baud Detect
- Auto-wake-up on Start
• 4 Configurable Logic Cell (CLC) modules:
- 16 selectable input source signals
- Four inputs per module
- Software control of combinational/sequential
logic/state/clock functions
- AND/OR/XOR/D Flop/D Latch/SR/JK
- External or internal inputs/outputs
- Operation while in Sleep
• Numerically Controlled Oscillator (NCO):
- 20-bit accumulator
- 16-bit increment
- True linear frequency control
- High-speed clock input
- Selectable Output modes
- Fixed Duty Cycle (FDC) mode
- Pulse Frequency (PF) mode
• Complementary Waveform Generator (CWG):
- 8 selectable signal sources
- Selectable falling and rising edge dead-band
control
- Polarity control
- 4 auto-shutdown sources
- Multiple input sources: PWM, CLC, NCO
PIC12(L)F1501/PIC16(F)L150X Family Types
Device
PIC12(L)F1501 (1) 1024
64
6
4
1
1
2/1
4
1
2
1
H
PIC16(L)F1503 (2) 2048
128
12
8
2
1
2/1
4
1
1
2
1
H
PIC16(L)F1507 (3) 2048
128
18 12 —
2/1
4
1
2
1
H
PIC16(L)F1508 (4) 4096
256
18 12
2
1
2/1
4
1
1
1
4
1
I/H
Y
PIC16(L)F1509 (4) 8192
512
18 12
2
1
2/1
4
1
1
1
4
1
I/H
Y
Note 1: I - Debugging, Integrated on Chip; H - Debugging, Requires Debug Header.
2: One pin is input-only.
Data Sheet Index: (Unshaded devices are described in this document.)
1: Future Product
PIC12(L)F1501 Data Sheet, 8-Pin Flash, 8-bit Microcontrollers.
2: DS41607
PIC16(L)F1503 Data Sheet, 14-Pin Flash, 8-bit Microcontrollers.
3: DS41586
PIC16(L)F1507 Data Sheet, 20-Pin Flash, 8-bit Microcontrollers.
4: DS41609
PIC16(L)F1508/1509 Data Sheet, 20-Pin Flash, 8-bit Microcontrollers.


Similar Part No. - PIC16F1509TESOSQTP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F1509T-EMLQTP MICROCHIP-PIC16F1509T-EMLQTP Datasheet
4Mb / 384P
   20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
08/02/11
PIC16F1509T-EMLSQTP MICROCHIP-PIC16F1509T-EMLSQTP Datasheet
4Mb / 384P
   20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
08/02/11
PIC16F1509T-EPQTP MICROCHIP-PIC16F1509T-EPQTP Datasheet
4Mb / 384P
   20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
08/02/11
PIC16F1509T-EPSQTP MICROCHIP-PIC16F1509T-EPSQTP Datasheet
4Mb / 384P
   20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
08/02/11
PIC16F1509T-ESOQTP MICROCHIP-PIC16F1509T-ESOQTP Datasheet
4Mb / 384P
   20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
08/02/11
More results

Similar Description - PIC16F1509TESOSQTP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LF1508 MICROCHIP-PIC16LF1508 Datasheet
4Mb / 384P
   20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
2011
PIC16F1508-I MICROCHIP-PIC16F1508-I Datasheet
4Mb / 384P
   20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
08/02/11
PIC18F1XK22 MICROCHIP-PIC18F1XK22 Datasheet
3Mb / 388P
   20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16LF720 MICROCHIP-PIC16LF720_11 Datasheet
2Mb / 244P
   20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC16F720 MICROCHIP-PIC16F720 Datasheet
2Mb / 244P
   20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC12F1840 MICROCHIP-PIC12F1840_11 Datasheet
3Mb / 382P
   8-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC12F1840 MICROCHIP-PIC12F1840 Datasheet
3Mb / 376P
   8-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC12F1822 MICROCHIP-PIC12F1822 Datasheet
4Mb / 398P
   8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16F1825 MICROCHIP-PIC16F1825 Datasheet
4Mb / 420P
   14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC18F13K50 MICROCHIP-PIC18F13K50 Datasheet
6Mb / 414P
   20-Pin USB Flash Microcontrollers with nanoWatt XLP??Technology
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com