Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5347 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 5347
Description  SMOKE DETECTOR WITH INTERCONNECT AND TIMER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5347 Datasheet(HTML) 4 Page - Allegro MicroSystems

  5347 Datasheet HTML 1Page - Allegro MicroSystems 5347 Datasheet HTML 2Page - Allegro MicroSystems 5347 Datasheet HTML 3Page - Allegro MicroSystems 5347 Datasheet HTML 4Page - Allegro MicroSystems 5347 Datasheet HTML 5Page - Allegro MicroSystems 5347 Datasheet HTML 6Page - Allegro MicroSystems 5347 Datasheet HTML 7Page - Allegro MicroSystems 5347 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
5347
SMOKE DETECTOR
with INTERCONNECT
and TIMER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Limits
Characteristic
Pin
Test Conditions
Min.
Typ.
Max.
Units
ELECTRICAL CHARACTERISTICS continued
Timer Out Output Current
4
V
OUT
= 0.5 V
500
µA
LED Output ON Current
5
V
DD
= 7.2 V, V
OUT
= 1.0 V
10
mA
LED Output ON Time
5
8.0
10
12
ms
LED Output OFF Time
5
No Alarm, In Standby
32
40
48
s
No Alarm, Timer Mode After Pin 1
High-to-Low
8.0
10
12
s
I/O Current
2
No Alarm, V
I/O
= V
DD
- 2.0 V
25
60
µA
Alarm, V
I/O
= V
DD
- 2.0 V
-7.5
mA
I/O Alarm Voltage
2
External “Alarm” In
3.0
V
I/O Delay
2
“Alarm” Out
3.0
s
Supply Current
6
V
DD
= 9.0 V, No Alarm, No Loads
5.0
9.0
µA
V
DD
= 12 V, No Alarm, No Loads
12
µA
NOTE 1: Negative current is defined as coming out of (sourcing) the specified device pin.
NOTE 2: Alarm (Smoke) Condition is defined as V
15
< V
13
; No Alarm (No Smoke) Condition as V
15
> V
13
.
Test
CIRCUIT DESCRIPTION
The A5347CA is a low-current CMOS circuit providing all of the
required features for an ionization-type smoke detector.
Oscillator. An internal oscillator operates with a period of 1.67
seconds during no-smoke conditions. Every 1.67 seconds, internal
power is applied to the entire circuit and a check is made for smoke.
Every 24 clock cycles (40 seconds), the LED is pulsed and a check
is made for low battery by comparing VDD to an internal reference.
Since very-low currents are used in the device, the oscillator capacitor
at pin 12 should be a low-leakage type (PTFE, polystyrene, or
polypropylene).
Detector Circuitry. When smoke is detected, the resistor divider
network that sets the sensitivity (smoke trip point) is altered to increase
the sensitivity set voltage (pin 13) by typically 130 mV with no external
connections to pins 3 or 13. This provides hysteresis and reduces
false triggering. An active guard is provided on both pins adjacent to
the detector input (pin 15). The voltage at pins 14 and 16 will be within
100 mV of the input. This will keep surface leakage currents to a
minimum and provide a method of measuring the input voltage without
loading the ionization chamber. The active guard amplifier is not
power strobed and thus provides constant protection from surface
leakage currents. The detector input has internal diode protection
against static damage.


Similar Part No. - 5347

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
53471E3 VISHAY-53471E3 Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
logo
Festo Corporation.
534771 FESTO-534771 Datasheet
97Kb / 2P
   Air solenoid valve
534772 FESTO-534772 Datasheet
97Kb / 2P
   Air solenoid valve
534773 FESTO-534773 Datasheet
96Kb / 2P
   Air solenoid valve
534774 FESTO-534774 Datasheet
94Kb / 2P
   Air solenoid valve
More results

Similar Description - 5347

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5348 ALLEGRO-5348 Datasheet
90Kb / 8P
   SMOKE DETECTOR WITH INTERCONNECT AND TIMER
A5367CA ALLEGRO-A5367CA Datasheet
169Kb / 10P
   SMOKE DETECTOR WITH INTERCONNECT AND TIMER
A5338 ALLEGRO-A5338 Datasheet
248Kb / 8P
   Smoke Detector with Interconnect and Timer
5368 ALLEGRO-5368 Datasheet
89Kb / 8P
   SMOKE DETECTOR WITH INTERCONNECT AND TIMER
5358 ALLEGRO-5358 Datasheet
98Kb / 12P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT AND TIMER
logo
Sensitron
A5366 SENSITRON-A5366 Datasheet
402Kb / 13P
   Photoelectric Smoke Detector with Interconnect and Timer
logo
Allegro MicroSystems
5349 ALLEGRO-5349 Datasheet
83Kb / 8P
   AC SMOKE DETECTOR WITH INTERCONNECT AND TIMER
A5366CA ALLEGRO-A5366CA Datasheet
190Kb / 12P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT AND TIMER
A5358CAT ALLEGRO-A5358CAT Datasheet
325Kb / 13P
   Photoelectric Smoke Detector with Interconnect and Timer
A5303 ALLEGRO-A5303 Datasheet
380Kb / 14P
   Photoelectric Smoke Detector with Interconnect, Timer, and Latching Alarm Indicator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com