Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JW1FSN-DC9V Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # JW1FSN-DC9V
Description  Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

JW1FSN-DC9V Datasheet(HTML) 5 Page - Panasonic Semiconductor

  JW1FSN-DC9V Datasheet HTML 1Page - Panasonic Semiconductor JW1FSN-DC9V Datasheet HTML 2Page - Panasonic Semiconductor JW1FSN-DC9V Datasheet HTML 3Page - Panasonic Semiconductor JW1FSN-DC9V Datasheet HTML 4Page - Panasonic Semiconductor JW1FSN-DC9V Datasheet HTML 5Page - Panasonic Semiconductor JW1FSN-DC9V Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
JW
ASCTB190E 201210-T
DIMENSIONS (mm inch)
JW 2 Form C Standard (5 A) type
1. Maximum operating power
2. Operate/release time
Sample: JW2SN-DC12V-F, 6 pcs.
Ambient temperature: 20
°C 68°F
10
10
100
1,000
1
0
Contact voltage, V
AC resistive load (cos
ϕ = 1.0)
9
8
7
6
5
4
3
2
1
0
80
90
100
110
120
130
Max.
Coil applied voltage, %V
Operate time
Release time
Min.
Max.
Min.
Max.
x-
x-
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
JW 1 Form A
External dimensions
0.5
0.3
0.3
0.4
12.8
7.6
1.1
2.4
3.5
0.9
28.6
20
20
3.6
.020
.012
.012
.016
.504
.299
.043
.094
.138
.035
1.126
.787
.787
.142
Wiring diagram (Bottom view)
Note: Terminal numbers are not indicated
on the relay.
PC board pattern (Bottom view)
Tolerance:
±0.1 ±.004
COM
N.O.
Coil
4
6
1
8
Relay outline
12.8
.504
7.6
.299
20.0
.787
2.4
.094
4-1.5
dia.
4-.059
dia.
3.5
.138
CAD Data
Dimension:
Less than 1mm .039inch:
Min. 1mm .039inch
less than 3mm .118 inch:
Min. 3mm .118 inch:
General tolerance
±0.1 ±.004
±0.2 ±.008
±0.3 ±.012
JW 1 Form C
External dimensions
20
.787
0.4
.016
3.6
.142
0.5
.020
0.3
0.5
.012
.020
0.3
.012
1.1
.043
2.4
.094
3.5
.138
3.5
.138
16.5
.650
28.6
1.128
0.8
.031
7.6
.299
12.8
.504
Wiring diagram (Bottom view)
Note: Terminal numbers are not indicated
on the relay.
PC board pattern (Bottom view)
Tolerance:
±0.1 ±.004
COM
N.C.
N.O.
Coil
4
26
18
Relay outline
16.5
.650
3.5
.138
3.5
.138
2.4
.094
7.6
.299
CAD Data
Dimension:
Less than 1mm .039inch:
Min. 1mm .039inch
less than 3mm .118 inch:
Min. 3mm .118 inch:
General tolerance
±0.1 ±.004
±0.2 ±.008
±0.3 ±.012


Similar Part No. - JW1FSN-DC9V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
JW1FSN-DC9V NAIS-JW1FSN-DC9V Datasheet
166Kb / 5P
   COMPACT PC BOARD POWER RELAY
logo
Panasonic Semiconductor
JW1FSN-DC9V PANASONIC-JW1FSN-DC9V Datasheet
230Kb / 4P
   COMPACT PC BOARD POWER RELAY
More results

Similar Description - JW1FSN-DC9V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
JW2SNDC12V PANASONIC-JW2SNDC12V Datasheet
116Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
JQ1APE-24V-H12 PANASONIC-JQ1APE-24V-H12 Datasheet
128Kb / 7P
   1a/1c 5A/10A small power relays
JQ1AP-B-24V-F PANASONIC-JQ1AP-B-24V-F Datasheet
93Kb / 6P
   1a/1c 5A/10A small power relays
JQ1AP-B-12V-F PANASONIC-JQ1AP-B-12V-F Datasheet
88Kb / 6P
   1a/1c 5A/10A small power relays
JQ1AP-24V-F PANASONIC-JQ1AP-24V-F Datasheet
128Kb / 7P
   1a/1c 5A/10A small power relays
JS1-B-24V-F PANASONIC-JS1-B-24V-F Datasheet
74Kb / 4P
   1a/1c 10A cubic type power relays
JS1-B-12V-F PANASONIC-JS1-B-12V-F Datasheet
102Kb / 5P
   1a/1c 10A cubic type power relays
JS1F-5V-F PANASONIC-JS1F-5V-F Datasheet
69Kb / 4P
   1a/1c 10A cubic type power relays
JS1-B-18V PANASONIC-JS1-B-18V Datasheet
69Kb / 4P
   1a/1c 10A cubic type power relays
JS1AF-B-24V-F PANASONIC-JS1AF-B-24V-F Datasheet
69Kb / 4P
   1a/1c 10A cubic type power relays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com