Electronic Components Datasheet Search |
|
JW1HN-DC12V Datasheet(PDF) 3 Page - Panasonic Semiconductor |
|
JW1HN-DC12V Datasheet(HTML) 3 Page - Panasonic Semiconductor |
3 / 6 page Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/ JW ASCTB190E 201210-T 2. Specifications * Specifications will vary with foreign standards certification ratings. Notes: *1. This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the actual load. *2. Wave is standard shock voltage of ±1.2×50µs according to JEC-212-1981 *3. The upper limit of the ambient temperature is the maximum temperature that can satisfy the coil temperature rise value. Refer to Usage, transport and storage conditions in NOTES. *4. The pick-up and drop out voltages rise approximately 0.4% for every 1 °C 33.8°F given a standard ambient temperature of 20°C 68°F.Therefore, when using relays where the ambient temperature is high, please take into consideration the rise in pick-up and drop out voltages and keep the coil applied voltage within the maximum applied voltage. REFERENCE DATA Characteristics Item Specifications Standard type High capacity type Contact Contact material 1 Form A: AgSnO2 type 1 Form C, 2 Form A and 2 Form C: AgNi type Arrangement 1 Form A, 1 Form C, 2 Form A and 2 Form C 1 Form A and 1 Form C Contact resistance (Initial) Max. 100 m Ω (By voltage drop 6 V DC 1A) Rating Nominal switching capacity (resistive load) 5A 250V AC, 5A 30V DC 10A 250V AC, 10A 30V DC Max. switching power (resistive load) 1,250VA, 150W 2,500VA, 300W Max. switching voltage 250V AC, 30V DC Max. switching current 5A 10A Min. switching capacity (reference value)*1 100mA, 5V DC Electrical characteristics Insulation resistance (Initial) Min. 1,000M Ω (at 500V DC) Measurement at same location as “Breakdown voltage” section. Breakdown voltage (Initial) Between open contacts 1,000 Vrms for 1 min. (Detection current: 10 mA) Between contact and coil 5,000 Vrms for 1 min. (Detection current: 10 mA) Between contact sets 3,000 Vrms for 1 min. (2 Form A, 2 Form C) (Detection current: 10 mA) Temperature rise (coil) 1 Form A: Max. 45 °C 113°F, 1 Form C, 2 Form A and 2 Form C: Max. 55 °C 131°F (resistive method, with nominal coil voltage and at nominal switching capacity, at 20 °C 68°F) 1 Form A: Max. 45 °C 113°F, 1 Form C: Max. 55 °C 131°F (resistive method, with nominal coil voltage and at nominal switching capacity, at 20 °C 68°F) Surge breakdown voltage*2 (Between contact and coil) (Initial) 10,000 V Operate time (at nominal voltage) (at 20 °C 68°F) Max. 15 ms (excluding contact bounce time.) Release time (at nominal voltage) (at 20 °C 68°F) Max. 5 ms (excluding contact bounce time) (Without diode) Mechanical characteristics Shock resistance Functional 98 m/s2 (Half-wave pulse of sine wave: 11 ms; detection time: 10 µs.) Destructive 980 m/s2 (Half-wave pulse of sine wave: 6 ms.) Vibration resistance Functional 10 to 55 Hz at double amplitude of 1.6 mm (Detection time: 10 µs.) Destructive 10 to 55 Hz at double amplitude of 2.0 mm Expected life Mechanical (at 180 times/min.) Min. 5 ×106 Electrical (at 6 times/min.) Min. 105 (at resistive load) Conditions Conditions for operation, transport and storage*3 Ambient temperature*4: –40 °C to +60°C –40°F to 140°F (Class E), (Class B: –40 °C to +85°C –40°F to 185°F) Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature) Max. operating speed (at nominal switching capacity) Flux-resistant type: 20 times/min., Sealed type: 6 times/min. Unit weight Approx. 13 g .46 oz JW 1 Form A Standard (5A) type 1. Maximum operating power 2. Operate/release time Sample: JW1aSN-DC12V-F, 10 pcs. Ambient temperature: 20 °C 68°F 3. Life curve 1 Form A Standard (5 A) type 10 100 10 100 1,000 1 Contact voltage, V AC resistive load DC resistive load 80 90 100 110 120 5 0 10 Min. Max. Min. x- x- Max. Coil applied voltage, %V Operate time Release time 100 10 510 15 Contact current, A 250 V AC resistive load 30 V DC resistive load |
Similar Part No. - JW1HN-DC12V |
|
Similar Description - JW1HN-DC12V |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |