Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JW1HN-DC6V Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # JW1HN-DC6V
Description  Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

JW1HN-DC6V Datasheet(HTML) 4 Page - Panasonic Semiconductor

  JW1HN-DC6V Datasheet HTML 1Page - Panasonic Semiconductor JW1HN-DC6V Datasheet HTML 2Page - Panasonic Semiconductor JW1HN-DC6V Datasheet HTML 3Page - Panasonic Semiconductor JW1HN-DC6V Datasheet HTML 4Page - Panasonic Semiconductor JW1HN-DC6V Datasheet HTML 5Page - Panasonic Semiconductor JW1HN-DC6V Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
JW
ASCTB190E 201210-T
JW 1 Form A High Capacity (10 A) type
1. Maximum operating power
2. Operate/release time
Sample: JW1aFSN-DC12V, 10 pcs.
Ambient temperature: 20
°C 68°F
3. Life curve
10
100
10
100
1,000
1
Contact voltage, V
AC resistive
load
DC resistive
load
80
90
100
110
120
5
0
10
Min.
Max.
Min.
x-
x-
Max.
Coil applied voltage, %V
Operate time
Release time
100
10
1
68
10
02
4
12
Contact current, A
250 V AC resistive load
30 V DC resistive load
4-(1). Coil temperature rise
(Contact carrying current: 5A)
Sample JW1aFSN-DC12V-F, 6 pcs.
Point measured: Inside the coil
4-(2). Coil temperature rise
(Contact carrying current: 10 A)
Sample: JW1aFSN-DC12V-F, 6 pcs.
Point measured: Inside the coil
100
140
120
160
10
20
30
40
50
60
70
0
Coil applied voltage, %V
85
°C
60
°C
25
°C
100
140
120
160
10
20
30
40
50
60
70
0
Coil applied voltage, %V
85
°C
60
°C
25
°C
JW 1 Form C Standard (5 A) type
1-(3). Maximum operating power
2. Operate/release time
Sample: JW1SN-DC12V-F, 6 pcs.
Ambient temperature: 20
°C 68°F
JW 1 Form C High Capacity (10 A) type
1. Maximum operating power
10
10
100
1,000
1
0
Contact voltage, V
AC resistive load (cos
ϕ = 1.0)
Max.
Min.
13
12
11
10
9
6
4
80
90
100
110
8
7
3
2
2
1
5
80
90
110
130
120
120
Max.
Min.
Max.
Min.
x-
x-
Coil applied voltage, %V
10
10
100
1,000
1
0
Contact voltage, V
AC resistive load (cos
ϕ = 1.0)
JW 2 Form A Standard (5 A) type
1. Maximum operating power
2. Operate/release time
Sample: JW2aSN-DC24V-F, 6 pcs.
Ambient temperature: 20
°C 68°F
10
10
100
1,000
1
0
Contact voltage, V
AC resistive load (cos
ϕ = 1.0)
14
13
12
10
8
6
4
2
80
90
100
110
120
14
13
12
10
8
6
4
2
80
90
100
110
120
Min.
x-
x-
Coil applied voltage, %V
Operate time
Release time
Max.
Max.
Min.


Similar Part No. - JW1HN-DC6V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
JW1HN-DC6V PANASONIC-JW1HN-DC6V Datasheet
141Kb / 7P
   power relays for power supply
More results

Similar Description - JW1HN-DC6V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
JW2SNDC12V PANASONIC-JW2SNDC12V Datasheet
116Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
JQ1APE-24V-H12 PANASONIC-JQ1APE-24V-H12 Datasheet
128Kb / 7P
   1a/1c 5A/10A small power relays
JQ1AP-B-24V-F PANASONIC-JQ1AP-B-24V-F Datasheet
93Kb / 6P
   1a/1c 5A/10A small power relays
JQ1AP-B-12V-F PANASONIC-JQ1AP-B-12V-F Datasheet
88Kb / 6P
   1a/1c 5A/10A small power relays
JQ1AP-24V-F PANASONIC-JQ1AP-24V-F Datasheet
128Kb / 7P
   1a/1c 5A/10A small power relays
JS1-B-24V-F PANASONIC-JS1-B-24V-F Datasheet
74Kb / 4P
   1a/1c 10A cubic type power relays
JS1-B-12V-F PANASONIC-JS1-B-12V-F Datasheet
102Kb / 5P
   1a/1c 10A cubic type power relays
JS1F-5V-F PANASONIC-JS1F-5V-F Datasheet
69Kb / 4P
   1a/1c 10A cubic type power relays
JS1-B-18V PANASONIC-JS1-B-18V Datasheet
69Kb / 4P
   1a/1c 10A cubic type power relays
JS1AF-B-24V-F PANASONIC-JS1AF-B-24V-F Datasheet
69Kb / 4P
   1a/1c 10A cubic type power relays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com