Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5140 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # 5140
Description  PROTECTED POWERHALL SENSOR LAMP/SOLENOID DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5140 Datasheet(HTML) 7 Page - Allegro MicroSystems

  5140 Datasheet HTML 1Page - Allegro MicroSystems 5140 Datasheet HTML 2Page - Allegro MicroSystems 5140 Datasheet HTML 3Page - Allegro MicroSystems 5140 Datasheet HTML 4Page - Allegro MicroSystems 5140 Datasheet HTML 5Page - Allegro MicroSystems 5140 Datasheet HTML 6Page - Allegro MicroSystems 5140 Datasheet HTML 7Page - Allegro MicroSystems 5140 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
5140
PROTECTED POWERHALL®
SENSOR:
LAMP/SOLENOID DRIVER
SENSOR LOCATION
FIGURE 5
ZENER CLAMP
DIODE CLAMP
V BB
VOUT(SAT)
V
+ V
BB
F
V
+ V + V
BB
Z
F
FIGURE 6
Dwg. EH-002
X
1
V
CC
4
3
2
+12 V
OPTIONAL ZENER
Dwg. WP-001-1
LAMP TURN-ON TIME
A
1
4
3
2
Dwg. MH-001B
0.015"
0.38 mm
NOM
0.121"
3.07 mm
0.053"
1.34 mm
BRANDED
SURFACE
ACTIVE AREA DEPTH
-20
0
25
55
85
150
50
AMBIENT TEMPERATURE IN
°C
125
100
75
-40
Dwg. GH-005A
V
= 14 V
BB
25
#168 BULB
14 V, 350 mA
#194 BULB
14 V, 270 mA
TYPICAL RELAY/SOLENOID DRIVER APPLICATION


Similar Part No. - 5140

ManufacturerPart #DatasheetDescription
logo
3M Electronics
5140 3M-5140 Datasheet
38Kb / 2P
   DIP Clips for 8-14-16-20-24-40 Pin Clips And 8 Through 40 Pin DIP Removers
logo
Allegro MicroSystems
5140 ALLEGRO-5140 Datasheet
154Kb / 8P
   SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
logo
ETAL Group
5140-G ETAL-5140-G Datasheet
236Kb / 4P
   Land vehicles, aircraft, watercraft, special vehicles
logo
Spectrum Microwave, Inc...
514057 SPECTRUM-514057 Datasheet
66Kb / 1P
   DIELECTRIC RESONATOR OSCILLATOR
logo
API Technologies Corp
514057 APITECH-514057 Datasheet
178Kb / 1P
   DIELECTRIC RESONATOR OSCILLATOR
More results

Similar Description - 5140

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3625 ALLEGRO-3625 Datasheet
145Kb / 8P
   POWERHALL SENSOR/DRIVERS FOR BRUSHLESS DC MOTORS
logo
Maxim Integrated Produc...
MAX4990E MAXIM-MAX4990E Datasheet
221Kb / 15P
   High-Voltage, 짹15kV ESD-Protected Electroluminescent Lamp Driver
Rev 0; 8/07
MAX4990 MAXIM-MAX4990 Datasheet
200Kb / 16P
   High-Voltage, 짹15kV ESD-Protected Electroluminescent Lamp Driver
19-0886; Rev 1; 11/07
logo
Pepperl+Fuchs Inc.
KCD2-SLD-EX1.1045 PF-KCD2-SLD-EX1.1045 Datasheet
1Mb / 5P
   Solenoid Driver
HIC2877 PF-HIC2877 Datasheet
729Kb / 5P
   Solenoid Driver
KCD0-SD-EX1.1245 PF-KCD0-SD-EX1.1245 Datasheet
898Kb / 4P
   Solenoid Driver
HIC2873 PF-HIC2873 Datasheet
733Kb / 5P
   Solenoid Driver
KCD0-SD3-EX1.1245 PF-KCD0-SD3-EX1.1245 Datasheet
882Kb / 4P
   Solenoid Driver
HIC2883 PF-HIC2883 Datasheet
947Kb / 6P
   Solenoid Driver
HIC2871A PF-HIC2871A Datasheet
778Kb / 4P
   Solenoid Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com