Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV431BLPRMG Datasheet(PDF) 11 Page - ON Semiconductor

Part # TLV431BLPRMG
Description  Low Voltage Precision Adjustable Shunt Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TLV431BLPRMG Datasheet(HTML) 11 Page - ON Semiconductor

Back Button TLV431BLPRMG Datasheet HTML 7Page - ON Semiconductor TLV431BLPRMG Datasheet HTML 8Page - ON Semiconductor TLV431BLPRMG Datasheet HTML 9Page - ON Semiconductor TLV431BLPRMG Datasheet HTML 10Page - ON Semiconductor TLV431BLPRMG Datasheet HTML 11Page - ON Semiconductor TLV431BLPRMG Datasheet HTML 12Page - ON Semiconductor TLV431BLPRMG Datasheet HTML 13Page - ON Semiconductor TLV431BLPRMG Datasheet HTML 14Page - ON Semiconductor TLV431BLPRMG Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
TLV431A, TLV431B, SCV431B
http://onsemi.com
11
Figure 31. Isolated Output Line Powered Switching Power Supply
The above circuit shows the TLV431A/B as a compensated amplifier controlling the feedback loop of an isolated output line
powered switching regulator. The output voltage is programmed to 3.3 V by the resistors values selected for R1 and R2. The
minimum output voltage that can be programmed with this circuit is 2.64 V, and is limited by the sum of the reference voltage
(1.24 V) and the forward drop of the optocoupler light emitting diode (1.4 V). Capacitor C1 provides loop compensation.
Gate Drive
VCC
Controller
VFB
GND
Current
Sense
DC Output
3.3 V
R1
3.0 k
R2
1.8 k
100
AC Input
C1
0.1 mF
Anode
Reference
NC
NC
Cathode
5
4
1
2
3
TLV43
1XXX
ALYWWG
G
PIN CONNECTIONS AND DEVICE MARKING
(Top View)
12 3
Cathode
Anode
Reference 1
2
3
(Top View)
XXX
= Specific Device Code
A
= Assembly Location
Y
= Year
L
= Wafer Lot
WW, W = Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
1. Reference
2. Anode
3. Cathode
TO−92
TSOP−5
SOT−23−3
XXX
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)


Similar Part No. - TLV431BLPRMG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TLV431BLPRMG ONSEMI-TLV431BLPRMG Datasheet
167Kb / 17P
   Low Voltage Precision Adjustable Shunt Regulator
February, 2016 ??Rev. 21
TLV431BLPRMG ONSEMI-TLV431BLPRMG Datasheet
394Kb / 19P
   Low Voltage Precision Adjustable Shunt Regulator
January, 2020 ??Rev. 26
More results

Similar Description - TLV431BLPRMG

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Texas Instruments
TLVH431A TI-TLVH431A Datasheet
500Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
International Rectifier
IRU431L IRF-IRU431L Datasheet
47Kb / 6P
   LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
   Low Voltage Adjustable Precision Shunt Regulator
logo
IK Semicon Co., Ltd
TL432 IKSEMICON-TL432 Datasheet
611Kb / 9P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Fairchild Semiconductor
RC0431A FAIRCHILD-RC0431A Datasheet
540Kb / 9P
   Low-Voltage Adjustable Precision Shunt Regulator
logo
Bookly Micro electronic
BM432 BOOKLY-BM432 Datasheet
401Kb / 14P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
KL432 KEXIN-KL432 Datasheet
118Kb / 2P
   Low Voltage Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
AT431 ETC1-AT431 Datasheet
355Kb / 14P
   Low-Voltage Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com