Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV431ASN1T1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # TLV431ASN1T1G
Description  Low Voltage Precision Adjustable Shunt Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TLV431ASN1T1G Datasheet(HTML) 3 Page - ON Semiconductor

  TLV431ASN1T1G Datasheet HTML 1Page - ON Semiconductor TLV431ASN1T1G Datasheet HTML 2Page - ON Semiconductor TLV431ASN1T1G Datasheet HTML 3Page - ON Semiconductor TLV431ASN1T1G Datasheet HTML 4Page - ON Semiconductor TLV431ASN1T1G Datasheet HTML 5Page - ON Semiconductor TLV431ASN1T1G Datasheet HTML 6Page - ON Semiconductor TLV431ASN1T1G Datasheet HTML 7Page - ON Semiconductor TLV431ASN1T1G Datasheet HTML 8Page - ON Semiconductor TLV431ASN1T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TLV431A, TLV431B, SCV431B
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
TLV431A
TLV431B
Unit
Min
Typ
Max
Min
Typ
Max
Reference Voltage (Figure 3)
(VKA = Vref, IK = 10 mA, TA = 25°C)
(TA = Tlow to Thigh, Note 1)
Vref
1.228
1.215
1.240
1.252
1.265
1.234
1.228
1.240
1.246
1.252
V
Reference Input Voltage Deviation Over Temperature (Figure 3)
(VKA = Vref, IK= 10 mA, TA = Tlow to Thigh, Note 1)
DVref
7.2
20
7.2
20
mV
Ration of Reference Input Voltage Change to Cathode Voltage
Change (Figure 4)
(VKA = Vref to 16 V, IK= 10 mA)
DVref
DVKA
−0.6
−1.5
−0.6
−1.5
mV
V
Reference Terminal Current (Figure 4)
(IK = 10 mA, R1 = 10 kW, R2 = open)
Iref
0.15
0.3
0.15
0.3
mA
Reference Input Current Deviation Over Temperature (Figure 4)
(IK = 10 mA, R1 = 10 kW, R2 = open, Notes 1, 2)
DIref
0.04
0.08
0.04
0.08
mA
Minimum Cathode Current for Regulation (Figure 3)
IK(min)
55
80
55
80
mA
Off−State Cathode Current (Figure 5)
(VKA = 6.0 V, Vref = 0)
(VKA = 16 V, Vref = 0)
IK(off)
0.01
0.012
0.04
0.05
0.01
0.012
0.04
0.05
mA
Dynamic Impedance (Figure 3)
(VKA = Vref, IK =0.1 mA to 20 mA, f ≤ 1.0 kHz, Note 3)
|ZKA|
0.25
0.4
0.25
0.4
W
1. Ambient temperature range: Tlow = *40°C, Thigh = 85°C.
2. The deviation parameters DVref and DIref are defined as the difference between the maximum value and minimum value obtained over the
full operating ambient temperature range that applied.
Vref Max
Vref Min
T1
T2
Ambient Temperature
DVref = Vref Max − Vref Min
DTA = T2 − T1
The average temperature coefficient of the reference input voltage, aVref is defined as:
αVref
ppm
°C +
(DVref)
Vref (TA+ 25°C)
106
DTA
aVref can be positive or negative depending on whether Vref Min or Vref Max occurs at the lower ambient temperature, refer to Figure 8.
Example: DVref = 7.2 mV and the slope is positive,
Example: Vref @ 25°C = 1.241 V
Example: DTA = 125°C
αVref
ppm
°C +
0.0072
1.241
125
+ 46 ppm °C
106
3. The dynamic impedance ZKA is defined as:
⏐ZKA⏐ +
DVKA
DIK
When the device is operating with two external resistors, R1 and R2, (refer to Figure 4) the total dynamic impedance of the circuit is given by:
⏐ZKA′⏐ + ⏐ZKA⏐
1 ) R1
R2


Similar Part No. - TLV431ASN1T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TLV431ASN1T1G ONSEMI-TLV431ASN1T1G Datasheet
187Kb / 14P
   Low Voltage Precision Adjustable Shunt Regulator
January, 2005 ??Rev. 7
TLV431ASN1T1G ONSEMI-TLV431ASN1T1G Datasheet
167Kb / 17P
   Low Voltage Precision Adjustable Shunt Regulator
February, 2016 ??Rev. 21
TLV431ASN1T1G ONSEMI-TLV431ASN1T1G Datasheet
394Kb / 19P
   Low Voltage Precision Adjustable Shunt Regulator
January, 2020 ??Rev. 26
More results

Similar Description - TLV431ASN1T1G

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Texas Instruments
TLVH431A TI-TLVH431A Datasheet
500Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
International Rectifier
IRU431L IRF-IRU431L Datasheet
47Kb / 6P
   LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
   Low Voltage Adjustable Precision Shunt Regulator
logo
IK Semicon Co., Ltd
TL432 IKSEMICON-TL432 Datasheet
611Kb / 9P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Fairchild Semiconductor
RC0431A FAIRCHILD-RC0431A Datasheet
540Kb / 9P
   Low-Voltage Adjustable Precision Shunt Regulator
logo
Bookly Micro electronic
BM432 BOOKLY-BM432 Datasheet
401Kb / 14P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
KL432 KEXIN-KL432 Datasheet
118Kb / 2P
   Low Voltage Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
AT431 ETC1-AT431 Datasheet
355Kb / 14P
   Low-Voltage Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com