Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTZJ18B Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MTZJ18B
Description  Zener diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MTZJ18B Datasheet(HTML) 3 Page - Diodes Incorporated

  MTZJ18B Datasheet HTML 1Page - Diodes Incorporated MTZJ18B Datasheet HTML 2Page - Diodes Incorporated MTZJ18B Datasheet HTML 3Page - Diodes Incorporated MTZJ18B Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MTZ J Series
Diodes
3/3
Electrical characteristics curves (Ta=25
°C)
Fig.1 Zener characteristics
0
1
µ
10
µ
100
µ
1m
10m
100m
68
2
4
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
ZENER VOLTAGE : VZ(V)
Pd=500mW
0
0
25
50
100
150 175 200
700
600
500
400
300
200
100
AMBIENT TEMPERATURE : Ta (
°C)
Fig. 2 Derating curve
0.08
0.06
0.04
0.02
0.00
0.02
0.04
0.06
0.08
0.10
Iz=5mA
Iz=10mA
Fig.3 Zener voltage-
temp.coefficient characteristics
10
20
30
40
50
2
ZENER VOLTAGE : Vz (V)
Iz=5mA
Iz=10mA
Makeup of the part number
• Please follow the part number designation when the order is placed.
• Fill in from the left, leaving any extra boxes empty on the right.
• Please refer packing specification about packing form.
Zener diodes
Example)
Part number
Packaging configuration
UD Z T E
− 17
.
0 B
Zener voltage
Subdivision
2


Similar Part No. - MTZJ18B

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MTZJ18B LRC-MTZJ18B Datasheet
34Kb / 2P
   MTZJ SERIES ZENER DIODES
logo
Rohm
MTZJ18B ROHM-MTZJ18B Datasheet
124Kb / 5P
   Zener diode
MTZJ18B ROHM-MTZJ18B Datasheet
176Kb / 5P
   Zener diode
MTZJ18B ROHM-MTZJ18B Datasheet
119Kb / 5P
   Zener diode
MTZJ18B ROHM-MTZJ18B Datasheet
177Kb / 5P
   Zener diode
More results

Similar Description - MTZJ18B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com