Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT3904WT1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMBT3904WT1
Description  General Purpose Transistors NPN and PNP Silicon
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT3904WT1 Datasheet(HTML) 3 Page - ON Semiconductor

  MMBT3904WT1 Datasheet HTML 1Page - ON Semiconductor MMBT3904WT1 Datasheet HTML 2Page - ON Semiconductor MMBT3904WT1 Datasheet HTML 3Page - ON Semiconductor MMBT3904WT1 Datasheet HTML 4Page - ON Semiconductor MMBT3904WT1 Datasheet HTML 5Page - ON Semiconductor MMBT3904WT1 Datasheet HTML 6Page - ON Semiconductor MMBT3904WT1 Datasheet HTML 7Page - ON Semiconductor MMBT3904WT1 Datasheet HTML 8Page - ON Semiconductor MMBT3904WT1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MMBT3904WT1, NPN, SMMBT3904WT1, NPN, MMBT3906WT1, PNP
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
SMALL−SIGNAL CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = 10 mAdc, VCE = 20 Vdc, f = 100 MHz)
MMBT3904WT1, SMMBT3904WT1
(IC = −10 mAdc, VCE = −20 Vdc, f = 100 MHz)
MMBT3906WT1
fT
300
250
MHz
Output Capacitance
(VCB = 5.0 Vdc, IE = 0, f = 1.0 MHz)
MMBT3904WT1, SMMBT3904WT1
(VCB = −5.0 Vdc, IE = 0, f = 1.0 MHz)
MMBT3906WT1
Cobo
4.0
4.5
pF
Input Capacitance
(VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz)
MMBT3904WT1, SMMBT3904WT1
(VEB = −0.5 Vdc, IC = 0, f = 1.0 MHz)
MMBT3906WT1
Cibo
8.0
10.0
pF
Input Impedance
(VCE = 10 Vdc, IC = 1.0 mAdc, f = 1.0 kHz)
MMBT3904WT1, SMMBT3904WT1
(VCE = −10 Vdc, IC = −1.0 mAdc, f = 1.0 kHz)
MMBT3906WT1
hie
1.0
2.0
10
12
k W
Voltage Feedback Ratio
(VCE = 10 Vdc, IC = 1.0 mAdc, f = 1.0 kHz)
MMBT3904WT1, SMMBT3904WT1
(VCE = −10 Vdc, IC = −1.0 mAdc, f = 1.0 kHz)
MMBT3906WT1
hre
0.5
0.1
8.0
10
X 10−4
Small−Signal Current Gain
(VCE = 10 Vdc, IC = 1.0 mAdc, f = 1.0 kHz)
MMBT3904WT1, SMMBT3904WT1
(VCE = −10 Vdc, IC = −1.0 mAdc, f = 1.0 kHz)
MMBT3906WT1
hfe
100
100
400
400
Output Admittance
(VCE = 10 Vdc, IC = 1.0 mAdc, f = 1.0 kHz)
MMBT3904WT1, SMMBT3904WT1
(VCE = −10 Vdc, IC = −1.0 mAdc, f = 1.0 kHz)
MMBT3906WT1
hoe
1.0
3.0
40
60
mmhos
Noise Figure
(VCE = 5.0 Vdc, IC = 100 mAdc, RS = 1.0 k W, f = 1.0 kHz)
MMBT3904WT1, SMMBT3904WT1
(VCE = −5.0 Vdc, IC = −100 mAdc, RS = 1.0 k W, f = 1.0 kHz)
MMBT3906WT1
NF
5.0
4.0
dB
SWITCHING CHARACTERISTICS
Characteristic
Condition
Symbol
Min
Max
Unit
Delay Time
(VCC = 3.0 Vdc, VBE = −0.5 Vdc)
MMBT3904WT1, SMMBT3904WT1
(VCC = −3.0 Vdc, VBE = 0.5 Vdc)
MMBT3906WT1
td
35
35
ns
Rise Time
(IC = 10 mAdc, IB1 = 1.0 mAdc)
MMBT3904WT1, SMMBT3904WT1
(IC = −10 mAdc, IB1 = −1.0 mAdc)
MMBT3906WT1
tr
35
35
Storage Time
(VCC = 3.0 Vdc, IC = 10 mAdc)
MMBT3904WT1, SMMBT3904WT1
(VCC = −3.0 Vdc, IC = −10 mAdc)
MMBT3906WT1
ts
200
225
ns
Fall Time
(IB1 = IB2 = 1.0 mAdc)
MMBT3904WT1, SMMBT3904WT1
(IB1 = IB2 = −1.0 mAdc)
MMBT3906WT1
tf
50
75
MMBT3904WT1, SMMBT3904WT1
Figure 1. Delay and Rise Time
Equivalent Test Circuit
Figure 2. Storage and Fall Time
Equivalent Test Circuit
+3 V
275
10 k
1N916
CS < 4 pF*
+3 V
275
10 k
CS < 4 pF*
< 1 ns
-0.5 V
+10.9 V
300 ns
DUTY CYCLE = 2%
< 1 ns
-9.1 V
+10.9 V
DUTY CYCLE = 2%
t1
0
10 < t1 < 500 ms
* Total shunt capacitance of test jig and connectors


Similar Part No. - MMBT3904WT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBT3904WT1 MOTOROLA-MMBT3904WT1 Datasheet
423Kb / 12P
   General Purpose Transistor
logo
ON Semiconductor
MMBT3904WT1 ONSEMI-MMBT3904WT1 Datasheet
296Kb / 12P
   GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
logo
Leshan Radio Company
MMBT3904WT1 LRC-MMBT3904WT1 Datasheet
455Kb / 9P
   General Purpose Transistors(NPN and PNP Silicon)
logo
ON Semiconductor
MMBT3904WT1 ONSEMI-MMBT3904WT1 Datasheet
166Kb / 12P
   General Purpose Transistors
January, 2011 ??Rev. 7
logo
WILLAS ELECTRONIC CORP
MMBT3904WT1 WILLAS-MMBT3904WT1 Datasheet
466Kb / 11P
   General Purpose Transistors
More results

Similar Description - MMBT3904WT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBT3904WT1 LRC-MMBT3904WT1 Datasheet
455Kb / 9P
   General Purpose Transistors(NPN and PNP Silicon)
logo
Micro Electronics
2N3705 MICRO-ELECTRONICS-2N3705 Datasheet
311Kb / 4P
   PNP NPN SILICON GENERAL PURPOSE AF TRANSISTORS
2N3702 MICRO-ELECTRONICS-2N3702 Datasheet
299Kb / 4P
   PNP/NPN SILICON GENERAL PURPOSE AF TRANSISTORS
logo
NXP Semiconductors
PEMZ7 PHILIPS-PEMZ7 Datasheet
80Kb / 12P
   NPN/PNP general purpose transistors
2001 Nov 07
PUMZ1 NXP-PUMZ1 Datasheet
111Kb / 7P
   NPN/PNP general purpose transistors
2004 Oct 15
PEMZ7 NXP-PEMZ7 Datasheet
142Kb / 9P
   NPN/PNP general purpose transistors
2001 Nov 07
logo
Nexperia B.V. All right...
PUMZ1 NEXPERIA-PUMZ1 Datasheet
291Kb / 8P
   NPN/PNP general purpose transistors
2004 Oct 15
logo
NXP Semiconductors
PEMZ1 PHILIPS-PEMZ1 Datasheet
49Kb / 8P
   NPN/PNP general purpose transistors
2001 Nov 07
PEMZ1 NXP-PEMZ1 Datasheet
114Kb / 7P
   NPN/PNP general purpose transistors
2001 Nov 07
logo
Unisonic Technologies
PUMZ1 UTC-PUMZ1_15 Datasheet
119Kb / 3P
   NPN/PNP GENERAL PURPOSE TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com