Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFT1445-H Datasheet(PDF) 1 Page - ON Semiconductor

Part # SFT1445-H
Description  N-Channel Power MOSFET 100V, 17A, 111m, Single TP/TP-FA
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SFT1445-H Datasheet(HTML) 1 Page - ON Semiconductor

  SFT1445-H Datasheet HTML 1Page - ON Semiconductor SFT1445-H Datasheet HTML 2Page - ON Semiconductor SFT1445-H Datasheet HTML 3Page - ON Semiconductor SFT1445-H Datasheet HTML 4Page - ON Semiconductor SFT1445-H Datasheet HTML 5Page - ON Semiconductor SFT1445-H Datasheet HTML 6Page - ON Semiconductor SFT1445-H Datasheet HTML 7Page - ON Semiconductor SFT1445-H Datasheet HTML 8Page - ON Semiconductor SFT1445-H Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
60612 TKIM/D2210PA TKIM TC-00002529 No. A1897-1/9
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
July, 2013
SFT1445
N-Channel Power MOSFET
100V, 17A, 111mΩ, Single TP/TP-FA
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Ordering number : ENA1897A
Features
ON-resistance RDS(on)1=85mΩ(typ.)
Input Capacitance Ciss=1030pF(typ.)
4V drive
Halogen free compliance
Protection diode in
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
100
V
Gate-to-Source Voltage
VGSS
±20
V
Drain Current (DC)
ID
17
A
Drain Current (PW≤10μs)
IDP
PW≤10μs, duty cycle≤1%
68
A
Allowable Power Dissipation
PD
1.0
W
Tc=25°C35
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions unit : mm (typ)
Package Dimensions unit : mm (typ)
7518-004
7003-004
T1445
LOT No.
TL
1
3
2,4
Product & Package Information
• Package : TP
• Package : TP-FA
• JEITA, JEDEC : SC-64, TO-251
• JEITA, JEDEC : SC-63, TO-252
• Minimum Packing Quantity : 500 pcs./bag
• Minimum Packing Quantity : 700 pcs./reel
Marking
Packing Type (TP-FA) : TL
Electrical Connection
(TP, TP-FA)
6.5
5.0
2.3
0.5
12
4
3
0.85
0.7
1.2
0.6
0.5
2.3
2.3
1 : Gate
2 : Drain
3 : Source
4 : Drain
TP
6.5
5.0
2.3
0.5
12
4
3
0.85
0.6
0.5
1.2
2.3
2.3
0 to 0.2
1 : Gate
2 : Drain
3 : Source
4 : Drain
TP-FA
SFT1445-H
SFT1445-TL-H


Similar Part No. - SFT1445-H

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
SFT1445-E DOINGTER-SFT1445-E Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
SFT1445-TL-E DOINGTER-SFT1445-TL-E Datasheet
2Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
SFT1445-TL-H VBSEMI-SFT1445-TL-H Datasheet
954Kb / 7P
   N-Channel 100 V (D-S) MOSFET
More results

Similar Description - SFT1445-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SFT1443 ONSEMI-SFT1443 Datasheet
418Kb / 9P
   N-Channel Power MOSFET 100V, 9A, 225m, Single TP/TP-FA
July, 2013
SFT1345-H ONSEMI-SFT1345-H Datasheet
387Kb / 9P
   Power MOSFET 100V, 11A, 275m, P-Channel Single TP/TP-FA
April, 2013
SFT1450-TL-H ONSEMI-SFT1450-TL-H Datasheet
412Kb / 9P
   N-Channel Power MOSFET 40V, 21A, 28m, Single TP/TP-FA
July, 2013
SFT1431-TL-E ONSEMI-SFT1431-TL-E Datasheet
409Kb / 9P
   N-Channel Power MOSFET 35V, 11A, 25m, Single TP/TP-FA
July, 2013
SFT1450-H ONSEMI-SFT1450-H Datasheet
412Kb / 9P
   N-Channel Power MOSFET 40V, 21A, 28m, Single TP/TP-FA
July, 2013
SFT1446-TL-H ONSEMI-SFT1446-TL-H Datasheet
424Kb / 10P
   N-Channel Power MOSFET 60V, 20A, 51m, Single TP/TP-FA
July, 2013
SFT1423-TL-E ONSEMI-SFT1423-TL-E Datasheet
409Kb / 9P
   N-Channel Power MOSFET 500V, 2A, 4.9, Single TP/TP-FA
July, 2013
SFT1350-TL-H ONSEMI-SFT1350-TL-H Datasheet
417Kb / 9P
   P-Channel Power MOSFET 40V, 19A, 59m, Single TP/TP-FA
July, 2013
SFT1342-TL-E ONSEMI-SFT1342-TL-E Datasheet
411Kb / 9P
   P-Channel Power MOSFET ??0V, ??2A, 62m, Single TP/TP-FA
July, 2013
2SA2205 ONSEMI-2SA2205 Datasheet
365Kb / 9P
   Bipolar Transistor -100V, -2A, Low VCE(sat), PNP Single TP/TP-FA
September, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com