Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTH0512MC Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # NTH0512MC
Description  Isolated 2W Dual Output SM DC/DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NTH0512MC Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  NTH0512MC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NTH0512MC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NTH0512MC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NTH0512MC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NTH0512MC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NTH0512MC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NTH Series
Isolated 2W Dual Output SM DC/DC Converters
KDC_NTH.C02 Page 5 of 6
www.murata-ps.com/support
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
PIN CONNECTIONS
Pin
Function
1-VIN
3+VIN
5NA
9-VOUT
11
OV
13
+VOUT
14
NA
16
NA
18
-VOUT
22
NC
24
NA
26
NA
NA - Not available for electrical connection.
NC - No internal electrical connection.-
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
All dimensions in inches ±0.01 (mm ±0.25mm). All pins on a 0.1 (2.54) pitch.
Weight: 2.75g
All dimensions in inches ±0.02 (mm±0.5).
Tube length : 18.70±0.079 (475±2.0).
Tube Quantity : 25
113
26
14
35
9
11
16
18
22
24
0.226 (5.75) 0.207 (5.25)
0.010 (0.25)
0.004 (0.10)
2.74 (0.108) MAX
0.06 (1.52) MAX
0.004 (0.1)
S
0.108 (2.75)
0.700 (17.78)
0.100 (2.54)
0.600 (15.24)
0.008 (0.2)
S
SEATING PLANE
S
±5.0°
0.020 (0.50)
x12 PINS
REFERENCE PLANE
DETAIL A
DETAIL A
12 PINS
0.029 (0.74) 0.025 (0.64)
5.35 (0.236)
6.00 (0.211)
0.008 (0.2)
S
0.012 (0.30)
0.008 (0.20)
x12 PINS
0.0416-0.0534 (1.0565-1.3565)
NTH0505MC
XYYWW
All dimensions in inches ±0.02 (mm±0.5)


Similar Part No. - NTH0512MC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NTH0512M CANDD-NTH0512M Datasheet
609Kb / 2P
   Isolated 2W Dual Output SM DC-DC Converters
More results

Similar Description - NTH0512MC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NTH CANDD-NTH Datasheet
609Kb / 2P
   Isolated 2W Dual Output SM DC-DC Converters
logo
Murata Power Solutions ...
NXJ2 MURATA-PS-NXJ2 Datasheet
694Kb / 13P
   Isolated 2W Single Output SM DC-DC Converters
logo
Microdc power Technolog...
2A-XSD MICRODC-2A-XSD Datasheet
632Kb / 4P
   Isolated 2W Dual Output DC/DC Converters
logo
C&D Technologies
NMH CANDD-NMH Datasheet
111Kb / 2P
   Isolated 2W Dual Output DC-DC Converters
logo
Murata Manufacturing Co...
NMH0512DC MURATA-NMH0512DC Datasheet
223Kb / 6P
   Isolated 2W Dual Output DC/DC Converters
logo
Microdc power Technolog...
2A-XD MICRODC-2A-XD Datasheet
632Kb / 4P
   Isolated 2W Dual Output DC/DC Converters
logo
C&D Technologies
NMH05055 CANDD-NMH05055 Datasheet
111Kb / 2P
   ISOLATED 2W DUAL OUTPUT DC-DC CONVERTERS
logo
Murata Power Solutions ...
NMH MURATA-PS-NMH Datasheet
272Kb / 6P
   Isolated 2W Dual Output DC/DC Converters
logo
Microdc power Technolog...
A-XD-2W MICRODC-A-XD-2W Datasheet
1Mb / 5P
   Isolated 2W Dual Output DC/DC Converters
2E-XS MICRODC-2E-XS Datasheet
651Kb / 4P
   Isolated 2W Dual&Single Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com