Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLXT973QEA3V Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # SLXT973QEA3V
Description  Cortina Systems짰 LXT973 10/100 Mbps Dual-Port Fast Ethernet PHY Transceiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SLXT973QEA3V Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button SLXT973QEA3V Datasheet HTML 7Page - List of Unclassifed Manufacturers SLXT973QEA3V Datasheet HTML 8Page - List of Unclassifed Manufacturers SLXT973QEA3V Datasheet HTML 9Page - List of Unclassifed Manufacturers SLXT973QEA3V Datasheet HTML 10Page - List of Unclassifed Manufacturers SLXT973QEA3V Datasheet HTML 11Page - List of Unclassifed Manufacturers SLXT973QEA3V Datasheet HTML 12Page - List of Unclassifed Manufacturers SLXT973QEA3V Datasheet HTML 13Page - List of Unclassifed Manufacturers SLXT973QEA3V Datasheet HTML 14Page - List of Unclassifed Manufacturers SLXT973QEA3V Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Page 11
Cortina Systems® LXT973 10/100 Mbps Dual-Port Fast Ethernet PHY Transceiver
LXT973 PHY Transceiver
Specification Update
249737, Revision 10.0
20 March 2007
5.0 Errata
Item 4:
MDIO Interface and Repeated Polling
Problem
Repeated polling of odd-numbered registers via the MDIO interface randomly returns the
contents of the previous even register.
Implication
Managed applications may not obtain the correct register contents when a particular
register is monitored for device status.
Workaround None.
Status
This erratum has been previously fixed.
Item 5:
3.3 V Fiber Speed Selection
Problem
In fiber mode, the hardware configuration pins (SD_2P5V/SPEEDn) set the speed rather
than set the signal detect voltage threshold.
Implication
Setting the SD_2P5V/SPEEDn to Low sets the device in 10 Mbps operation, which is not
supported in fiber mode. The signal detect function defaults to 2.5 V PECL thresholds.
The signal detect input is unreliable when driven from a 3.3 V PECL source.
Workaround To select 100 Mbps operation in fiber mode, tie the SD_2P5V/SPEEDn configuration pins
High through a 10 K
Ω resistor to VCC.
To properly terminate the signal detect input, tie the SDn pins High through a 10 K
Ω
resistor.
There is no workaround to enable the SD function when using a 3.3 V optical module.
Status
This erratum has been previously fixed.
Item 6:
Far-End Fault Reporting
Problem
If a link partner continuously sends successive Far-End Fault (FEF) codes (three sets of
84 1s followed by a 0), the LXT973 PHY Transceiver sets the Remote Fault bit High
(Register bit 1.4 = 1) and drops link (Register bit 1.2 = 0). Register bit 1.4 is cleared after a
Read and is not set High again while the Far-End Fault signal is present.
Implication
If the MAC reads Register bit 1.4 more than once under a continuous Far-End Fault
condition, a Far-End Fault is not indicated after the first read.
Once a remote fault has been indicated by Register bit 1.4 = 1, the following sequence
can be used to monitor the remote-fault status.
Managed Systems:
• Write Register 0 = 0x6100: Forces the port to 100 Mbps full-duplex internal loopback,
link is up, Register bit 1.2 = 1 and Register bit 1.4 = 0.
• Wait: Approximately 100 mS.
• Write Register 0 = 0x2100: Forces the port into 100 Mbps full-duplex. If Far-End Fault
is present, Register bit 1.4 = 1 indicates Far-End Fault and Register bit 1.2 = 0
indicates link is down.
Status
This erratum has been previously fixed.


Similar Part No. - SLXT973QEA3V

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
SLXT914QC-B3 INTEL-SLXT914QC-B3 Datasheet
959Kb / 45P
   Intel짰 LXT914 Flexible Quad Ethernet Repeater
More results

Similar Description - SLXT973QEA3V

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
   10/100 FAST ETHERNET PHY TRANSCEIVER
LAN83C180 SMSC-LAN83C180_01 Datasheet
163Kb / 22P
   10/100 Fast Ethernet PHY Transceiver
logo
Intel Corporation
LXT972M INTEL-LXT972M Datasheet
1Mb / 92P
   Single-Port 10/100 Mbps PHY Transceiver
logo
List of Unclassifed Man...
IP101ALF ETC2-IP101ALF Datasheet
501Kb / 36P
   Single port 10/100 Fast Ethernet Transceiver
logo
Intel Corporation
LXT971A INTEL-LXT971A Datasheet
650Kb / 90P
   3.3V Dual-Speed Fast Ethernet PHY Transceiver
logo
List of Unclassifed Man...
WBLXT9785HED0 ETC2-WBLXT9785HED0 Datasheet
1Mb / 244P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
Intel Corporation
LXT9785 INTEL-LXT9785 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
List of Unclassifed Man...
DM9161 ETC-DM9161 Datasheet
561Kb / 47P
   10/100 Mbps FAST ETHERNET PHYSICAL LAYER SINGLE CHIP TRANSCEIVER
logo
Davicom Semiconductor, ...
DM9161EP DAVICOM-DM9161EP Datasheet
94Kb / 3P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161C DAVICOM-DM9161C Datasheet
696Kb / 47P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com