Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLXT973QCA3V Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # SLXT973QCA3V
Description  Cortina Systems짰 LXT973 10/100 Mbps Dual-Port Fast Ethernet PHY Transceiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SLXT973QCA3V Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SLXT973QCA3V Datasheet HTML 6Page - List of Unclassifed Manufacturers SLXT973QCA3V Datasheet HTML 7Page - List of Unclassifed Manufacturers SLXT973QCA3V Datasheet HTML 8Page - List of Unclassifed Manufacturers SLXT973QCA3V Datasheet HTML 9Page - List of Unclassifed Manufacturers SLXT973QCA3V Datasheet HTML 10Page - List of Unclassifed Manufacturers SLXT973QCA3V Datasheet HTML 11Page - List of Unclassifed Manufacturers SLXT973QCA3V Datasheet HTML 12Page - List of Unclassifed Manufacturers SLXT973QCA3V Datasheet HTML 13Page - List of Unclassifed Manufacturers SLXT973QCA3V Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Page 10
Cortina Systems® LXT973 10/100 Mbps Dual-Port Fast Ethernet PHY Transceiver
LXT973 PHY Transceiver
Specification Update
249737, Revision 10.0
20 March 2007
5.0 Errata
5.0
Errata
Item 1:
Speed LED Stays Active During Reset
Problem
During reset, the speed LED on both ports stays lit. The other LED functions are turned off
during reset. This erratum has been confirmed on all LED modes with the speed function-
ality display while RESET is held active. All other functions such as Link, Activity, Duplex
Status, and MII Isolate turn off during reset.
Implication
Monitoring the speed LED during reset may be misleading. The LED functions properly
during normal operation.
Workaround None.
Status
There are no plans to fix this erratum.
Item 2:
Delay of Link While in Auto MDI/MDIX Enabled, Forced 100 Mbps
Mode
Problem
The LXT973 PHY Transceiver may have difficulty determining the MDI/MDIX setting
under the following conditions:
• Forced 100 Mbps mode
• Auto MDI/MDIX is enabled
• Link partner is auto-negotiation enabled
Implication
The LXT973 PHY Transceiver may take several seconds to establish link under the
following conditions:
• LXT973 PHY Transceiver is forced to 100 Mbps
• Auto MDI/MDIX is enabled
• Link partner is auto-negotiation enabled
Workaround Disable auto MDI/MDIX when in forced 100 Mbps mode.
Status
There are no plans to fix this erratum.
Item 3:
Establishment of Link in Forced 100 Mbps Mode
Problem
Link may not come up reliably when the following occurs:
• The LXT973 PHY Transceiver is in forced 100 Mbps mode and link is down.
• The link partner is configured to auto-negotiate.
• The link partner cannot handle instantaneous jitter on the MLT3 signal during link-up.
Implication
If this condition occurs, communication between the LXT973 PHY Transceiver and its link
partner may not establish. This condition does not occur in other speed setting combina-
tions.
Workaround Configure the LXT973 PHY Transceiver in auto-negotiation rather than forced 100 Mbps
mode, or configure the link partner to forced 100 Mbps instead of auto-negotiation to
establish link.
Status
There are no plans to fix this erratum.


Similar Part No. - SLXT973QCA3V

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
SLXT914QC-B3 INTEL-SLXT914QC-B3 Datasheet
959Kb / 45P
   Intel짰 LXT914 Flexible Quad Ethernet Repeater
More results

Similar Description - SLXT973QCA3V

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
   10/100 FAST ETHERNET PHY TRANSCEIVER
LAN83C180 SMSC-LAN83C180_01 Datasheet
163Kb / 22P
   10/100 Fast Ethernet PHY Transceiver
logo
Intel Corporation
LXT972M INTEL-LXT972M Datasheet
1Mb / 92P
   Single-Port 10/100 Mbps PHY Transceiver
logo
List of Unclassifed Man...
IP101ALF ETC2-IP101ALF Datasheet
501Kb / 36P
   Single port 10/100 Fast Ethernet Transceiver
logo
Intel Corporation
LXT971A INTEL-LXT971A Datasheet
650Kb / 90P
   3.3V Dual-Speed Fast Ethernet PHY Transceiver
logo
List of Unclassifed Man...
WBLXT9785HED0 ETC2-WBLXT9785HED0 Datasheet
1Mb / 244P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
Intel Corporation
LXT9785 INTEL-LXT9785 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
List of Unclassifed Man...
DM9161 ETC-DM9161 Datasheet
561Kb / 47P
   10/100 Mbps FAST ETHERNET PHYSICAL LAYER SINGLE CHIP TRANSCEIVER
logo
Davicom Semiconductor, ...
DM9161EP DAVICOM-DM9161EP Datasheet
94Kb / 3P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161C DAVICOM-DM9161C Datasheet
696Kb / 47P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com