Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT-6ES Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # CT-6ES
Description  SINGLE TURN CERMET TRIMMERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CT-6ES Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  CT-6ES Datasheet HTML 1Page - List of Unclassifed Manufacturers CT-6ES Datasheet HTML 2Page - List of Unclassifed Manufacturers CT-6ES Datasheet HTML 3Page - List of Unclassifed Manufacturers CT-6ES Datasheet HTML 4Page - List of Unclassifed Manufacturers CT-6ES Datasheet HTML 5Page - List of Unclassifed Manufacturers CT-6ES Datasheet HTML 6Page - List of Unclassifed Manufacturers CT-6ES Datasheet HTML 7Page - List of Unclassifed Manufacturers CT-6ES Datasheet HTML 8Page - List of Unclassifed Manufacturers CT-6ES Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
■ Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request.
COPAL ELECTRONICS
<Typical>
Plastic magazine length = 580 mm
(Without rubber cap)
Plastic magazine type
9.1
CT-6EMP
CT-6EMS
9.1
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
● CT-6ETP
Top adjustment
12.7
±1
2.5
1
6.35
±0.5
12.7
±0.3
0.45
±0.02
2.5
7
7
2 max.
4
±0.2
2.5
0.9
φ
Δ
2 max.
Δ
3
260
° Nom.
0.6W
× 2.6L × 1.6D
Resistance code &
Production date code
Lead-free Identification mark
CW rotation
1
2
3
CT-6
CERMET TRIMMERS
<Magazine packaging specifications>
● Magazine is packaged 75 pcs. per stick.
Orders will be accepted for units of 75 pcs. i.e., 150, 225 pcs., etc.
● Magazine is packed 3000 pcs. sticks per box.


Similar Part No. - CT-6ES

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CT-6ES COPAL-CT-6ES Datasheet
180Kb / 9P
   SINGLE TURN CERMET TRIMMERS
More results

Similar Description - CT-6ES

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
FT63EP100 COPAL-FT63EP100 Datasheet
161Kb / 7P
   SINGLE TURN CERMET TRIMMERS
CT6EP103 COPAL-CT6EP103 Datasheet
180Kb / 9P
   SINGLE TURN CERMET TRIMMERS
logo
List of Unclassifed Man...
RJ-13SR102 ETC2-RJ-13SR102 Datasheet
121Kb / 4P
   SINGLE TURN CERMET TRIMMERS
logo
Copal Electronics
RJ-4 COPAL-RJ-4 Datasheet
270Kb / 3P
   SINGLE TURN CERMET TRIMMERS
logo
List of Unclassifed Man...
RJ-6S205 ETC2-RJ-6S205 Datasheet
120Kb / 4P
   SINGLE TURN CERMET TRIMMERS
logo
Copal Electronics
FT-63 COPAL-FT-63 Datasheet
161Kb / 7P
   SINGLE TURN CERMET TRIMMERS
logo
List of Unclassifed Man...
CT-6ETV5K ETC2-CT-6ETV5K Datasheet
216Kb / 9P
   SINGLE TURN CERMET TRIMMERS
CT6EP501 ETC2-CT6EP501 Datasheet
216Kb / 9P
   SINGLE TURN CERMET TRIMMERS
logo
Copal Electronics
FT63ETH100 COPAL-FT63ETH100 Datasheet
161Kb / 7P
   SINGLE TURN CERMET TRIMMERS
CT-6 COPAL-CT-6 Datasheet
180Kb / 9P
   SINGLE TURN CERMET TRIMMERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com