Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

553-0233-200 Datasheet(PDF) 1 Page - Dialight Corporation

Part # 553-0233-200
Description  3MM LED CBI CIRCUTIT BOARD INDICATOR (DIN 41494 COMPATIBLE), NARROW BI-LEVEL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

553-0233-200 Datasheet(HTML) 1 Page - Dialight Corporation

  553-0233-200 Datasheet HTML 1Page - Dialight Corporation 553-0233-200 Datasheet HTML 2Page - Dialight Corporation 553-0233-200 Datasheet HTML 3Page - Dialight Corporation 553-0233-200 Datasheet HTML 4Page - Dialight Corporation 553-0233-200 Datasheet HTML 5Page - Dialight Corporation 553-0233-200 Datasheet HTML 6Page - Dialight Corporation 553-0233-200 Datasheet HTML 7Page - Dialight Corporation 553-0233-200 Datasheet HTML 8Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
4-30 Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
Color = 0) Blank 1) Red or Red/Green Bi-Color 2) Green 3) Yellow 4) Yellow/Green Bi-Color
7) Orange 8) Blue
3mm
LED CBI
® Circuit Board Indicator
(DIN 41494 Compatible), Narrow Bi-level
553-xxxx-200
2.54
[.100]
2.54
[.100]
4.32
[.170]
9.65
[.380]
2.54
[.100]
CATHODE LEAD
Red/Yel Cathode
for Bi-color
10.55
[.415]
2.54
[.100]
6.84
[.269]
3.51
[138]
ANODE
I.D.
2.54
[.100]
D
1.00
[.040]
0.46 SQ.
[.018]
5.08
[.200]
3.68
[.145]
RECOMMENDED P.C. BOARD LAYOUT
TOP
LED
2.09
[.115]
PART NO.
COLOR*
HIGH EFFICIENCY - LED TYPE 01
553-0111-200
Red
553-0122-200
Green
553-0133-200
Yellow
553-0177-200
Orange
553-0188-200
Blue³
LOW CURRENT - LED TYPE 02
553-0211-200
Red
553-0222-200
Green
553-0233-200
Yellow
RESISTOR 5 VOLTS - LED TYPE 03
553-0311-200
Red
553-0322-200
Green
553-0333-200
Yellow
BI-COLOR - LED TYPE 07
553-0711-200
Red/Green
553-0744-200
Yellow/Green
NON-DIFFUSED - LED TYPE 22
553-2211-200
Red
553-2222-200
Green
553-2233-200
Yellow
* Top-Bottom LED
REVERSE POLARITY OPTION AVAILABLE
See Part Number Ordering Code below.
Features
• Designed to accommodate DIN 41494
• Multiple CBIs form horizontal LED arrays on 5.08mm
(0.200”) center-lines. See page 4-41 and 4-42 for
pre-assembled arrays
• High Contrast, UL 94 V-0 rated, black housing
• Oxygen index: 32%
• Polymer content: PBT, 0.443 g
• Housing stand-offs facilitate PCB cleaning
• Solderability per MIL-STD-202F, method 208F
• LEDs are safe for direct viewing per IEC 825-1, EN-60825-1
Tolerance note: As noted, otherwise:
• LED Protrusion: ±0.04 mm [±0.016]
• CBI Housing: ±0.02mm[±0.008]
Custom Combinations
• Contact factory for information on custom bi-level arrays and
color combinations.
Dimensions in mm [inches]
Standard Polarity shown in drawing: Cathode left
Color
5 5 3 - x x x x - 2 x 0
Top Position
Bottom Position
LED Type
Series
PART NUMBER ORDERING CODE
Housing Type
Polarity Option
0 - Standard Cathode Left
1 - Reverse Cathode Right
NEW
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
SENSITIVE
DEVICES
³


Similar Part No. - 553-0233-200

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
553-0233-300 DIALIGHT-553-0233-300 Datasheet
76Kb / 10P
   LED CBI Circuit Board Indicator Bi-level
553-0233-300 DIALIGHT-553-0233-300 Datasheet
80Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-0233-310 DIALIGHT-553-0233-310 Datasheet
80Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
More results

Similar Description - 553-0233-200

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
564-0200-132F DIALIGHT-564-0200-132F Datasheet
26Kb / 1P
   3MM LED CBI CIRCUTIT BOARD INDICATOR (DIN 41494 COMPATIBLE), NARROW BI-LEVEL
553-0233F DIALIGHT-553-0233F Datasheet
84Kb / 10P
   3MM LED CBI CIRCUTIT BOARD INDICATOR (DIN 41494 COMPATIBLE), NARROW BI-LEVEL
551-0407F DIALIGHT-551-0407F Datasheet
644Kb / 2P
   3MM LED CBI CIRCUTIT BOARD INDICATOR (DIN 41494 COMPATIBLE), NARROW BI-LEVEL
571-0112-100 DIALIGHT-571-0112-100 Datasheet
32Kb / 2P
   2mm LED CBI Circuit Board Indicator (DIN 41494 Compatible), Bi-Level
570-0100-XXX DIALIGHT-570-0100-XXX Datasheet
26Kb / 2P
   2mm LED CBI Circuit Board Indicator (DIN 41494 Compatible), Tri-Level
569-011X-X00 DIALIGHT-569-011X-X00 Datasheet
43Kb / 3P
   3mm LED CBI Circuit Board Indicator High Density Narrow Bi-Level
571-0112-100F DIALIGHT-571-0112-100F Datasheet
36Kb / 2P
   2mm LED CBI짰 Circuit Board Indicator (DIN 41494 Compatible), Bi-Level
553-0122-300F DIALIGHT-553-0122-300F Datasheet
80Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-0111F DIALIGHT-553-0111F Datasheet
84Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-XXXX DIALIGHT-553-XXXX Datasheet
79Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com