Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

553-0111-200 Datasheet(PDF) 2 Page - Dialight Corporation

Part # 553-0111-200
Description  3MM LED CBI CIRCUTIT BOARD INDICATOR (DIN 41494 COMPATIBLE), NARROW BI-LEVEL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

553-0111-200 Datasheet(HTML) 2 Page - Dialight Corporation

  553-0111-200 Datasheet HTML 1Page - Dialight Corporation 553-0111-200 Datasheet HTML 2Page - Dialight Corporation 553-0111-200 Datasheet HTML 3Page - Dialight Corporation 553-0111-200 Datasheet HTML 4Page - Dialight Corporation 553-0111-200 Datasheet HTML 5Page - Dialight Corporation 553-0111-200 Datasheet HTML 6Page - Dialight Corporation 553-0111-200 Datasheet HTML 7Page - Dialight Corporation 553-0111-200 Datasheet HTML 8Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
4-31
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
4
553-xxxx-200
(DIN 41494 compatible)
Peak
IV
VF
Test
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Volts
Current (mA)
Angle 2
Θ
Θ½
Data sheet
Page #
553-0111-200
Red
635
10
2*
10
60°
521-9216
4-58
553-0122-200
Green
565
12.6
2.1*
10
60°
521-9210
4-58
553-0133-200
Yellow
585
10
2.1*
10
60°
521-9211
4-58
553-0177-200
Orange
600
7
2.2
10
60°
521-9498
4-58
553-0188-200
Blue
428
12
3.5
10
70°
521-9831
4-57
HIGH EFFICIENCY
Peak
IV
VF
Test
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Volts
Current (mA)
Angle 2
Θ
Θ½
Data sheet
Page #
553-0211-200
Red
635
1.6
1.7
2
60°
521-9324
4-60
553-0222-200
Green
565
1.6
1.9
2
60°
521-9326
4-60
553-0233-200
Yellow
585
1.6
1.8
2
60°
521-9325
4-60
LOW CURRENT
Peak
IV
Test
Forward
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Voltage
Current (mA)
Angle 2
Θ
Θ½
Data sheet
Page #
553-0311-200
Red
635
29
5
10
60°
521-9215
4-59
553-0322-200
Green
565
19
5
10
60°
521-9323
4-59
553-0333-200
Yellow
585
12.6
5
10
60°
521-9322
4-59
INTEGRAL RESISTOR, 5 VOLTS
Peak
IV
VF
Test
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Volts
Current (mA)
Angle 2
Θ
Θ½
Data sheet
Page #
553-0711-200
Red/Green
635/565
4.7/10
2/2.1
10
50°
521-9459
4-63
553-0744-200 Yellow/Green
585/565
4.3/6.3
2.1*/2.1*
10
80°
521-9478
4-62
BI-COLOR
Peak
IV
VF
Test
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Volts*
Current (mA)
Angle 2
Θ
Θ½
Data sheet
Page #
553-2211-200
Red
635
29
2
10
45°
521-9432
4-61
553-2222-200
Green
565
50
2.1
10
45°
521-9430
4-61
553-2233-200
Yellow
585
20
2.1
10
45°
521-9431
4-61
NON-DIFFUSED
Typical Operating Characteristics (TA=25°C)
See LED data sheet for additional information
See page 4-70 and 4-71 for Reference Only LED Drive Circuit Examples. See page 4-72 for Pin Out
CBI ARRAYS .200 PITCH
Dialight offers its Multiarray to reduce insertions and to assure indicator alignment. Multiarrays mount indicators on .200 centers. These
assemblies are available in arrays of 2 to 6. See pages 4-41 and 4-42 for information. Call factory for information on .185 pitched arrays.
* IF = 20mA
* IF = 20mA
* IF = 20mA


Similar Part No. - 553-0111-200

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
553-0111-300 DIALIGHT-553-0111-300 Datasheet
76Kb / 10P
   LED CBI Circuit Board Indicator Bi-level
553-0111-300 DIALIGHT-553-0111-300 Datasheet
80Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-0111-310 DIALIGHT-553-0111-310 Datasheet
80Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
More results

Similar Description - 553-0111-200

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
564-0200-132F DIALIGHT-564-0200-132F Datasheet
26Kb / 1P
   3MM LED CBI CIRCUTIT BOARD INDICATOR (DIN 41494 COMPATIBLE), NARROW BI-LEVEL
553-0233F DIALIGHT-553-0233F Datasheet
84Kb / 10P
   3MM LED CBI CIRCUTIT BOARD INDICATOR (DIN 41494 COMPATIBLE), NARROW BI-LEVEL
551-0407F DIALIGHT-551-0407F Datasheet
644Kb / 2P
   3MM LED CBI CIRCUTIT BOARD INDICATOR (DIN 41494 COMPATIBLE), NARROW BI-LEVEL
571-0112-100 DIALIGHT-571-0112-100 Datasheet
32Kb / 2P
   2mm LED CBI Circuit Board Indicator (DIN 41494 Compatible), Bi-Level
570-0100-XXX DIALIGHT-570-0100-XXX Datasheet
26Kb / 2P
   2mm LED CBI Circuit Board Indicator (DIN 41494 Compatible), Tri-Level
569-011X-X00 DIALIGHT-569-011X-X00 Datasheet
43Kb / 3P
   3mm LED CBI Circuit Board Indicator High Density Narrow Bi-Level
571-0112-100F DIALIGHT-571-0112-100F Datasheet
36Kb / 2P
   2mm LED CBI짰 Circuit Board Indicator (DIN 41494 Compatible), Bi-Level
553-0122-300F DIALIGHT-553-0122-300F Datasheet
80Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-0111F DIALIGHT-553-0111F Datasheet
84Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-XXXX DIALIGHT-553-XXXX Datasheet
79Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com