Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1460A-1CQ196B Datasheet(PDF) 4 Page - Actel Corporation

Part # A1460A-1CQ196B
Description  Highly Predictable Performance with 100% Automatic Placement and Routing
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A1460A-1CQ196B Datasheet(HTML) 4 Page - Actel Corporation

  A1460A-1CQ196B Datasheet HTML 1Page - Actel Corporation A1460A-1CQ196B Datasheet HTML 2Page - Actel Corporation A1460A-1CQ196B Datasheet HTML 3Page - Actel Corporation A1460A-1CQ196B Datasheet HTML 4Page - Actel Corporation A1460A-1CQ196B Datasheet HTML 5Page - Actel Corporation A1460A-1CQ196B Datasheet HTML 6Page - Actel Corporation A1460A-1CQ196B Datasheet HTML 7Page - Actel Corporation A1460A-1CQ196B Datasheet HTML 8Page - Actel Corporation A1460A-1CQ196B Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 98 page
background image
4
M ilita r y D e vic e O r d e rin g In fo rm a t io n
Application (Temperature Range)
C= Commercial (0 to +70°C)
M = Military (–55 to +125°C)
B = MIL-STD-883 Class B
E = Extended Flow (Space Level)
Package Type
CQ = Ceramic Quad Flat Pack (CQFP)
PG = Ceramic Pin Grid Array (CPGA)
Speed Grade
Std = Standard Speed
–1 = Approximately 15% faster than Standard
Part Number
A1010
= 1,200 Gates—ACT 1
A1020
= 2,000 Gates—ACT 1
A1240
= 4,000 Gates—ACT 2
A1280
= 8,000 Gates—ACT 2/1200XL
A1425
= 2,500 Gates—ACT 3
A1460
= 6,000 Gates—ACT 3
A14100 = 10,000 Gates—ACT 3
A32100 = 10,000 Gates—3200DX
A32200 = 20,000 Gates—3200DX
Device Revision
Package Lead Count
A14100
CQ
256
B
1
A


Similar Part No. - A1460A-1CQ196B

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1460A-1CQ196B ACTEL-A1460A-1CQ196B Datasheet
1Mb / 98P
   HiRel FPGAs
More results

Similar Description - A1460A-1CQ196B

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A10V20B-PL84C ACTEL-A10V20B-PL84C Datasheet
1Mb / 98P
   Highly Predictable Performance with 100 Automatic Placement and Routing
A1020B-PL44C ACTEL-A1020B-PL44C Datasheet
1Mb / 98P
   Highly Predictable Performance with Automatic Placement and Routing
logo
Everlight Electronics C...
EAST16086GA7 EVERLIGHT-EAST16086GA7 Datasheet
332Kb / 9P
   Compatible with automatic placement equipment.
EASRL3216GA3 EVERLIGHT-EASRL3216GA3 Datasheet
909Kb / 11P
   Compatible with automatic placement equipment.
EASR3216BA3 EVERLIGHT-EASR3216BA3 Datasheet
934Kb / 9P
   Compatible with automatic placement equipment.
EASV1810RA1 EVERLIGHT-EASV1810RA1 Datasheet
414Kb / 10P
   Compatible with automatic placement equipment.
EASV2010RGA1 EVERLIGHT-EASV2010RGA1 Datasheet
453Kb / 13P
   Compatible with automatic placement equipment.
EASV1706YA0 EVERLIGHT-EASV1706YA0 Datasheet
371Kb / 10P
   Compatible with automatic placement equipment.
EASV3015BA2 EVERLIGHT-EASV3015BA2 Datasheet
263Kb / 10P
   Compatible with automatic placement equipment.
EASV3015RGBA4 EVERLIGHT-EASV3015RGBA4 Datasheet
695Kb / 13P
   Compatible with automatic placement equipment.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com