Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS70928DBVR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70928DBVR
Description  150-mA, 30-V, 1-A IQ Voltage Regulators with Enable
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70928DBVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS70928DBVR Datasheet HTML 2Page - Texas Instruments TPS70928DBVR Datasheet HTML 3Page - Texas Instruments TPS70928DBVR Datasheet HTML 4Page - Texas Instruments TPS70928DBVR Datasheet HTML 5Page - Texas Instruments TPS70928DBVR Datasheet HTML 6Page - Texas Instruments TPS70928DBVR Datasheet HTML 7Page - Texas Instruments TPS70928DBVR Datasheet HTML 8Page - Texas Instruments TPS70928DBVR Datasheet HTML 9Page - Texas Instruments TPS70928DBVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
3.275
3.28
3.285
3.29
3.295
3.3
3.305
0
20
40
60
80
100
120
140
160
Output Current (mA)
TJ = −40°C
TJ = +25°C
TJ = +85°C
TJ = +125°C
TPS70933
G005
6.46
6.465
6.47
6.475
6.48
6.485
6.49
6.495
6.5
6.505
0
20
40
60
80
100
120
140
160
Output Current (mA)
TJ = −40°C
TJ = +25°C
TJ = +85°C
TJ = +125°C
TPS70965
G006
6.49
6.495
6.5
6.505
6.51
5
10
15
20
25
30
Input Voltage (V)
TJ = −40°C
TJ = +25°C
TJ = +85°C
TJ = +125°C
TPS70965
G003
1.18
1.185
1.19
1.195
1.2
1.205
0
20
40
60
80
100
120
140
160
Output Current (mA)
TJ = −40°C
TJ = +25°C
TJ = +85°C
TJ = +125°C
TPS70912
G004
1.195
1.2
1.205
0
5
10
15
20
25
30
Input Voltage (V)
TJ = −40°C
TJ = +25°C
TJ = +85°C
TJ = +125°C
TPS70912
G001
3.29
3.295
3.3
3.305
3.31
0
5
10
15
20
25
30
Input Voltage (V)
TJ = −40°C
TJ = +25°C
TJ = +85°C
TJ = +125°C
TPS70933
G002
TPS709
SBVS186E – MARCH 2012 – REVISED NOVEMBER 2013
www.ti.com
TYPICAL CHARACTERISTICS
Over operating temperature range (TJ = –40°C to +125°C), IOUT = 10 mA, VEN = 2 V, COUT = 2.2 μF, and VIN = VOUT(TYP) +
1 V or 2.7 V (whichever is greater), unless otherwise noted. Typical values are at TJ = +25°C.
Figure 1. 1.2-V LINE REGULATION vs
Figure 2. 3.3-V LINE REGULATION vs
VIN AND TEMPERATURE
VIN AND TEMPERATURE
Figure 3. 6.5-V LINE REGULATION vs
Figure 4. 1.2-V LOAD REGULATION vs
VIN AND TEMPERATURE
IOUT AND TEMPERATURE
Figure 5. 3.3-V LOAD REGULATION vs
Figure 6. 6.5-V LOAD REGULATION vs
IOUT AND TEMPERATURE
IOUT AND TEMPERATURE
6
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated


Similar Part No. - TPS70928DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70928DBVR TI1-TPS70928DBVR Datasheet
179Kb / 11P
[Old version datasheet]   150-mA, 30-V, UltraLow IQ, Low-Dropout Regulators with Enable
TPS70928DBVR TI1-TPS70928DBVR Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS70928DBVR TI1-TPS70928DBVR Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-uA IQ Voltage Regulators with Enable
TPS70928DBVR TI1-TPS70928DBVR Datasheet
1Mb / 36P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS70928DBVR TI-TPS70928DBVR Datasheet
2Mb / 39P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
More results

Similar Description - TPS70928DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS709 TI1-TPS709_16 Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709-Q1 TI1-TPS709-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_17 Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-uA IQ Voltage Regulators with Enable
TPS709 TI-TPS709_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS709xx 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI-TPS709_V02 Datasheet
2Mb / 39P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709-Q1 TI-TPS709-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS709-Q1 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS706 TI1-TPS706_16 Datasheet
1Mb / 31P
[Old version datasheet]   150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
TPS706 TI-TPS706_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS706 150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
TPS70912 TI1-TPS70912 Datasheet
179Kb / 11P
[Old version datasheet]   150-mA, 30-V, UltraLow IQ, Low-Dropout Regulators with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com