Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3361ELH Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # 3361ELH
Description  2-WIRE, CHOPPER-STABILIZED, HALL-EFFECT SWITCHES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3361ELH Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button 3361ELH Datasheet HTML 3Page - Allegro MicroSystems 3361ELH Datasheet HTML 4Page - Allegro MicroSystems 3361ELH Datasheet HTML 5Page - Allegro MicroSystems 3361ELH Datasheet HTML 6Page - Allegro MicroSystems 3361ELH Datasheet HTML 7Page - Allegro MicroSystems 3361ELH Datasheet HTML 8Page - Allegro MicroSystems 3361ELH Datasheet HTML 9Page - Allegro MicroSystems 3361ELH Datasheet HTML 10Page - Allegro MicroSystems 3361ELH Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
3361 AND 3362
2-WIRE,
CHOPPER-STABILIZED,
HALL-EFFECT SWITCHES
www.allegromicro.com
7
FUNCTIONAL DESCRIPTION
Dwg. EH-012
REG
X
+V
HALL
VOLTAGE
B
+
Dwg. AH-011-2
100
Dwg. EH-011-2A
0.1
µF
SUPPLY
X
'UA' PACKAGE
0.95 V
+
Chopper-Stabilized Technique. The Hall element can be
considered as a resistor array similar to a Wheatstone bridge. A
large portion of the offset is a result of the mismatching of these
resistors. These devices use a proprietary dynamic offset
cancellation technique, with an internal high-frequency clock to
reduce the residual offset voltage of the Hall element that is
normally caused by device overmolding, temperature dependen-
cies, and thermal stress. The chopper-stabilizing technique
cancels the mismatching of the resistor circuit by changing the
direction of the current flowing through the Hall plate using
CMOS switches and Hall voltage measurement taps, while
maintaing the Hall-voltage signal that is induced by the external
magnetic flux. The signal is then captured by a sample-and-
hold circuit and further processed using low-offset bipolar
circuitry. This technique produces devices that have an
extremely stable quiescent Hall output voltage, are immune to
thermal stress, and have precise recoverability after temperature
cycling. This technique will also slightly degrade the device
output repeatability. A relatively high sampling frequency is
used in order that faster signals can be processed.
More detailed descriptions of the circuit operation can be
found in: Technical Paper STP 97-10, Monolithic Magnetic
Hall Sensor Using Dynamic Quadrature Offset Cancellation
and Technical Paper STP 99-1, Chopper-Stabilized Amplifiers
With A Track-and-Hold Signal Demodulator.
Operation. As shown in the output characteristic graphs, the
output of the A3362 turns on when a magnetic field (south pole)
perpendicular to the Hall sensor is increased above the operate
point threshold (BOP). After turn on, the output will source
current equal to the device operating current plus a current
source (IGND(H)). When the magnetic field is decreased below
the release point (BRP), the output turns off and will source
current equal only to the Hall-effect sensor operating current
(IGND(L)). The A3361 output is inverted and the device turns off
at BOP and on at BRP. The difference in the magnetic operate
and release points is the hysteresis (Bhys) of the device. The
hysteresis allows clean switching of the output even in the
presence of external mechanical vibration or electrical noise.
Applications. It is strongly recommended that an external
bypass capacitor be connected (in close proximity to the Hall
sensor) between the supply and ground of the device to reduce
both external noise and noise generated by the chopper-
stabilization technique.
Extensive applications information on magnets and Hall-
effect sensors is also available in the Allegro Electronic Data
Book AMS-702 or Application Note 27701 or
www.allegromicro.com


Similar Part No. - 3361ELH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3361 BOURNS-3361 Datasheet
176Kb / 2P
   1/4 Square SMD Trimming Potentiometer
logo
Christian Bürkert GmbH ...
3361 BURKERT-3361 Datasheet
1Mb / 11P
   büS Distribution Box, IP65/ IP67/ IP69k
24.01.2023
logo
Bourns Electronic Solut...
3361 BOURNS-3361 Datasheet
106Kb / 1P
   Bourns짰 H-815 & H-870 Surface Mount & Through-Hole Design Kits
logo
Christian Bürkert GmbH ...
3361 BURKERT-3361 Datasheet
1,009Kb / 17P
   Manually operated 2-way globe control valve
18.03.2024
logo
Allegro MicroSystems
3361 ALLEGRO-3361 Datasheet
154Kb / 8P
   SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
More results

Similar Description - 3361ELH

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1150 ALLEGRO-A1150_16 Datasheet
955Kb / 14P
   Chopper-Stabilized, Two-Wire Hall-Effect Switches
A1152LUA-T ALLEGRO-A1152LUA-T Datasheet
265Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150_V5 ALLEGRO-A1150_V5 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150 ALLEGRO-A1150 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1190LUA-T ALLEGRO-A1190LUA-T Datasheet
420Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A119X ALLEGRO-A119X Datasheet
815Kb / 22P
   Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
A3245 ALLEGRO-A3245 Datasheet
392Kb / 12P
   Chopper-Stabilized Omnipolar Hall-Effect Switches
A1120 ALLEGRO-A1120 Datasheet
237Kb / 9P
   Chopper Stabilized Precision Hall Effect Switches
A1193LLHLT-T ALLEGRO-A1193LLHLT-T Datasheet
389Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A119 ALLEGRO-A119 Datasheet
815Kb / 22P
   Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com