Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR88C681P40 Datasheet(PDF) 8 Page - Exar Corporation

Part # XR88C681P40
Description  CMOS DUAL CHANNEL UART (DUART)
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR88C681P40 Datasheet(HTML) 8 Page - Exar Corporation

Back Button XR88C681P40 Datasheet HTML 4Page - Exar Corporation XR88C681P40 Datasheet HTML 5Page - Exar Corporation XR88C681P40 Datasheet HTML 6Page - Exar Corporation XR88C681P40 Datasheet HTML 7Page - Exar Corporation XR88C681P40 Datasheet HTML 8Page - Exar Corporation XR88C681P40 Datasheet HTML 9Page - Exar Corporation XR88C681P40 Datasheet HTML 10Page - Exar Corporation XR88C681P40 Datasheet HTML 11Page - Exar Corporation XR88C681P40 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 99 page
background image
XR88C681
=
  
DC ELECTRICAL CHARACTERISTICS1, 2, 3
Test Conditions:
 J  >" ; J6;  6K  %%  (% % '(+( $
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
;#9
# 9 ;-
6
=
;
;#8
# 8(- ;-

;
;
;#8
# 8(- ;- ((&

;
 J 66  6
;#85
# 8(- ;- 5.9:
<
;
;
;9
 9 ;-
<
;
#9 J <
;8
 8(- ;-
<
;
#8 J <•
##9
# 9 3-  
6
6
;#7 J  ;
##929
  ' ,( 9 3-  
1
A1
;#7 J  ;
#59
5 # 9  

;#7 J
#59
5 # 9  
>

#5#8
5 # 8(-  

;#7 J;
#58
5 # 8(-  

;#7 J;
#99
 *% ( 9 3-
 


; J  ;
#
 (  9 3-
 


; J  ;
#
,  &  <
/
6

'( $
#
,  &  <
1


$& $
Notes
1. Parameters are valid over the specified temperature and operating supply ranges. Typical values are 25
C, VCC = 5V and typical
processing parameters.
2. All voltages are referenced to ground (GND). For testing, input signal levels are 0.4V and 2.4V with a transition time of 20ns
maximum. All time measurements are referenced at input voltages of 0.8V and 2.0V as appropriate. See Figure 50.
3. For prime grade N, P, J, L, M, ML, VCC =5V+ 10%.
4. Measured operating with a 3.6864MHz crystal and with all outputs open.


Similar Part No. - XR88C681P40

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR88C681P EXAR-XR88C681P Datasheet
2Mb / 101P
   Two Full Duplex, Independent Channels
XR88C681P/28 EXAR-XR88C681P/28 Datasheet
1Mb / 99P
   CMOS DUAL CHANNEL UART (DUART)
XR88C681P/28 EXAR-XR88C681P/28 Datasheet
2Mb / 101P
   CMOS Dual Channel UART (DUART)
XR88C681P/40 EXAR-XR88C681P/40 Datasheet
1Mb / 99P
   CMOS DUAL CHANNEL UART (DUART)
XR88C681P/40 EXAR-XR88C681P/40 Datasheet
2Mb / 101P
   CMOS Dual Channel UART (DUART)
More results

Similar Description - XR88C681P40

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR88C681 EXAR-XR88C681 Datasheet
1Mb / 99P
   CMOS DUAL CHANNEL UART (DUART)
XR68C681 EXAR-XR68C681 Datasheet
1Mb / 75P
   CMOS Dual Channel UART (DUART)
XR68C681J-F EXAR-XR68C681J-F Datasheet
1Mb / 75P
   CMOS Dual Channel UART(DUART)
XR88C681 EXAR-XR88C681_06 Datasheet
2Mb / 101P
   CMOS Dual Channel UART (DUART)
XR82C684CJ-F EXAR-XR82C684CJ-F Datasheet
2Mb / 107P
   CMOS Quad Channel UART(QUART)
logo
IMP, Inc
EI68C681 IMP-EI68C681 Datasheet
37Kb / 2P
   DUAL UART
logo
A1 PROs co., Ltd.
EI68C681 A1PROS-EI68C681 Datasheet
44Kb / 2P
   DUAL UART
logo
NXP Semiconductors
SCN2681T PHILIPS-SCN2681T Datasheet
114Kb / 14P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
logo
Texas Instruments
TL16C752CI-Q1 TI1-TL16C752CI-Q1_16 Datasheet
1Mb / 57P
[Old version datasheet]   Dual UART
logo
NXP Semiconductors
SCC2681T PHILIPS-SCC2681T Datasheet
108Kb / 15P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com