Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3958 Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # 3958
Description  DMOS FULL-BRIDGE PWM MOTOR DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3958 Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button 3958 Datasheet HTML 2Page - Allegro MicroSystems 3958 Datasheet HTML 3Page - Allegro MicroSystems 3958 Datasheet HTML 4Page - Allegro MicroSystems 3958 Datasheet HTML 5Page - Allegro MicroSystems 3958 Datasheet HTML 6Page - Allegro MicroSystems 3958 Datasheet HTML 7Page - Allegro MicroSystems 3958 Datasheet HTML 8Page - Allegro MicroSystems 3958 Datasheet HTML 9Page - Allegro MicroSystems 3958 Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
3958
DMOS FULL-BRIDGE
PWM MOTOR DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
6
FUNCTIONAL DESCRIPTION (continued)
Serial Port Write Timing
DATA
CLOCK
Dwg. WP-038
STROBE
A
F
B
G
C
D
E
D19
D0
D18
D15 Phase Logic. Bit D15, in conjunction with
PHASE, determines if the device is operating in the
forward (PHASE
≠ D15) or reverse (PHASE = D15) state.
PHASE D15
State
OUTA OUTB
0
0
Reverse
Low
High
1
0
ForwardHigh
Low
0
1
ForwardHigh
Low
1
1
Reverse
Low
High
D16 Gm Range Select. Bit D16, in conjunction with
RANGE, determines if VREF is divided by 5 (RANGE ≠
D16) or by 10 (RANGE = D16).
RANGE
D16
Divider
00
÷10
10
÷5
01
÷5
11
÷10
D17 Internal PWM Mode. Bit D17, in conjunction with
MODE, selects slow (MODE
≠ D17) or mixed (MODE =
D17) current decay.
MODE D17
Current-Decay Mode
0
0
Mixed
1
0
Slow
0
1
Slow
1
1
Mixed
D18 Test Mode. Bit D18 low (default) operates the
device in normal mode. D18 is only used for testing
purposes. The user should never change this bit.
D19 Sleep Mode. Bit D19 selects a Sleep mode to
minimize power consumption when not in use. This
disables much of the internal circuitry including the
regulator and charge pump. On power up the serial port is
initialized to all 0s. Bit D19 should be programmed high
for 1 ms before attempting to enable any output driver.
D19
Sleep Mode
0
Sleep
1
Normal
Serial Port Write Timing Operation. Data is clocked
into the shift register on the rising edge of the CLOCK
signal. Normally STROBE will be held high, only
brought low to initiate a write cycle. Refer to diagram
below and these specifications for the minimum timing
requirements.
A. DATA setup time ......................................... 15 ns
B. DATA hold time ........................................... 10 ns
C. Setup STROBE to CLOCK rising edge ....... 50 ns
D. CLOCK high pulse width ............................ 50 ns
E. CLOCK low pulse width .............................. 50 ns
F. Setup CLOCK rising edge to STROBE ....... 50 ns
G. STROBE pulse width ................................... 50 ns


Similar Part No. - 3958

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3958 ALLEGRO-3958 Datasheet
171Kb / 12P
   DMOS FULL-BRIDGE PWM MOTOR DRIVER
logo
SCHOTT CORPORATION
39583 SCHOTT-39583 Datasheet
35Kb / 1P
   TRANSFORMER
logo
Allegro MicroSystems
3958 ALLEGRO-3958_02 Datasheet
171Kb / 12P
   DMOS FULL-BRIDGE PWM MOTOR DRIVER
More results

Similar Description - 3958

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3959SLB-T ALLEGRO-A3959SLB-T Datasheet
562Kb / 12P
   DMOS Full-Bridge PWM Motor Driver
A4950KLJTR-T ALLEGRO-A4950KLJTR-T Datasheet
231Kb / 9P
   Full-Bridge DMOS PWM Motor Driver
A3959 ALLEGRO-A3959 Datasheet
557Kb / 11P
   DMOS Full-Bridge PWM Motor Driver
A3959 ALLEGRO-A3959_16 Datasheet
562Kb / 12P
   DMOS Full-Bridge PWM Motor Driver
A3959SB ALLEGRO-A3959SB Datasheet
306Kb / 12P
   DMOS FULL-BRIDGE PWM MOTOR DRIVER
A4950_V3 ALLEGRO-A4950_V3 Datasheet
231Kb / 9P
   Full-Bridge DMOS PWM Motor Driver
3958 ALLEGRO-3958_02 Datasheet
171Kb / 12P
   DMOS FULL-BRIDGE PWM MOTOR DRIVER
A3959SLPTR ALLEGRO-A3959SLPTR Datasheet
541Kb / 11P
   DMOS Full-Bridge PWM Motor Driver
A4950 ALLEGRO-A4950 Datasheet
230Kb / 9P
   Full-Bridge DMOS PWM Motor Driver
3948 ALLEGRO-3948 Datasheet
146Kb / 12P
   DMOS FULL-BRIDGE PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com