Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3362LH Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # 3362LH
Description  2-WIRE, CHOPPER-STABILIZED, HALL-EFFECT SWITCHES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3362LH Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button 3362LH Datasheet HTML 4Page - Allegro MicroSystems 3362LH Datasheet HTML 5Page - Allegro MicroSystems 3362LH Datasheet HTML 6Page - Allegro MicroSystems 3362LH Datasheet HTML 7Page - Allegro MicroSystems 3362LH Datasheet HTML 8Page - Allegro MicroSystems 3362LH Datasheet HTML 9Page - Allegro MicroSystems 3362LH Datasheet HTML 10Page - Allegro MicroSystems 3362LH Datasheet HTML 11Page - Allegro MicroSystems 3362LH Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
3361 AND 3362
2-WIRE,
CHOPPER-STABILIZED,
HALL-EFFECT SWITCHES
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
8
PACKAGE DESIGNATOR 'LH'
(fits SC-74A solder-pad layout)
NOTES: 1. Tolerances on package height and width represent allowable mold offsets. Dimensions given are measured at the widest point (parting line).
2. Exact body and lead configuration at vendor’s option within limits shown.
3. Height does not include mold gate flash.
4. Where no tolerance is specified, dimension is nominal.
Dwg. MA-011-3 mm
12
1.00
2.40
0.95
0.70
3
Dwg. MA-010-3B in
12
0.006
0.000
0.0079
0.0050
0.122
0.114
0.083
0.073
0.118
0.106
0.037
BSC
0.022
REF
0.020
0.012
3
0
° TO
0.020 MIN
0.043
0.035
0.049
0.035
Dwg. MA-011-3 in
12
0.039
0.094
0.037
0.028
3
Dimensions in Inches
(for reference only)
Dimensions in Millimeters
(controlling dimensions)
Dwg. MA-010-3B mm
12
0.15
0.00
0.20
0.127
3.10
2.90
2.10
1.85
3.00
2.70
0.95
BSC
0.55
REF
0.50
0.30
3
0
° TO
0.25 MIN
1.10
0.90
1.25
0.90


Similar Part No. - 3362LH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3362 BOURNS-3362 Datasheet
249Kb / 2P
   1/4 Square Trimming Potentiometer
3362 BOURNS-3362 Datasheet
249Kb / 2P
   1/4 Square Trimming Potentiometer
3362 BOURNS-3362 Datasheet
258Kb / 2P
   1/4 ??Square Trimming Potentiometer
3362 BOURNS-3362 Datasheet
106Kb / 1P
   Bourns짰 H-815 & H-870 Surface Mount & Through-Hole Design Kits
logo
Vatronics Technologies ...
3362 VATRONICS-3362 Datasheet
83Kb / 3P
   6mm Square Single-Turn Trimmer Potentiometers
More results

Similar Description - 3362LH

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1150 ALLEGRO-A1150_16 Datasheet
955Kb / 14P
   Chopper-Stabilized, Two-Wire Hall-Effect Switches
A1152LUA-T ALLEGRO-A1152LUA-T Datasheet
265Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150_V5 ALLEGRO-A1150_V5 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150 ALLEGRO-A1150 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1190LUA-T ALLEGRO-A1190LUA-T Datasheet
420Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A119X ALLEGRO-A119X Datasheet
815Kb / 22P
   Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
A3245 ALLEGRO-A3245 Datasheet
392Kb / 12P
   Chopper-Stabilized Omnipolar Hall-Effect Switches
A1120 ALLEGRO-A1120 Datasheet
237Kb / 9P
   Chopper Stabilized Precision Hall Effect Switches
A1193LLHLT-T ALLEGRO-A1193LLHLT-T Datasheet
389Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A119 ALLEGRO-A119 Datasheet
815Kb / 22P
   Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com