Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1010B-PG84B Datasheet(PDF) 10 Page - Actel Corporation

Part # A1010B-PG84B
Description  Highly Predictable Performance with 100% Automatic Placement and Routing
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A1010B-PG84B Datasheet(HTML) 10 Page - Actel Corporation

Back Button A1010B-PG84B Datasheet HTML 6Page - Actel Corporation A1010B-PG84B Datasheet HTML 7Page - Actel Corporation A1010B-PG84B Datasheet HTML 8Page - Actel Corporation A1010B-PG84B Datasheet HTML 9Page - Actel Corporation A1010B-PG84B Datasheet HTML 10Page - Actel Corporation A1010B-PG84B Datasheet HTML 11Page - Actel Corporation A1010B-PG84B Datasheet HTML 12Page - Actel Corporation A1010B-PG84B Datasheet HTML 13Page - Actel Corporation A1010B-PG84B Datasheet HTML 14Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 98 page
background image
10
Ab s o l u t e Ma x i mu m R a t i n g s 1
Free air temperature range
Notes:
1.
Stresses beyond those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. Exposure to
absolute maximum rated conditions for extended periods may
affect device reliability. Devices should not be operated outside
the recommended operating conditions.
2.
VPP = VCC , except during device programming.
3.
VSV = VCC , except during device programming.
4.
VKS = GND , except during device programming.
5.
Device inputs are normally high impedance and draw extremely
low current. However, when input voltage is greater than VCC +
0.5V or less than GND – 0.5V, the internal protection diode will be
forward biased and can draw excessive current.
Re com m e nde d Op er at i n g Co ndi t i on s
Notes:
1.
Ambient temperature (TA) is used for commercial and
industrial; case temperature (TC) is used for military.
2.
All power supplies must be in the recommended operating range.
For more information, refer to the Power-Up Design Considerations
application note at http://www.actel.com/appnotes.
E l e c tric a l S p e c ific a t io n s
Notes:
1.
Actel devices can drive and receive either CMOS or TTL signal levels. No assignment of I/Os as TTL or CMOS is required.
2.
Tested one output at a time, VCC = min.
3.
Not tested; for information only.
4.
VOUT = 0V, f = 1 MHz
Symbol
Parameter
Limits
Units
VCC
DC Supply Voltage2, 3, 4
–0.5 to +7.0
V
VI
Input Voltage
–0.5 to VCC +0.5
V
VO
Output Voltage
–0.5 to VCC +0.5
V
IIO
I/O Source Sink
Current5
±20
mA
TSTG
Storage Temperature
–65 to +150
°C
Parameter
Commercial
Military
Units
Temperature
Range1
0 to +70
–55 to +125
°C
Power Supply
Tolerance2
±5
±10
%VCC
Symbol
Parameter
Test Condition
Commercial
Military
Units
Min.
Max.
Min.
Max.
VOH
1, 2
HIGH Level Output
IOH = –4 mA (CMOS)
3.7
V
IOH = –6 mA (CMOS)
3.84
V
VOL
1, 2
LOW Level Output
IOL = +6 mA (CMOS)
0.33
0.4
V
VIH
HIGH Level Input
TTL Inputs
2.0
VCC + 0.3
2.0
VCC + 0.3
V
VIL
LOW Level Input
TTL Inputs
–0.3
0.8
–0.3
0.8
V
IIN
Input Leakage
VI = VCC or GND
–10
+10
–10
+10
µA
IOZ
3-state Output Leakage
VO = VCC or GND
–10
+10
–10
+10
µA
CIO
I/O Capacitance3, 4
10
10
pF
ICC(S)
Standby VCC Supply Current VI = VCC or GND, IO = 0 mA
ACT 1
3
20
mA
ACT 2/3/1200XL/3200DX
2
20
mA
ICC(D)
Dynamic VCC Supply Current
See the “Power Dissipation” section on page 11.


Similar Part No. - A1010B-PG84B

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1010B-PG84B ACTEL-A1010B-PG84B Datasheet
1Mb / 98P
   HiRel FPGAs
More results

Similar Description - A1010B-PG84B

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A10V20B-PL84C ACTEL-A10V20B-PL84C Datasheet
1Mb / 98P
   Highly Predictable Performance with 100 Automatic Placement and Routing
A1020B-PL44C ACTEL-A1020B-PL44C Datasheet
1Mb / 98P
   Highly Predictable Performance with Automatic Placement and Routing
logo
Everlight Electronics C...
EAST16086GA7 EVERLIGHT-EAST16086GA7 Datasheet
332Kb / 9P
   Compatible with automatic placement equipment.
EASRL3216GA3 EVERLIGHT-EASRL3216GA3 Datasheet
909Kb / 11P
   Compatible with automatic placement equipment.
EASR3216BA3 EVERLIGHT-EASR3216BA3 Datasheet
934Kb / 9P
   Compatible with automatic placement equipment.
EASV1810RA1 EVERLIGHT-EASV1810RA1 Datasheet
414Kb / 10P
   Compatible with automatic placement equipment.
EASV2010RGA1 EVERLIGHT-EASV2010RGA1 Datasheet
453Kb / 13P
   Compatible with automatic placement equipment.
EASV1706YA0 EVERLIGHT-EASV1706YA0 Datasheet
371Kb / 10P
   Compatible with automatic placement equipment.
EASV3015BA2 EVERLIGHT-EASV3015BA2 Datasheet
263Kb / 10P
   Compatible with automatic placement equipment.
EASV3015RGBA4 EVERLIGHT-EASV3015RGBA4 Datasheet
695Kb / 13P
   Compatible with automatic placement equipment.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com