Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFT1342-E Datasheet(PDF) 2 Page - ON Semiconductor

Part # SFT1342-E
Description  P-Channel Power MOSFET ??0V, ??2A, 62m, Single TP/TP-FA
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SFT1342-E Datasheet(HTML) 2 Page - ON Semiconductor

  SFT1342-E Datasheet HTML 1Page - ON Semiconductor SFT1342-E Datasheet HTML 2Page - ON Semiconductor SFT1342-E Datasheet HTML 3Page - ON Semiconductor SFT1342-E Datasheet HTML 4Page - ON Semiconductor SFT1342-E Datasheet HTML 5Page - ON Semiconductor SFT1342-E Datasheet HTML 6Page - ON Semiconductor SFT1342-E Datasheet HTML 7Page - ON Semiconductor SFT1342-E Datasheet HTML 8Page - ON Semiconductor SFT1342-E Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SFT1342
No. A1559-2/9
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=--1mA, VGS=0V
--60
V
Zero-Gate Voltage Drain Current
IDSS
VDS=--60V, VGS=0V
--1
μA
Gate-to-Source Leakage Current
IGSS
VGS=±16V, VDS=0V
±10
μA
Cutoff Voltage
VGS(off)
VDS=--10V, ID=--1mA
--1.2
--2.6
V
Forward Transfer Admittance
| yfs |
VDS=--10V, ID=--6A
11
S
Static Drain-to-Source On-State Resistance
RDS(on)1
ID=--6A, VGS=--10V
47
62
RDS(on)2
ID=--6A, VGS=--4.5V
62
87
RDS(on)3
ID=--6A, VGS=--4V
68
96
Input Capacitance
Ciss
VDS=--20V, f=1MHz
1150
pF
Output Capacitance
Coss
115
pF
Reverse Transfer Capacitance
Crss
95
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
10
ns
Rise Time
tr
37
ns
Turn-OFF Delay Time
td(off)
135
ns
Fall Time
tf
75
ns
Total Gate Charge
Qg
VDS=--30V, VGS=--10V, ID=--12A
26
nC
Gate-to-Source Charge
Qgs
3.5
nC
Gate-to-Drain “Miller” Charge
Qgd
5nC
Diode Forward Voltage
VSD
IS=--12A, VGS=0V
--0.95
--1.2
V
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
SFT1342-E
TP
500pcs./bag
Pb Free
SFT1342-TL-E
TP-FA
700pcs./reel
PW=10μs
D.C.≤1%
P.G
50Ω
G
S
D
ID= --6A
RL=5Ω
VDD= --30V
VOUT
VIN
0V
--10V
VIN
SFT1342


Similar Part No. - SFT1342-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SFT1342-E ONSEMI-SFT1342-E Datasheet
357Kb / 6P
   Power MOSFET
September, 2014
logo
SHENZHEN DOINGTER SEMIC...
SFT1342-E DOINGTER-SFT1342-E Datasheet
1Mb / 4P
   P-Channel MOSFET uses advanced trench technology
More results

Similar Description - SFT1342-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SFT1423-TL-E ONSEMI-SFT1423-TL-E Datasheet
409Kb / 9P
   N-Channel Power MOSFET 500V, 2A, 4.9, Single TP/TP-FA
July, 2013
SFT1350-TL-H ONSEMI-SFT1350-TL-H Datasheet
417Kb / 9P
   P-Channel Power MOSFET 40V, 19A, 59m, Single TP/TP-FA
July, 2013
SFT1345-H ONSEMI-SFT1345-H Datasheet
387Kb / 9P
   Power MOSFET 100V, 11A, 275m, P-Channel Single TP/TP-FA
April, 2013
SFT1450-TL-H ONSEMI-SFT1450-TL-H Datasheet
412Kb / 9P
   N-Channel Power MOSFET 40V, 21A, 28m, Single TP/TP-FA
July, 2013
SFT1443 ONSEMI-SFT1443 Datasheet
418Kb / 9P
   N-Channel Power MOSFET 100V, 9A, 225m, Single TP/TP-FA
July, 2013
SFT1431-TL-E ONSEMI-SFT1431-TL-E Datasheet
409Kb / 9P
   N-Channel Power MOSFET 35V, 11A, 25m, Single TP/TP-FA
July, 2013
SFT1445-TL-H ONSEMI-SFT1445-TL-H Datasheet
420Kb / 9P
   N-Channel Power MOSFET 100V, 17A, 111m, Single TP/TP-FA
July, 2013
SFT1450-H ONSEMI-SFT1450-H Datasheet
412Kb / 9P
   N-Channel Power MOSFET 40V, 21A, 28m, Single TP/TP-FA
July, 2013
SFT1446-TL-H ONSEMI-SFT1446-TL-H Datasheet
424Kb / 10P
   N-Channel Power MOSFET 60V, 20A, 51m, Single TP/TP-FA
July, 2013
2SA2205 ONSEMI-2SA2205 Datasheet
365Kb / 9P
   Bipolar Transistor -100V, -2A, Low VCE(sat), PNP Single TP/TP-FA
September, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com