Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTP3N50E Datasheet(PDF) 2 Page - Motorola, Inc

Part # MTP3N50E
Description  TMOS POWER FET 3.0 AMPERES 500 VOLTS RDS(on) = 3.0 OHMS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTP3N50E Datasheet(HTML) 2 Page - Motorola, Inc

  MTP3N50E Datasheet HTML 1Page - Motorola, Inc MTP3N50E Datasheet HTML 2Page - Motorola, Inc MTP3N50E Datasheet HTML 3Page - Motorola, Inc MTP3N50E Datasheet HTML 4Page - Motorola, Inc MTP3N50E Datasheet HTML 5Page - Motorola, Inc MTP3N50E Datasheet HTML 6Page - Motorola, Inc MTP3N50E Datasheet HTML 7Page - Motorola, Inc MTP3N50E Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MTP3N50E
2
Motorola TMOS Power MOSFET Transistor Device Data
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–to–Source Breakdown Voltage
(VGS = 0, ID = 0.25 mA)
V(BR)DSS
500
Vdc
Zero Gate Voltage Drain Current
(VDS = 500 V, VGS = 0)
(VDS = 400 V, VGS = 0, TJ = 125°C)
IDSS
0.25
1.0
mAdc
Gate–Body Leakage Current, Forward (VGSF = 20 Vdc, VDS = 0)
IGSSF
100
nAdc
Gate–Body Leakage Current, Reverse (VGSR = 20 Vdc, VDS = 0)
IGSSR
100
nAdc
ON CHARACTERISTICS*
Gate Threshold Voltage
(VDS = VGS, ID = 0.25 mAdc)
(TJ = 125°C)
VGS(th)
2.0
1.5
4.0
3.5
Vdc
Static Drain–Source On–Resistance (VGS = 10 Vdc, ID = 1.5 Adc)
RDS(on)
2.4
3.0
Ohm
Drain–Source On–Voltage (VGS = 10 Vdc)
(ID = 3.0 A)
(ID = 1.5 A, TJ = 100°C)
VDS(on)
10
8.0
Vdc
Forward Transconductance (VDS = 15 Vdc, ID = 1.5 Adc)
gFS
1.0
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 25 V, VGS = 0,
f = 1.0 MHz)
Ciss
435
pF
Output Capacitance
(VDS = 25 V, VGS = 0,
f = 1.0 MHz)
Coss
56
Transfer Capacitance
f = 1.0 MHz)
Crss
9.2
SWITCHING CHARACTERISTICS*
Turn–On Delay Time
(VDD = 250 V, ID ≈ 3.0 A,
RG = 18 Ω, RL = 83 Ω,
VGS(on) = 10 V)
td(on)
14
ns
Rise Time
(VDD = 250 V, ID ≈ 3.0 A,
RG = 18 Ω, RL = 83 Ω,
VGS(on) = 10 V)
tr
14
Turn–Off Delay Time
RG = 18 Ω, RL = 83 Ω,
VGS(on) = 10 V)
td(off)
30
Fall Time
GS(on) = 10 V)
tf
20
Total Gate Charge
(VDS = 400 V, ID = 3.0 A,
VGS = 10 V)
Qg
15
21
nC
Gate–Source Charge
(VDS = 400 V, ID = 3.0 A,
VGS = 10 V)
Qgs
2.5
Gate–Drain Charge
VGS = 10 V)
Qgd
10
SOURCE–DRAIN DIODE CHARACTERISTICS*
Forward On–Voltage
(IS = 3.0 A)
VSD
1.5
Vdc
Forward Turn–On Time
(IS = 3.0 A, di/dt = 100 A/µs)
ton
**
ns
Reverse Recovery Time
(IS = 3.0 A, di/dt = 100 A/µs)
trr
200
INTERNAL PACKAGE INDUCTANCE
Internal Drain Inductance
(Measured from the contact screw on tab to center of die)
(Measured from the drain lead 0.25
″ from package to center of die)
Ld
3.5
4.5
nH
Internal Source Inductance
(Measured from the source lead 0.25
″ from package to source bond pad)
Ls
7.5
* Indicates Pulse Test: Pulse Width = 300
µs Max, Duty Cycle ≤ 2.0%.
** Limited by circuit inductance.


Similar Part No. - MTP3N50E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTP3N50E ONSEMI-MTP3N50E Datasheet
236Kb / 8P
   N?묬hannel Enhancement?묺ode Silicon Gate
August, 2006 ??Rev. 2
logo
Inchange Semiconductor ...
MTP3N50E ISC-MTP3N50E Datasheet
317Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MTP3N50E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTP3N60E MOTOROLA-MTP3N60E Datasheet
183Kb / 8P
   TMOS POWER FET 3.0 AMPERES 600 VOLTS RDS(on) = 2.2 OHMS
MTP4N80E MOTOROLA-MTP4N80E Datasheet
159Kb / 8P
   TMOS POWER FET 4.0 AMPERES 800 VOLTS RDS(on) = 3.0 OHM
MTP3N25E MOTOROLA-MTP3N25E Datasheet
208Kb / 8P
   TMOS POWER FET 3.0 AMPERES 250 VOLTS RDS(on) = 1.4 OHM
MTP3N120E MOTOROLA-MTP3N120E Datasheet
252Kb / 8P
   TMOS POWER FET 3.0 AMPERES 1200 VOLTS RDS(on) = 5.0 OHM
MTP3N100E MOTOROLA-MTP3N100E Datasheet
206Kb / 8P
   TMOS POWER FET 3.0 AMPERES 1000 VOLTS RDS(on) = 4.0 OHM
MTSF2P02HD MOTOROLA-MTSF2P02HD Datasheet
236Kb / 12P
   SINGLE TMOS POWER FET 3.0 AMPERES 20 VOLTS RDS(on) = 0.090 OHM
MTB3N100E MOTOROLA-MTB3N100E Datasheet
262Kb / 10P
   TMOS POWER FET 3.0 AMPERES 1000 VOLTS
MTB3N120E MOTOROLA-MTB3N120E Datasheet
322Kb / 12P
   TMOS POWER FET 3.0 AMPERES 1200 VOLTS
MTB3N60E MOTOROLA-MTB3N60E Datasheet
74Kb / 4P
   TMOS POWER FET 3.0 AMPERES 600 VOLTS
MTP10N40E MOTOROLA-MTP10N40E Datasheet
249Kb / 8P
   TMOS POWER FET 10 AMPERES 400 VOLTS RDS(on) = 0.55 OHMS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com