Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7H1101HKREM Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS7H1101HKREM
Description  1.5-V to 7-V, ULTRA LOW DROPOUT REGULATOR
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7H1101HKREM Datasheet(HTML) 4 Page - Texas Instruments

  TPS7H1101HKREM Datasheet HTML 1Page - Texas Instruments TPS7H1101HKREM Datasheet HTML 2Page - Texas Instruments TPS7H1101HKREM Datasheet HTML 3Page - Texas Instruments TPS7H1101HKREM Datasheet HTML 4Page - Texas Instruments TPS7H1101HKREM Datasheet HTML 5Page - Texas Instruments TPS7H1101HKREM Datasheet HTML 6Page - Texas Instruments TPS7H1101HKREM Datasheet HTML 7Page - Texas Instruments TPS7H1101HKREM Datasheet HTML 8Page - Texas Instruments TPS7H1101HKREM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
TPS7H1101-SP
TPS7H1201-HT
SLVSAS4F – JUNE 2013 – REVISED DECEMBER 2013
www.ti.com
THERMAL INFORMATION
(1) (2) (3)
TPS7H1x01
HKS
HKR
HKR
THERMAL METRIC(4)
(HeatSlug_up_no
(HeatSlug_down
(HeatSlug_down_no
UNITS
Underfill)(5)
Underfill)(6)(7)
Underfill)
16 PINS
16 PINS
16 PINS
θJA
Junction-to-ambient thermal resistance(8)
75.4
30.7
86.6
θJCtop
Junction-to-case (top) thermal resistance(9)
0.4
N/A
N/A
θJB
Junction-to-board thermal resistance(10)
4.8
69
59.3
ψJT
Junction-to-top characterization
1.1
2.4
5
°C/W
parameter(11)
ψJB
Junction-to-board characterization
53.5
12.3
63.2
parameter(12)
θJCbot
Junction-to-case (bottom) thermal
N/A
0.6
0.6
resistance(13)
(1)
Do not allow package body temperature to exceed 265°C at any time or permanent damage may result.
(2)
Maximum power dissipation may be limited by overcurrent protection.
(3)
Test board conditions:
(a) 2.5 inches × 2.5 inches, 4 layers, thickness: 0.062 inch
(b) 2 oz. copper traces located on the top of the PCB
(c) 2 oz. copper ground planes on the 2 internal layers and bottom layer
(d) 48 0.010 inch thermal vias located under the device package
(4)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(5)
Power rating at a specific ambient temperature TA should be determined with a junction temperature below 220°C. This is the point
where distortion starts to substantially increase. Thermal management of the PCB should strive to keep the junction temperature at or
below 220°C for best performance and long-term reliability.
(6)
Power rating at a specific ambient temperature TA should be determined with a junction temperature below 135°C. This is the point
where distortion starts to substantially increase. Thermal management of the PCB should strive to keep the junction temperature at or
below 230°C for best performance and long-term reliability.
(7)
Values listed in the underfill column were derived using properties from a composite, generic silver filled epoxy underfill. They are not
product specific.
(8)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(9)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC-
standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(10) The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(11) The junction-to-top characterization parameter,
ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA, using a procedure described in JESD51-2a (sections 6 and 7).
(12) The junction-to-board characterization parameter,
ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA , using a procedure described in JESD51-2a (sections 6 and 7).
(13) The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
Spacer
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS7H1101-SP TPS7H1201-HT


Similar Part No. - TPS7H1101HKREM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7H1101HKR/EM TI1-TPS7H1101HKR/EM Datasheet
995Kb / 29P
[Old version datasheet]   Radiation-Hardened Ultra-Low Dropout (LDO) Regulator
TPS7H1101HKR/EM TI1-TPS7H1101HKR/EM Datasheet
989Kb / 29P
[Old version datasheet]   1.5-V to 7-V Input, 3-A, Radiation-Hardened LDO Regulator
TPS7H1101HKR/EM TI1-TPS7H1101HKR/EM Datasheet
1Mb / 31P
[Old version datasheet]   1.5-V to 7-V Input, 3-A, Radiation-Hardened LDO Regulator
TPS7H1101HKR/EM TI-TPS7H1101HKR/EM Datasheet
2Mb / 32P
[Old version datasheet]   TPS7H1101A-SP 1.5-V to 7-V Input, 3-A, Radiation-Hardened LDO Regulator
TPS7H1101HKR/EM TI-TPS7H1101HKR/EM Datasheet
2Mb / 33P
[Old version datasheet]   TPS7H1101A-SP 1.5-V to 7-V Input, 3-A, Radiation-Hardened LDO Regulator
APRIL 2021
More results

Similar Description - TPS7H1101HKREM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7H1101-SP TI-TPS7H1101-SP_15 Datasheet
2Mb / 38P
[Old version datasheet]   TPS7H1x01 1.5-V to 7-V, Ultra-Low Dropout (LDO) Regulator
TPS7H1201-HT TI1-TPS7H1201-HT Datasheet
2Mb / 30P
[Old version datasheet]   1.5-V to 7-V Input, Ultra-Low Dropout (LDO) Regulator
logo
Sanken electric
SI-3010LLSL SANKEN-SI-3010LLSL Datasheet
257Kb / 2P
   1.5 A, Ultra-Low-Dropout, 1.1~3.3 V Regulator
logo
Allegro MicroSystems
SI-3010LLSL ALLEGRO-SI-3010LLSL Datasheet
1Mb / 9P
   1.5 A, Ultra-Low-Dropout, 1~3.3 V Regulator
logo
ON Semiconductor
NCV47700 ONSEMI-NCV47700_17 Datasheet
129Kb / 12P
   5 V to 20 V Adjustable Low Dropout Regulator
July, 2017 ??Rev. 3
NCV47701 ONSEMI-NCV47701_17 Datasheet
129Kb / 12P
   5 V to 20 V Adjustable Low Dropout Regulator
July, 2017 ??Rev. 3
logo
Texas Instruments
TPS7H1101A-SP TI1-TPS7H1101A-SP_17 Datasheet
1Mb / 31P
[Old version datasheet]   1.5-V to 7-V Input, 3-A, Radiation-Hardened LDO Regulator
logo
List of Unclassifed Man...
AMC7587 ETC1-AMC7587 Datasheet
292Kb / 10P
   1.5 Low Dropout Regulator
logo
Texas Instruments
TPS7H1101A-SP TI1-TPS7H1101A-SP Datasheet
989Kb / 29P
[Old version datasheet]   1.5-V to 7-V Input, 3-A, Radiation-Hardened LDO Regulator
TPS7H1101A-SP TI-TPS7H1101A-SP_V01 Datasheet
2Mb / 32P
[Old version datasheet]   TPS7H1101A-SP 1.5-V to 7-V Input, 3-A, Radiation-Hardened LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com