Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

32208414 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 32208414
Description  M series PRTDs are especially robust and are designed for large volume applications where long term stability
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

32208414 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  32208414 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
We reserve the right to make alterations and technical data printed. All technical data serves as a guideline and does not guarantee
particular properties to any products.
Name of document: 30910021 Index B
Status: 06/2010
Platinum Resistance Temperature Detector
M 422
M series PRTDs are especially robust and are designed for large volume applications where long term stability,
interchangeability and accuracy over a large temperature range are vital. Typical applications are Automotive, White
Goods, HVAC, Energy Management, Medical and Industrial Equipment.
Specification
DIN EN 60751 (according to IEC 751)
Temperature range
-70°C to +500°C (continuous operation)
(temporary use to 550°C possible)
Tolerance Class B:
-70°C to +500°C
Tolerance Class A:
-50°C to +300°C
Tolerance Class 1/3 B:
0°C to +150°C
Temperature coefficient
TC = 3850 ppm/K ; 3750 ppm/K available
on request
Leads
Pt clad Ni- wire
Recommend connection technology:
Welding, Crimping and Brazing
Lead lengths (L)
10mm ±1mm
Longterm stability
max. R0-drift 0.04% after 1000 h at 500 °C
Vibration resistance
at least 40g acceleration at 10 to 2000 Hz,
depends on installation
Shock resistance
at least 100g acceleration with 8ms half sine
wave, depends on installation
Environmental conditions
unhoused for dry environments only
Insulation resistance
> 100 M
 at 20°C; > 2 M at 500°C
Self heating
0.3 K/mW at 0°C
Response time
water current (v= 0.4m/s):
t0.5 = 0.07s
t0.9 = 0.20s
air stream (v= 2m/s):
t0.5 = 3.2s
t0.9 = 11s
Measuring current
100
: 0.3 to 1.0mA
500
: 0.1 to 0.7mA
1000
: 0.1 to 0.3mA
(self heating has to be considered)
Note
Other tolerances, values of resistance and wire lengths are
available on request.
Nominal
Resistance R0
Tolerance
DIN EN 60751
1996-07
Tolerance
DIN EN 60751
2009-05
Order Number
Plastic Bag
Order Number
Blister reel
100 Ohm at 0°C
Class 1/3 B
Class A
Class B
F 0.1
F 0.15
F 0.3
32 208 500
32 208 498
32 208 392
32 208 522
32 208 521
32 208 520
500 Ohm at 0°C
Class 1/3 B
Class A
Class B
F 0.1
F 0.15
F 0.3
32 208 502
32 208 501
32 208 414
32 208 525
32 208 524
32 208 523
1000 Ohm at 0°C
Class 1/3 B
Class A
Class B
F 0.1
F 0.15
F 0.3
32 208 537
32 208 503
32 208 499
32 208 527
32 208 526
The measuring point for the nominal resistance is defined at 8mm from the end of the sensor body.
1901 Route 130
North Brunswick, NJ 08902
Phone 732-940-4400
Fax 732-940-4445
Email info.hst-us@heraeus.com
http://heraeus-sensor-technology-us.com
Heraeus Sensor Technology USA


Similar Part No. - 32208414

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
32208428 ETC2-32208428 Datasheet
140Kb / 1P
   M series PRTDs are designed for large volume applications where long term stability
32208429 ETC2-32208429 Datasheet
140Kb / 1P
   M series PRTDs are designed for large volume applications where long term stability
32208439 ETC2-32208439 Datasheet
140Kb / 1P
   M series PRTDs are designed for large volume applications where long term stability
32208483 ETC2-32208483 Datasheet
140Kb / 1P
   M series PRTDs are designed for large volume applications where long term stability
More results

Similar Description - 32208414

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M219 ETC2-M219 Datasheet
399Kb / 1P
   M-series PRTDs are designed for large volume applications where long term stability
M620 ETC2-M620 Datasheet
267Kb / 1P
   M series PRTDs are designed for large volume applications where long term stability
M1020 ETC2-M1020 Datasheet
140Kb / 1P
   M series PRTDs are designed for large volume applications where long term stability
M213 ETC2-M213 Datasheet
129Kb / 1P
   M series PRTDs are designed for large volume applications where long term stability
L220 ETC2-L220 Datasheet
141Kb / 1P
   L series PRTDs are designed for large volume applications where long term stability
LN222 ETC2-LN222 Datasheet
199Kb / 1P
   L series PRTDs are designed for large volume applications where long term stability
L220P ETC2-L220P Datasheet
387Kb / 1P
   L series PRTDs are designed for large volume applications where long term stability
L1020 ETC2-L1020 Datasheet
137Kb / 1P
   L series PRTDs are designed for large volume applications where long term stability
L420 ETC2-L420 Datasheet
455Kb / 1P
   L series PRTDs are designed for large volume applications where long term stability
MN222 ETC2-MN222 Datasheet
174Kb / 1P
   MN- series PRTDs are designed for large volume applications where long term stability
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com