Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7H1201-HT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7H1201-HT
Description  1.5-V to 7-V, ULTRA LOW DROPOUT REGULATOR
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7H1201-HT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS7H1201-HT Datasheet HTML 6Page - Texas Instruments TPS7H1201-HT Datasheet HTML 7Page - Texas Instruments TPS7H1201-HT Datasheet HTML 8Page - Texas Instruments TPS7H1201-HT Datasheet HTML 9Page - Texas Instruments TPS7H1201-HT Datasheet HTML 10Page - Texas Instruments TPS7H1201-HT Datasheet HTML 11Page - Texas Instruments TPS7H1201-HT Datasheet HTML 12Page - Texas Instruments TPS7H1201-HT Datasheet HTML 13Page - Texas Instruments TPS7H1201-HT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Thermal Pad
(Bottom Side)
SS
EN
V
IN
PCL
GND
PG/OC
CS
V
OUT
V
OUT
V
OUT
V
OUT
COMP
FB
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
V
IN
V
IN
V
IN
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Thermal Pad
(Top Side)
FB
COMP
VOUT
VIN
VOUT
VOUT
VOUT
VIN
VIN
VIN
CS
PG/OC
GND
PCL
EN
SS
TPS7H1101-SP
TPS7H1201-HT
SLVSAS4F – JUNE 2013 – REVISED DECEMBER 2013
www.ti.com
PIN ASSIGNMENTS
HKS PACKAGE
(TOP VIEW)
HKR PACKAGE
(TOP VIEW)
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS7H1101-SP TPS7H1201-HT


Similar Part No. - TPS7H1201-HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7H1201-HT TI-TPS7H1201-HT Datasheet
2Mb / 38P
[Old version datasheet]   TPS7H1x01 1.5-V to 7-V, Ultra-Low Dropout (LDO) Regulator
TPS7H1201-HT TI1-TPS7H1201-HT Datasheet
2Mb / 30P
[Old version datasheet]   1.5-V to 7-V Input, Ultra-Low Dropout (LDO) Regulator
More results

Similar Description - TPS7H1201-HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7H1101-SP TI-TPS7H1101-SP_15 Datasheet
2Mb / 38P
[Old version datasheet]   TPS7H1x01 1.5-V to 7-V, Ultra-Low Dropout (LDO) Regulator
TPS7H1201-HT TI1-TPS7H1201-HT Datasheet
2Mb / 30P
[Old version datasheet]   1.5-V to 7-V Input, Ultra-Low Dropout (LDO) Regulator
logo
Sanken electric
SI-3010LLSL SANKEN-SI-3010LLSL Datasheet
257Kb / 2P
   1.5 A, Ultra-Low-Dropout, 1.1~3.3 V Regulator
logo
Allegro MicroSystems
SI-3010LLSL ALLEGRO-SI-3010LLSL Datasheet
1Mb / 9P
   1.5 A, Ultra-Low-Dropout, 1~3.3 V Regulator
logo
ON Semiconductor
NCV47700 ONSEMI-NCV47700_17 Datasheet
129Kb / 12P
   5 V to 20 V Adjustable Low Dropout Regulator
July, 2017 ??Rev. 3
NCV47701 ONSEMI-NCV47701_17 Datasheet
129Kb / 12P
   5 V to 20 V Adjustable Low Dropout Regulator
July, 2017 ??Rev. 3
logo
Texas Instruments
TPS7H1101A-SP TI1-TPS7H1101A-SP_17 Datasheet
1Mb / 31P
[Old version datasheet]   1.5-V to 7-V Input, 3-A, Radiation-Hardened LDO Regulator
logo
List of Unclassifed Man...
AMC7587 ETC1-AMC7587 Datasheet
292Kb / 10P
   1.5 Low Dropout Regulator
logo
Texas Instruments
TPS7H1101A-SP TI1-TPS7H1101A-SP Datasheet
989Kb / 29P
[Old version datasheet]   1.5-V to 7-V Input, 3-A, Radiation-Hardened LDO Regulator
TPS7H1101A-SP TI-TPS7H1101A-SP_V01 Datasheet
2Mb / 32P
[Old version datasheet]   TPS7H1101A-SP 1.5-V to 7-V Input, 3-A, Radiation-Hardened LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com