Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M1020 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # M1020
Description  M series PRTDs are designed for large volume applications where long term stability
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M1020 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  M1020 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
We reserve the right to make alterations and technical data printed. All technical data serves as a guideline and does not guarantee
particular properties to any products.
Name of document: 30910024 Index B
Status: 06/2010
Platinum Resistance Temperature Detector
M 1020
M series PRTDs are designed for large volume applications where long term stability, interchangeability and accuracy over
a large temperature range are vital. Typical applications are Automotive, White Goods, HVAC, Energy Management,
Medical and Industrial equipment.
The measuring point for the nominal resistance is defined at 8mm from the end of the sensor body.
Specification
DIN EN 60751 (according to IEC 751)
Temperature range
-70°C to +500°C (continuous operation)
(temporary use to 550°C possible)
Tolerance Class B:
-70°C to +500°C
Tolerance Class A:
-50°C to +300°C
Tolerance Class 1/3 DIN:
0°C to +150°C
Temperature coefficient
TC = 3850 ppm/K
Leads
Pt clad Ni- wire
Recommend connection technology:
Welding, Crimping and Brazing
Lead lengths (L)
10mm ±1 mm
Long-term stability
max. R0-drift 0.04% after 1000h at 500°C
Vibration resistance
at least 40g acceleration at 10 to 2000 Hz,
depends on installation
Shock resistance
at least 100g acceleration with 8ms half sine wave,
depends on installation
Environmental conditions
unhoused for dry environments only
Insulation resistance
> 100 M
 at 20°C; > 2 M at 500°C
Self heating
0.2 K/mW at 0°C
Response time
water current (v= 0.4m/s):
t0.5 = 0.10s
t0.9 = 0.30s
air stream (v= 2m/s):
t0.5 = 4.0s
t0.9 = 12.0s
Measuring current
100
: 0.3 to 1.0mA
500
: 0.1 to 0.7mA
1000
: 0.1 to 0.3mA
(self heating has to be considered)
Note
Other tolerances, values of resistance and wire lengths are
available on request.
Nominal
Resistance R0
Tolerance
DIN EN 60751
1996-07
Tolerance
DIN EN 60751
2009-05
Order Number
Plastic Bag
Order Number
Blister reel
100 Ohm at 0°C
Class 1/3 B
Class A
Class B
F 0.1
F 0.15
F 0.3
32 208 180
32 208 428
32 208 429
32 208 280
500 Ohm at 0°C
Class B
F 0.3
32 208 201
32 208 285
1000 Ohm at 0°C
Class 1/3 B
Class A
Class B
F 0.1
F 0.15
F 0.3
32 208 191
32 208 483
32 208 439
32 208 286
1901 Route 130
North Brunswick, NJ 08902
Phone 732-940-4400
Fax 732-940-4445
Email info.hst-us@heraeus.com
http://heraeus-sensor-technology-us.com
Heraeus Sensor Technology USA


Similar Part No. - M1020

ManufacturerPart #DatasheetDescription
logo
Enercon Technologies Eu...
M1020 ENERCON-M1020 Datasheet
644Kb / 8P
   TVS DIODES
Oct 18, 2021
logo
Cooper Bussmann, Inc.
M1020-2R5305-R COOPER-M1020-2R5305-R Datasheet
253Kb / 2P
   Supercapacitors
logo
Eaton All Rights Reserv...
M1020-2R5305-R EATON-M1020-2R5305-R Datasheet
347Kb / 3P
   Cylindrical cells
More results

Similar Description - M1020

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M219 ETC2-M219 Datasheet
399Kb / 1P
   M-series PRTDs are designed for large volume applications where long term stability
M620 ETC2-M620 Datasheet
267Kb / 1P
   M series PRTDs are designed for large volume applications where long term stability
M213 ETC2-M213 Datasheet
129Kb / 1P
   M series PRTDs are designed for large volume applications where long term stability
L220 ETC2-L220 Datasheet
141Kb / 1P
   L series PRTDs are designed for large volume applications where long term stability
LN222 ETC2-LN222 Datasheet
199Kb / 1P
   L series PRTDs are designed for large volume applications where long term stability
L220P ETC2-L220P Datasheet
387Kb / 1P
   L series PRTDs are designed for large volume applications where long term stability
L1020 ETC2-L1020 Datasheet
137Kb / 1P
   L series PRTDs are designed for large volume applications where long term stability
L420 ETC2-L420 Datasheet
455Kb / 1P
   L series PRTDs are designed for large volume applications where long term stability
MN222 ETC2-MN222 Datasheet
174Kb / 1P
   MN- series PRTDs are designed for large volume applications where long term stability
M422 ETC2-M422 Datasheet
138Kb / 1P
   M series PRTDs are especially robust and are designed for large volume applications where long term stability
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com