Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3953 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # 3953
Description  FULL-BRIDGE PWM MOTOR DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3953 Datasheet(HTML) 5 Page - Allegro MicroSystems

  3953 Datasheet HTML 1Page - Allegro MicroSystems 3953 Datasheet HTML 2Page - Allegro MicroSystems 3953 Datasheet HTML 3Page - Allegro MicroSystems 3953 Datasheet HTML 4Page - Allegro MicroSystems 3953 Datasheet HTML 5Page - Allegro MicroSystems 3953 Datasheet HTML 6Page - Allegro MicroSystems 3953 Datasheet HTML 7Page - Allegro MicroSystems 3953 Datasheet HTML 8Page - Allegro MicroSystems 3953 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
3953
FULL-BRIDGE
PWM MOTOR DRIVER
www.allegromicro.com
5
ELECTRICAL CHARACTERISTICS at TJ = 25˚C, VBB = 5 V to 50 V, VCC = 3.0 V to 5.5 V
(unless otherwise noted. )
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Thermal Shutdown Temp.
TJ
165
°C
Thermal Shutdown Hysteresis
∆TJ
8.0
°C
UVLO Enable Threshold
2.5
2.75
3.0
V
UVLO Hysteresis
0.12
0.17
0.25
V
Logic Supply Current
ICC(ON)
VENABLE = 0.8 V, VBRAKE = 2.0 V
42
50
mA
ICC(OFF)
VENABLE = 2.0 V, VMODE = 0.8 V
12
15
mA
ICC(Brake)
VBRAKE = 0.8 V
42
50
mA
ICC(Sleep)
VENABLE = VMODE = VBRAKE = 2.0 V
500
800
µA
Motor Supply Current
IBB(ON)
VENABLE = 0.8 V
2.5
4.0
mA
(No Load)
IBB(OFF)
VENABLE = 2.0 V, VMODE = 0.8 V
1.0
50
µA
IBB(Brake)
VBRAKE = 0.8 V
1.0
50
µA
IBB(Sleep)
VENABLE = VMODE = 2.0 V
1.0
50
µA
Logic Supply Voltage Range
VCC
Operating
3.0
5.0
5.5
V
Logic Input Voltage
VIN(1)
2.0
——
V
VIN(0)
——
0.8
V
Logic Input Current
IIN(1)
VIN = 2.0 V
<1.0
20
µA
IIN(0)
VIN = 0.8 V
<-2.0
-200
µA
VSENSE Voltage Range
VSENSE(3.3)
VCC = 3.0 V to 3.6 V
0
0.4
V
VSENSE(5.0)
VCC = 4.5 V to 5.5 V
0
1.0
V
Reference Input Current
IREF
VREF = 0 V to 1 V
——
±5.0
µA
Comparator Input Offset Volt.
VIO
VREF = 0 V
±2.0
±5.0
mV
Control Circuitry


Similar Part No. - 3953

ManufacturerPart #DatasheetDescription
logo
MolexKits
39530-0002 MOLEXKITS-39530-0002 Datasheet
38Kb / 2P
   Pluggable PCB Vertical and Horizontal Header and Plug
logo
Molex Electronics Ltd.
39530-0002 MOLEX11-39530-0002 Datasheet
40Kb / 1P
   5.08mm Pitch Eurostyle Horizontal Plug, 2 Circuits
logo
MolexKits
39530-0003 MOLEXKITS-39530-0003 Datasheet
38Kb / 2P
   Pluggable PCB Vertical and Horizontal Header and Plug
logo
Molex Electronics Ltd.
39530-0003 MOLEX11-39530-0003 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Horizontal Plug, 3 Circuits
logo
MolexKits
39530-0004 MOLEXKITS-39530-0004 Datasheet
38Kb / 2P
   Pluggable PCB Vertical and Horizontal Header and Plug
More results

Similar Description - 3953

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3951 ALLEGRO-3951 Datasheet
201Kb / 12P
   FULL-BRIDGE PWM MOTOR DRIVER
3952 ALLEGRO-3952 Datasheet
195Kb / 16P
   FULL-BRIDGE PWM MOTOR DRIVER
A4973 ALLEGRO-A4973_16 Datasheet
286Kb / 11P
   Full-Bridge PWM Motor Driver
logo
Freescale Semiconductor...
34923 FREESCALE-34923 Datasheet
378Kb / 16P
   Full-Bridge PWM Motor Driver
logo
Allegro MicroSystems
A4973SB-T ALLEGRO-A4973SB-T Datasheet
287Kb / 11P
   Full-Bridge PWM Motor Driver
A4973SLBTR-T ALLEGRO-A4973SLBTR-T Datasheet
286Kb / 11P
   Full-Bridge PWM Motor Driver
logo
Motorola, Inc
MC34923 MOTOROLA-MC34923 Datasheet
373Kb / 16P
   Full-Bridge PWM Motor Driver
logo
Allegro MicroSystems
A3953 ALLEGRO-A3953 Datasheet
488Kb / 12P
   Full-Bridge PWM Motor Driver
3953 ALLEGRO-3953_05 Datasheet
317Kb / 15P
   FULL-BRIDGE PWM MOTOR DRIVER
logo
Sanken electric
SI-5300 SANKEN-SI-5300 Datasheet
638Kb / 12P
   Full-bridge PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com