Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20IMX35D15D15-8 Datasheet(PDF) 6 Page - Power-One

Part # 20IMX35D15D15-8
Description  IMX35 Series Data Sheet 35 Watt Quad-Output DC-DC Converters
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

20IMX35D15D15-8 Datasheet(HTML) 6 Page - Power-One

Back Button 20IMX35D15D15-8 Datasheet HTML 2Page - Power-One 20IMX35D15D15-8 Datasheet HTML 3Page - Power-One 20IMX35D15D15-8 Datasheet HTML 4Page - Power-One 20IMX35D15D15-8 Datasheet HTML 5Page - Power-One 20IMX35D15D15-8 Datasheet HTML 6Page - Power-One 20IMX35D15D15-8 Datasheet HTML 7Page - Power-One 20IMX35D15D15-8 Datasheet HTML 8Page - Power-One 20IMX35D15D15-8 Datasheet HTML 9Page - Power-One 20IMX35D15D15-8 Datasheet HTML 10Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
®
IMX35 Series Data Sheet
35 Watt Quad-Output DC-DC Converters
BCD20009-G Rev AC, 06-May-2013
Page 6 of 15
Electrical Output Data
General conditions:
– TA = 25 °C, unless TC is specified
– Pins 8 (shutdown or i), 6 (W), 5 (Trim or Trim1), and 1 (PUL) left open-circuit (not connected), unless specified.
Table 6: Output data per double-output power train (Vo1/Vo4 or Vo2/Vo3; each power train has 2 outputs)
Output
2 x 5 V
2 x 12 V
2 x 15 V
Unit
Characteristics
Conditions
min
typ
max
min
typ
max
min
typ
max
Vo1
Output voltage
Vi nom
4.95
5.05
11.88
12.12
14.85
15.15
VDC
Vo2
Io = 0.5 Io nom
4.94
5.06
11.86
12.14
14.82
15.18
Io nom
Output current
20IMX Vi min to Vi max
2 × 1.35
2 × 0.65
2 × 0.55
A
40IMX
2 × 1.4
2 × 0.70
2 × 0.60
70IMX
2 × 1.4
2 × 0.70
2 × 0.60
110IMX
2 × 1.4
2 × 0.70
2 × 0.60
IoL
Current limit 1
20IMX Vi nom, TC = 25 °C
3.5
1.8
1.5
40IMX Vo = 93% Vo nom
3.8
2.0
1.7
70IMX
3.8
2.0
1.7
110IMX
3.8
2.0
1.7
∆Vo
Line regulation
Vi min to Vi max, Io nom
±1
±1
±1
%
∆Vo l
Load regulation
Vi nom
±3
±3
±3
Io = (0.1 to 1) Io nom
Vo1/2
Output voltage noise
Vi min to Vi max
2
80
120
150
mVpp
Io = Io nom
3
40
60
70
Vo L
Output overvoltage limit. 4
Min. load 1%
115
130
115
130
115
130
%
Co ext
Admissible capacitive load
produced after 2011
0
6000
0
680
0
470
µF
per power train 5
Vo d
Dynamic
Voltage deviat.
Vi nom
±250
± 480
±520
mV
td
load
Recovery time
Io nom
1/2Ionom
0.75
0.75
0.75
ms
regulation
αVo
Temperature coefficient
Vi min to Vi max
±0.02
±0.02
±0.02
%/K
∆Vo/∆TC
Io = (0.1 to 1) Io nom
1 Both outputs of each power train connected in parallel. The current limit is primary side controlled. In the event of a sustained overload
condition, the thermal protection may cause the converter to shut down (restart on cool-down).
2 BW = 20 MHz, measured with an external capacitor of 1 µF across the output pins.
3 Measured with a probe according to EN 61204
4 The overvoltage protection is via a primary side second regulation loop, not tracking with Trim control.
5 Sum of the capacities on both outputs of each power train


Similar Part No. - 20IMX35D15D15-8

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
20IMX35D15D15-8G BEL-20IMX35D15D15-8G Datasheet
1Mb / 16P
   35 Watt Quad-Output DC-DC Converter
More results

Similar Description - 20IMX35D15D15-8

ManufacturerPart #DatasheetDescription
logo
Power-One
70IMX35D05D15-8 POWER-ONE-70IMX35D05D15-8 Datasheet
474Kb / 15P
   IMX35 Series Data Sheet 35 Watt Quad-Output DC-DC Converters
logo
Bel Fuse Inc.
IMX35 BEL-IMX35 Datasheet
1Mb / 16P
   35 Watt Quad-Output DC-DC Converter
logo
Power-One
IMX35 POWER-ONE-IMX35 Datasheet
132Kb / 4P
   35 Watt DC-DC Converters
logo
Bel Fuse Inc.
20IMX4-03-8 BEL-20IMX4-03-8 Datasheet
1Mb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
logo
Power-One
20IMX4-12-8 POWER-ONE-20IMX4-12-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-0505-8 POWER-ONE-20IMX4-0505-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-05-8 POWER-ONE-20IMX4-05-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
110IMX7-05-8G POWER-ONE-110IMX7-05-8G Datasheet
380Kb / 15P
   IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
20IMX7-05-8G POWER-ONE-20IMX7-05-8G Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
40IMX7-05-8 POWER-ONE-40IMX7-05-8 Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com