Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20IMX35D05D05-8 Datasheet(PDF) 7 Page - Power-One

Part # 20IMX35D05D05-8
Description  IMX35 Series Data Sheet 35 Watt Quad-Output DC-DC Converters
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

20IMX35D05D05-8 Datasheet(HTML) 7 Page - Power-One

Back Button 20IMX35D05D05-8 Datasheet HTML 3Page - Power-One 20IMX35D05D05-8 Datasheet HTML 4Page - Power-One 20IMX35D05D05-8 Datasheet HTML 5Page - Power-One 20IMX35D05D05-8 Datasheet HTML 6Page - Power-One 20IMX35D05D05-8 Datasheet HTML 7Page - Power-One 20IMX35D05D05-8 Datasheet HTML 8Page - Power-One 20IMX35D05D05-8 Datasheet HTML 9Page - Power-One 20IMX35D05D05-8 Datasheet HTML 10Page - Power-One 20IMX35D05D05-8 Datasheet HTML 11Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
®
IMX35 Series Data Sheet
35 Watt Quad-Output DC-DC Converters
BCD20009-G Rev AC, 06-May-2013
Page 7 of 15
Fig. 5
Maximum allowed output power versus ambient
temperature.
Overtemperature Protection
The converter is protected against possible overheating by
means of an internal temperature monitoring circuit. It shuts
down the converter above the internal temperature limit and
attempts to automatically restart. This feature prevents
excessive internal temperature building up which could occur
under heavy overload conditions.
Short Circuit Behavior
The current limit characteristic shuts down the converter
whenever a short circuit is applied to an output. It acts self-
protecting and automatically recovers after removal of the
overload condition (hiccup mode).
Thermal Considerations
If a converter, mounted on a PCB, is located in free, quasi-
stationary air (convection cooling) at the indicated maximum
ambient temperature TA max (see table Temperature specifi-
cations) and is operated at its nominal input voltage and output
power, the case temperature TC (TC Z with option Z) measured
at the measuring point of case temperature (see Mechanical
Data) will approach the indicated value TC max after the warm-
up phase. However, the relationship between TA and TC
depends heavily on the conditions of operation and integration
into a system. The thermal conditions are influenced by input
voltage, output current, airflow, temperature of surrounding
components and the surfaces and properties of the printed
circuit board. TA max is therefore only an indicative value, and
under practical operating conditions, the ambient temperature
TA may be higher or lower than this value.
Caution: The case temperature TC (or TC Z) measured at the
measuring point of case temperature (see Mechanical Data) may
under no circumstances exceed the specified maximum value.
The installer must ensure that under all operating conditions TC (or
TC Z) remains within the limits stated in the table Temperature
specifications.
The converters provide the specified output power with free air
convection cooling. In the upper temperature range the output
power derating below should be observed.
Series and Parallel Connection
The outputs of one or several double-output power trains may
be connected in series respecting the current limitation.
Both outputs of the same power train can always be
connected in parallel in will behave like a single output.
Several outputs of the same converter with equal output
voltage (e.g. 5 V / 5 V) can be connected in parallel and will
share their output currents almost equally.
If outputs of the same converter are being parallel and series-
connected, it is recommended that outputs from the same
power trains are parallel-connected first. This applies for
instance, if 24 V shall be generated by a converter with four
12 V outputs; see fig. 7.
Fig. 6
Overload switch off (hiccup mode), typical values.
Note: Parallel operation of several converters may cause start-
up problems. This becomes noticable in applications, where one
converter is not able to deliver allone the full resistive and
capacitive load current, as it is required in true redundant systems.
70
100
V
o [%]
t
05041b
0.3 s
overload short-circuit condition
switch-off
0
1.0
0.8
0.6
0.4
0
0.2
20
40
60
80
100
°C
P
o /Po max
11047-X35a
T
A
0.5 m/s = 100 LFM
natural cooling
PWM
4
8
1
Vi+
SD
PUL
5
Trim
6
W
7
Ref
2
Vi–
16
15
17
18
13
14
12
11
Vo4–
Vo1+
Vo1–
Vo4+
Vo2+
Vo2–
Vo3+
Vo3–
JM138
3
n.c.
19
n.c.
–24V
+24V
IMX35D12D12-9
Fig. 7
Generating 24 V with an IMX35D12D12-9


Similar Part No. - 20IMX35D05D05-8

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
20IMX35D05D05-8G BEL-20IMX35D05D05-8G Datasheet
1Mb / 16P
   35 Watt Quad-Output DC-DC Converter
More results

Similar Description - 20IMX35D05D05-8

ManufacturerPart #DatasheetDescription
logo
Power-One
70IMX35D05D15-8 POWER-ONE-70IMX35D05D15-8 Datasheet
474Kb / 15P
   IMX35 Series Data Sheet 35 Watt Quad-Output DC-DC Converters
logo
Bel Fuse Inc.
IMX35 BEL-IMX35 Datasheet
1Mb / 16P
   35 Watt Quad-Output DC-DC Converter
logo
Power-One
IMX35 POWER-ONE-IMX35 Datasheet
132Kb / 4P
   35 Watt DC-DC Converters
logo
Bel Fuse Inc.
20IMX4-03-8 BEL-20IMX4-03-8 Datasheet
1Mb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
logo
Power-One
20IMX4-12-8 POWER-ONE-20IMX4-12-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-0505-8 POWER-ONE-20IMX4-0505-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-05-8 POWER-ONE-20IMX4-05-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
110IMX7-05-8G POWER-ONE-110IMX7-05-8G Datasheet
380Kb / 15P
   IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
20IMX7-05-8G POWER-ONE-20IMX7-05-8G Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
40IMX7-05-8 POWER-ONE-40IMX7-05-8 Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com