Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C220 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # C220
Description  The C series thin-film PRTDs
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C220 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  C220 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
We reserve the right to make alterations and technical data printed. All technical data serves as a guideline and does not guarantee
particular properties to any products.
Name of document: 30910000 Index A
Status: 06/2010
Platinum Resistance Temperature Detector
C 220
The C series thin-film PRTDs combine the ideal curve characteristics of ceramic wire-wound RTDs with the vibration
resistance of glass wire-wound RTDs and represent an excellent alternative to wire-wound RTDs. They are characterized
by high long-term stability, excellent temperature shock resistance and a wide temperature range of -196°C to +150°C.
The deviation from the DIN EN 60751 (according to IEC 751) characteristic curve is minimal over the entire temperature
range, they show no hysteresis. These features make them best suited for applications in aerospace, chemical and power
generation plants and analytical equipment.
Specification
DIN EN 60751
Nominal resistance
100Ω at 0°C
Temperature range
-196°C to +150°C
Tolerance Class B: -196°C to +150°C
Temperature coefficient
TC= 3850 ppm/K
Leads
AgPd- wire
Lead lengths (L)
10mm ±1mm
Long-term stability
max. R0-Drift 0.03% after 1000 h at 150°C
Environmental conditions
unhoused for dry environments only
Vibration resistance
at least 40g acceleration at 10 to 2000 Hz,
depends on installation
Shock resistance
at least 100g acceleration with 8ms
half sine wave, depends on installation
Insulation resistance
> 100 MΩ at 150°C
Self heating
0.4 K/mW at 0°C
Response time
water current (v= 0.4m/s):
t0.5 = 0.06s
t0.9 = 0.20s
air stream (v= 2m/s):
t0.5 = 3.5s
t0.9 = 13.0s
Measuring current
100Ω: 0.3 to 1.0mA
(self heating has to be considered)
Note
Other tolerances, values of resistance and wire lengths are
available on request.
Nominal
Resistance R0
Tolerance
DIN EN 60751
1996-07
Tol erance
DI N EN 60751
2009-05
Order Num ber
Plastic Box
100 Ohm at 0°C
Class B
F 0.3
32 207 399
The measuring point for the nominal resistance is defined at 8mm from the end of the sonsor body.
1901 Route 130
North Brunswick, NJ 08902
Phone 732-940-4400
Fax 732-940-4445
Email info.hst-us@heraeus.com
http://heraeus-sensor-technology-us.com
Heraeus Sensor Technology USA


Similar Part No. - C220

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
C220-025 OHMITE-C220-025 Datasheet
309Kb / 2P
   TO-247, TO-220 and TO-264 Package Heatsinks
C220-025 OHMITE-C220-025 Datasheet
525Kb / 2P
   Maximum Repeatability Constant spring force over repeated assembly/disassembly
C220-025 OHMITE-C220-025 Datasheet
525Kb / 2P
   Ohmite introduces the C series
C220-025-1AE OHMITE-C220-025-1AE Datasheet
525Kb / 2P
   Maximum Repeatability Constant spring force over repeated assembly/disassembly
C220-025-1VE OHMITE-C220-025-1VE Datasheet
525Kb / 2P
   Maximum Repeatability Constant spring force over repeated assembly/disassembly
More results

Similar Description - C220

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C416 ETC2-C416 Datasheet
425Kb / 1P
   The C series thin-film PRTDs
logo
California Micro Device...
210R CALMIRCO-210R Datasheet
396Kb / 1P
   THIN FILM SERIES
logo
Unisonic Technologies
DTC144VG-AE3-R UTC-DTC144VG-AE3-R Datasheet
124Kb / 3P
   The bias resistors are thin-film resistors
logo
California Micro Device...
110R CALMIRCO-110R Datasheet
393Kb / 1P
   THIN FILM RESISTOR SERIES
XRN772 CALMIRCO-XRN772 Datasheet
37Kb / 1P
   Thin Film Resistor Series
logo
M/A-COM Technology Solu...
LG30_SMLG30 MA-COM-LG30_SMLG30 Datasheet
162Kb / 3P
   TO-8 Thin-Film Linearizer For The G30
LG30 MA-COM-LG30 Datasheet
162Kb / 3P
   TO-8 Thin-Film Linearizer For The G30
logo
Tyco Electronics
LG30 MACOM-LG30 Datasheet
65Kb / 1P
   TO-8 THIN-FILM LINEARIZER FOR THE G30
logo
M/A-COM Technology Solu...
LG30-SMLG30 MA-COM-LG30-SMLG30_15 Datasheet
162Kb / 3P
   TO-8 Thin-Film Linearizer For The G30
logo
California Micro Device...
CC5100J CALMIRCO-CC5100J Datasheet
76Kb / 1P
   THIN FILM MNOS CAPACITOR SERIES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com