Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3362UA Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A3362UA
Description  2-WIRE, CHOPPER-STABILIZED, HALL-EFFECT SWITCHES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3362UA Datasheet(HTML) 5 Page - Allegro MicroSystems

  A3362UA Datasheet HTML 1Page - Allegro MicroSystems A3362UA Datasheet HTML 2Page - Allegro MicroSystems A3362UA Datasheet HTML 3Page - Allegro MicroSystems A3362UA Datasheet HTML 4Page - Allegro MicroSystems A3362UA Datasheet HTML 5Page - Allegro MicroSystems A3362UA Datasheet HTML 6Page - Allegro MicroSystems A3362UA Datasheet HTML 7Page - Allegro MicroSystems A3362UA Datasheet HTML 8Page - Allegro MicroSystems A3362UA Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
3361 AND 3362
2-WIRE,
CHOPPER-STABILIZED,
HALL-EFFECT SWITCHES
www.allegromicro.com
5
SENSOR LOCATIONS
(
±0.005” [0.13 mm] die placement)
Package Designator “LH”
Package Designators “UA” and "UA-TL"
Although sensor location is accurate to three sigma for a
particular design, product improvements may result in small
changes to sensor location.
0.038"
0.96 mm
1
2
Dwg. MH-025
0.011"
0.28 mm
NOM
ACTIVE AREA DEPTH
0.059"
1.49 mm
A
3
0.045"
1.14 mm
1
3
2
Dwg. MH-008-8
0.030"
0.76 mm
NOM
ACTIVE AREA DEPTH
0.088"
2.24 mm
A
1
3
2
Dwg. MH-011-9A
0.018"
0.46 mm
NOM
BRANDED
SURFACE
ACTIVE AREA DEPTH
0.080"
2.04 mm
0.056"
1.44 mm
A
Package Designator “LT”
600
400
200
20
60
100
140
0
AMBIENT TEMPERATURE in
°C
Dwg. GH-046-4
Suffix "–UA"
RθJA = 206
°C/W
40
80
120
180
700
500
300
100
160
Suffix "–LT"
RθJA = 258
°C/W
Suffix "–LH"
RθJA = 248
°C/W
Allegro


Similar Part No. - A3362UA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3362E ALLEGRO-A3362E Datasheet
717Kb / 9P
   Sensitive Hall Effect Switches for High-Temperature Operation
More results

Similar Description - A3362UA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1150 ALLEGRO-A1150_16 Datasheet
955Kb / 14P
   Chopper-Stabilized, Two-Wire Hall-Effect Switches
A1152LUA-T ALLEGRO-A1152LUA-T Datasheet
265Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150_V5 ALLEGRO-A1150_V5 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150 ALLEGRO-A1150 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1190LUA-T ALLEGRO-A1190LUA-T Datasheet
420Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A119X ALLEGRO-A119X Datasheet
815Kb / 22P
   Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
A3245 ALLEGRO-A3245 Datasheet
392Kb / 12P
   Chopper-Stabilized Omnipolar Hall-Effect Switches
A1120 ALLEGRO-A1120 Datasheet
237Kb / 9P
   Chopper Stabilized Precision Hall Effect Switches
A1193LLHLT-T ALLEGRO-A1193LLHLT-T Datasheet
389Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A119 ALLEGRO-A119 Datasheet
815Kb / 22P
   Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com