Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1201442 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1201442
Description  ST 1,5-TWIN BU
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1201442 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1201442 Datasheet HTML 1Page - PHOENIX CONTACT 1201442 Datasheet HTML 2Page - PHOENIX CONTACT 1201442 Datasheet HTML 3Page - PHOENIX CONTACT 1201442 Datasheet HTML 4Page - PHOENIX CONTACT 1201442 Datasheet HTML 5Page - PHOENIX CONTACT 1201442 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ST 1,5-TWIN BU Order No.: 3031131
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3031131
PHOENIX CONTACT Deutschland GmbH
Page 2 / 6
http://www.phoenixcontact.de
Feb 9, 2011
Insulating material
PA
Inflammability class acc. to UL 94
V0
Dimensions
Width
4.2 mm
Length
60.5 mm
Height NS 35/7.5
36.5 mm
Height NS 35/15
44 mm
Technical data
Maximum load current
17.5 A (with 1.5 mm2 conductor cross section)
Rated surge voltage
6 kV
Pollution degree
3
Surge voltage category
III
Insulating material group
I
Connection in acc. with standard
IEC 60947-7-1
Nominal current IN
17.5 A (the maximum load current must not be exceeded by the
total current of all connected conductors)
Nominal voltage UN
500 V
Open side panel
ja
Connection data
Conductor cross section solid min.
0.08 mm²
Conductor cross section solid max.
1.5 mm²
Conductor cross section stranded min.
0.08 mm²
Conductor cross section stranded max.
1.5 mm²
Conductor cross section AWG/kcmil min.
28
Conductor cross section AWG/kcmil max
16
Conductor cross section stranded, with ferrule
without plastic sleeve min.
0.14 mm²
Conductor cross section stranded, with ferrule
without plastic sleeve max.
1.5 mm²
Conductor cross section stranded, with ferrule
with plastic sleeve min.
0.14 mm²
Conductor cross section stranded, with ferrule
with plastic sleeve max.
1.5 mm²
2 conductors with same cross section, stranded,
TWIN ferrules with plastic sleeve, max.
0.5 mm²
Type of connection
Spring-cage connection


Similar Part No. - 1201442

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1201442 PHOENIX-1201442 Datasheet
216Kb / 19P
   Feed-through terminal block - ST 2,5-QUATTRO BK - 3037452
1201442 PHOENIX-1201442 Datasheet
184Kb / 22P
   Disconnect terminal block - PT 1,5/S-TG
More results

Similar Description - 1201442

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3031254 PHOENIX-3031254 Datasheet
171Kb / 6P
   ST 2,5-TWIN BU
3036479 PHOENIX-3036479 Datasheet
165Kb / 6P
   ST 6-TWIN BU
3031403 PHOENIX-3031403 Datasheet
172Kb / 5P
   ST 4-TWIN BU
3035331 PHOENIX-3035331 Datasheet
138Kb / 5P
   ST 16-TWIN BU
3025532 PHOENIX-3025532 Datasheet
144Kb / 5P
   MT 1,5-TWIN BU
3205051 PHOENIX-3205051 Datasheet
149Kb / 5P
   QTC 1,5-TWIN BU
3031128 PHOENIX-3031128 Datasheet
175Kb / 6P
   ST 1,5-TWIN
3031089 PHOENIX-3031089 Datasheet
169Kb / 5P
   ST 1,5 BU
3037261 PHOENIX-3037261 Datasheet
149Kb / 4P
   ST 1,5-TWIN YE
3037274 PHOENIX-3037274 Datasheet
157Kb / 5P
   ST 1,5-TWIN RD
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com