Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3362ELT Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A3362ELT
Description  2-WIRE, CHOPPER-STABILIZED, HALL-EFFECT SWITCHES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3362ELT Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A3362ELT Datasheet HTML 4Page - Allegro MicroSystems A3362ELT Datasheet HTML 5Page - Allegro MicroSystems A3362ELT Datasheet HTML 6Page - Allegro MicroSystems A3362ELT Datasheet HTML 7Page - Allegro MicroSystems A3362ELT Datasheet HTML 8Page - Allegro MicroSystems A3362ELT Datasheet HTML 9Page - Allegro MicroSystems A3362ELT Datasheet HTML 10Page - Allegro MicroSystems A3362ELT Datasheet HTML 11Page - Allegro MicroSystems A3362ELT Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
3361 AND 3362
2-WIRE,
CHOPPER-STABILIZED,
HALL-EFFECT SWITCHES
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
10
Surface-Mount Lead Form (order A336xEUA-TL)
Dimensions in Inches
(controlling dimensions)
Dimensions in Millimeters
(for reference only)
PACKAGE DESIGNATOR 'UA'
0.095
±0.005
0.020
MIN
FLAT
Dwg. MH-015 in
0.004
MAX
0.002
MAX
0
°–8°
2.41
±0.13
0.51
MIN
FLAT
Dwg. MH-015 mm
0.10
MAX
0.051
MAX
0
°–8°
Dwg. MH-014E mm
4.17
4.04
1.57
1.47
0.44
0.35
1.27
BSC
45
°
16.26
15.24
0.48
0.36
2.16
MAX
45
°
0.79
123
3.10
2.97
SEE NOTE
Dwg. MH-014E in
0.164
0.159
0.062
0.058
0.0173
0.0138
0.050
BSC
45
°
0.640
0.600
0.0189
0.0142
0.085
MAX
45
°
0.031
123
0.122
0.117
SEE NOTE
NOTES: 1. Tolerances on package height and width represent allowable mold offsets. Dimensions given are measured at the widest point (parting line).
2. Exact body and lead configuration at vendor’s option within limits shown.
3. Height does not include mold gate flash.
4. Recommended minimum PWB hole diameter to clear transition area is 0.035” (0.89 mm).
5. Where no tolerance is specified, dimension is nominal.


Similar Part No. - A3362ELT

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3362E ALLEGRO-A3362E Datasheet
717Kb / 9P
   Sensitive Hall Effect Switches for High-Temperature Operation
More results

Similar Description - A3362ELT

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1150 ALLEGRO-A1150_16 Datasheet
955Kb / 14P
   Chopper-Stabilized, Two-Wire Hall-Effect Switches
A1152LUA-T ALLEGRO-A1152LUA-T Datasheet
265Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150_V5 ALLEGRO-A1150_V5 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150 ALLEGRO-A1150 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1190LUA-T ALLEGRO-A1190LUA-T Datasheet
420Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A119X ALLEGRO-A119X Datasheet
815Kb / 22P
   Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
A3245 ALLEGRO-A3245 Datasheet
392Kb / 12P
   Chopper-Stabilized Omnipolar Hall-Effect Switches
A1120 ALLEGRO-A1120 Datasheet
237Kb / 9P
   Chopper Stabilized Precision Hall Effect Switches
A1193LLHLT-T ALLEGRO-A1193LLHLT-T Datasheet
389Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A119 ALLEGRO-A119 Datasheet
815Kb / 22P
   Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com