Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3848 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 3848
Description  DUAL-CONVERSION AM RECEIVER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3848 Datasheet(HTML) 2 Page - Allegro MicroSystems

  3848 Datasheet HTML 1Page - Allegro MicroSystems 3848 Datasheet HTML 2Page - Allegro MicroSystems 3848 Datasheet HTML 3Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3848
DUAL-CONVERSION AM RECEIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Limits
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Units
Supply Current
ICC
I2, Vin = 0
50
65
mA
I2, Vin = 0, V27 = 0 (Muted)
1.0
6.0
mA
Sensitivity
Vin
Vout = 50 mV
6.0
10
µV
Usable Sensitivity
Vin
S + N/N = 20 dB
14
21
µV
Recovered Audio
Vout
165
215
265
mV
Total Harmonic Dist.
THD
Mod = 90%
0.4
2.0
%
Oscillator Output
Vo
V17
80
120
mV
Stop Output Voltage
VSTP
V8, Vin = 0
4.7
5.0
V
V8, Mod = 0%
0.10
0.16
V
Stop Sensitivity
Vstp
V12 = 2.5 V, Mod = 0%
30
45
60
µV
Stop Bandwidth
BWSTP
V8 = 2.5 V, = 0%
5.0
6.5
8.0
kHz
Wide-Band AGC
VAGC
Vin = 0
5.0
6.7
8.0
V
Vin = 11 mV, Mod = 0%
3.7
5.0
V
Vin = 26 mV, Mod = 0%
1.0
V
VFSI
Vin = 0
0.1
0.4
V
Vin = 30 µV, Mod = 0%
0.25
0.60
1.05
V
Vin = 100 µV, Mod = 0%
1.1
1.6
2.2
V
Vin = 1 mV, Mod = 0%
1.8
2.5
3.2
V
Vin = 10 mV, Mod = 0%
3.1
3.7
4.4
V
VFSI
Vin = 0
0.5
V
Vin = 30 µV, Mod = 0%
0.9
1.1
1.5
V
Vin = 100 µV, Mod 0%
1.3
1.6
2.0
V
Vin = 1 mV, Mod = 0%
2.3
2.9
3.5
V
Vin = 10 mV, Mod = 0%
2.5
3.7
4.0
V
Overload
Vin
Vout = 3% THD, Mod = 90%
60
100
mV
First Mixer (Note 2)
350
450
mV
-3dB Limiting
Vin
Mod = 3 kHz peak deviation
12
µV
IF Output Voltage
Vout
Vin = 1 mV
200
250
320
mV
FM Recovered Audio
Vout
V7, Mod = 3 kHz peak deviation
380
mV
Signal to Noise Ratio
S+N/N
Vin = 1 mV
50
53
dB
Vin = 10 mV
53
56
dB
AGC Figure of Merit
FOM
Ref. at Vin = 10 mV, Vin for Vout = -10 dB
7.0
10
14
µV
ELECTRICAL CHARACTERISTICS at TA = +25°C, VCC = 10 V, fo = 1 MHz, fif1 = 10.7 MHz,
fif2 = 450 kHz, Vin = 10 mV; fm = 1 kHz , Mod = 30% (except as noted).
Field-Strength
Indicator
Output Voltage
(unmodulated,
AGC Reset Low)
Field-Strength
Indicator
Output Voltage
(unmodulated,
AGC Reset High)
Continued next page...
W
Copyright © 1993, Allegro MicroSystems, Inc.


Similar Part No. - 3848

ManufacturerPart #DatasheetDescription
logo
Heyco.
3848 HEYCO-3848 Datasheet
107Kb / 1P
   Locking Releasable Wire Clips
logo
ERNI Electronics
384803 ERNI-384803 Datasheet
59Kb / 1P
   1,27 SRC P, 6-polig
384804 ERNI-384804 Datasheet
64Kb / 1P
   1,27 SRC P, 6-polig
384840 ERNI-384840 Datasheet
57Kb / 1P
   1,27 SRC P, 2-polig
384841 ERNI-384841 Datasheet
60Kb / 1P
   1,27 SRC P, 3-polig
More results

Similar Description - 3848

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13030 MOTOROLA-MC13030 Datasheet
389Kb / 16P
   DUAL CONVERSION AM RECEIVER
logo
Siemens Semiconductor G...
TDA4360X SIEMENS-TDA4360X Datasheet
919Kb / 12P
   Dual Conversion AM Receiver
logo
TEMIC Semiconductors
U4240B TEMIC-U4240B Datasheet
110Kb / 8P
   AM - RECEIVER
logo
NXP Semiconductors
TDA1572T PHILIPS-TDA1572T Datasheet
221Kb / 20P
   AM receiver
May 1992
logo
LANSDALE Semiconductor ...
ML13135 LANSDALE-ML13135 Datasheet
771Kb / 11P
   FM Communications Receiver; Dual Conversion Narrowband FM Receiver
logo
Motorola, Inc
MC3363 MOTOROLA-MC3363 Datasheet
339Kb / 10P
   Low Power Dual Conversion FM Receiver
MC3362 MOTOROLA-MC3362 Datasheet
285Kb / 8P
   LOW?밣OWER DUAL CONVERSION FM RECEIVER
logo
Micro Analog systems
MAS1017 MAS-MAS1017 Datasheet
151Kb / 6P
   AM Receiver IC
MAS9079 MAS-MAS9079 Datasheet
163Kb / 9P
   AM Receiver IC
MAS6181B MAS-MAS6181B_14 Datasheet
214Kb / 14P
   AM Receiver IC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com