Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1912045 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1912045
Description  COMBICON Plugs and Headers as a high current (HC) Version for Currents up to 16 A
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1912045 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1912045 Datasheet HTML 1Page - PHOENIX CONTACT 1912045 Datasheet HTML 2Page - PHOENIX CONTACT 1912045 Datasheet HTML 3Page - PHOENIX CONTACT 1912045 Datasheet HTML 4Page - PHOENIX CONTACT 1912045 Datasheet HTML 5Page - PHOENIX CONTACT 1912045 Datasheet HTML 6Page - PHOENIX CONTACT 1912045 Datasheet HTML 7Page - PHOENIX CONTACT 1912045 Datasheet HTML 8Page - PHOENIX CONTACT 1912045 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Dim.
Description
No. of pos.
a
[mm]
Type
Order No.
Pcs./Pkt.
COMBICON HC plugs, 5.0 mm pitch,
with screw flange, color: green
2
5
3
10
4
15
5
20
6
25
7
30
8
35
940
10
45
11
50
12
55
MSTB 2,5 HC/2-STF
MSTB 2,5 HC/3-STF
MSTB 2,5 HC/4-STF
MSTB 2,5 HC/5-STF
MSTB 2,5 HC/6-STF
MSTB 2,5 HC/7-STF
MSTB 2,5 HC/8-STF
MSTB 2,5 HC/9-STF
MSTB 2,5 HC/10-STF
MSTB 2,5 HC/11-STF
MSTB 2,5 HC/12-STF
19 12 07 4
19 12 08 7
19 12 09 0
19 12 10 0
19 12 11 3
19 12 12 6
19 12 13 9
19 12 14 2
19 12 15 5
19 12 16 8
19 12 17 1
50
COMBICON HC plugs, 5.08 mm pitch,
with screw flange, color: green
2
5.08
3
10.16
4
15.24
5
20.32
6
25.40
7
30.48
8
35.56
9
40.64
10
45.72
11
50.80
12
55.88
MSTB 2,5 HC/2-STF-5,08
MSTB 2,5 HC/3-STF-5,08
MSTB 2,5 HC/4-STF-5,08
MSTB 2,5 HC/5-STF-5,08
MSTB 2,5 HC/6-STF-5,08
MSTB 2,5 HC/7-STF-5,08
MSTB 2,5 HC/8-STF-5,08
MSTB 2,5 HC/9-STF-5,08
MSTB 2,5 HC/10-STF-5,08
MSTB 2,5 HC/11-STF-5,08
MSTB 2,5 HC/12-STF-5,08
19 12 18 4
19 12 19 7
19 12 20 7
19 12 21 0
19 12 22 3
19 12 23 6
19 12 24 9
19 12 25 2
19 12 26 5
19 12 27 8
19 12 28 1
50
(1) Coding profile, is inserted into
the groove on the plug,
red insulating material
CP-MSTB
17 34 63 4
100
(2) Marker card, with 12 pcs.
10-section marker strips, white,
self-adhesive, for 120 terminal blocks
SK 5/3,8 or SK 5,08/3,8
(see COMBICON catalog)
Technical data
Dimensions
see description on page 13
Pitch
[mm]
5 / 5.08
Hole diameter
[mm|
Pin dimensions
[mm]x[mm]
Technical data in accordance with IEC/ DIN VDE
Insulating material group
I
Surge voltage category / contamination class
–/–
III / 3
III / 2
II / 2
Rated voltage
[V]
250
320
630
Rated surge voltage
[kV]
4
4
4
Nominal current / cross section
[A]/[mm2]
16 / 2.5
Maximum load current / cross section
[A]/[mm2]
16 / 2.5
Capacity connection
Solid / stranded / conductor sizes
[mm2]/[mm2]/AWG
0.2 - 2.5 / 0.2 - 2.5 / 24 - 12
Stranded with ferrule without / with plastic sleeve
[mm2]
0.25 - 2.5 / 0.25 - 2.5
Multiple connection (2 conductors with same cross section)
Solid / stranded
[mm2]
0.2 - 1 / 0.2 - 1.5
Stranded with ferrule with plastic sleeve
[mm2]
0.25 - 1
Stranded with TWIN ferrule with plastic sleeve
[mm2]
0.5 - 1.5
Stripping length
[mm]
7
Internal cylindrical gauge (IEC 60 947-1)
A 3
Thread
M 3
Torque
[Nm]
0.5 - 0.6
Insulating material
PA
Inflammability class in acc. with UL 94
V0
MSTB 2,5 HC/…-STF(-5,08)
with Srew Flange
5.0 or 5.08 mm Pitch
Note:
Only actuate COMBICON plug connectors when under no load
condition. If for operating reasons small loads must be switched,
experimental values are available upon request.
PHOENIX CONTACT page 3 of 13
The designation "HC" is printed in red to provide clear
identification of "high current" plugs and headers.
Only the MSTB 2,5 HC headers provided are allowed to be used for
carrying the higher current load of 16 A.


Similar Part No. - 1912045

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
191204 ADELS-191204 Datasheet
112Kb / 1P
   230 BZ/ 4
More results

Similar Description - 1912045

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2907428 PHOENIX-2907428 Datasheet
69Kb / 5P
   Housing set upper part, complete with COMBICON headers and screw plugs for full equipping.
2907444 PHOENIX-2907444 Datasheet
72Kb / 4P
   Housing upper part, complete with 4 pairs of COMBICON headers and plugs
REL-MR-110DC PHOENIX-REL-MR-110DC Datasheet
111Kb / 5P
   Switching current of up to 16 A
logo
TE Connectivity Ltd
RP3SL TEC-RP3SL Datasheet
287Kb / 3P
   For high inrush currents up to 120A
logo
Fairchild Semiconductor
2N4401BU FAIRCHILD-2N4401BU Datasheet
98Kb / 7P
   This device is designed for use as a medium power amplifier and switch requiring collector currents up to 500 mA
2N4401TA FAIRCHILD-2N4401TA Datasheet
98Kb / 7P
   This device is designed for use as a medium power amplifier and switch requiring collector currents up to 500 mA.
logo
Tyco Electronics
42903 MACOM-42903 Datasheet
168Kb / 2P
   Power PCB Relay 1 pole 10 A, for inrush peak currents up to 80 A
logo
TE Connectivity Ltd
V23005 TEC-V23005 Datasheet
775Kb / 4P
   Contacts for signal loads and currents up to 5A
logo
PHOENIX CONTACT
1414852 PHOENIX-1414852 Datasheet
114Kb / 5P
   High-performance: DC connectors for up to 16 A and 63 V DC
1414777 PHOENIX-1414777 Datasheet
116Kb / 5P
   High-performance: DC connectors for up to 16 A and 63 V DC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com