Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1911923 Datasheet(PDF) 11 Page - PHOENIX CONTACT

Part # 1911923
Description  COMBICON Plugs and Headers as a high current (HC) Version for Currents up to 16 A
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1911923 Datasheet(HTML) 11 Page - PHOENIX CONTACT

Back Button 1911923 Datasheet HTML 5Page - PHOENIX CONTACT 1911923 Datasheet HTML 6Page - PHOENIX CONTACT 1911923 Datasheet HTML 7Page - PHOENIX CONTACT 1911923 Datasheet HTML 8Page - PHOENIX CONTACT 1911923 Datasheet HTML 9Page - PHOENIX CONTACT 1911923 Datasheet HTML 10Page - PHOENIX CONTACT 1911923 Datasheet HTML 11Page - PHOENIX CONTACT 1911923 Datasheet HTML 12Page - PHOENIX CONTACT 1911923 Datasheet HTML 13Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Dim.
Description
No. of pos.
a
[mm]
Type
Order No.
Pcs./Pkt.
COMBICON HC headers,
5.0 mm pitch, color: green,
2
5
with threaded flange,
3
10
plug-in direction parallel to the p.c.b.
4
15
5
20
6
25
7
30
8
35
940
10
45
11
50
12
55
MSTB 2,5 HC/2-GF
MSTB 2,5 HC/3-GF
MSTB 2,5 HC/4-GF
MSTB 2,5 HC/5-GF
MSTB 2,5 HC/6-GF
MSTB 2,5 HC/7-GF
MSTB 2,5 HC/8-GF
MSTB 2,5 HC/9-GF
MSTB 2,5 HC/10-GF
MSTB 2,5 HC/11-GF
MSTB 2,5 HC/12-GF
19 23 97 9
19 23 98 2
19 23 99 5
19 24 00 4
19 24 01 7
19 24 02 0
19 24 03 3
19 24 04 6
19 24 05 9
19 24 06 2
19 24 07 5
50
COMBICON HC headers,
5.08 mm pitch, color: green,
2
5.08
with threaded flange
3
10.16
plug-in direction parallel to the p.c.b.
4
15.24
5
20.32
6
25.40
7
30.48
8
35.56
9
40.64
10
45.72
11
50.80
12
55.88
MSTB 2,5 HC/2-GF-5,08
MSTB 2,5 HC/3-GF-5,08
MSTB 2,5 HC/4-GF-5,08
MSTB 2,5 HC/5-GF-5,08
MSTB 2,5 HC/6-GF-5,08
MSTB 2,5 HC/7-GF-5,08
MSTB 2,5 HC/8-GF-5,08
MSTB 2,5 HC/9-GF-5,08
MSTB 2,5 HC/10-GF-5,08
MSTB 2,5 HC/11-GF-5,08
MSTB 2,5 HC/12-GF-5,08
19 24 08 8
19 24 09 1
19 24 10 1
19 24 11 4
19 24 12 7
19 24 13 0
19 24 14 3
19 24 15 6
19 24 16 9
19 24 17 2
19 24 18 5
50
(1) Coding section, inserted into
the recess in the header,
red insulating material
CR-MSTB
17 34 40 1
100
(2) Marker card, with 12 pcs.
10-section marker strips, white,
self-adhesive, for 120 terminal blocks
SK 5/3,8 or SK 5,08/3,8
(see COMBICON catalog)
Technical data
Dimensions
see description
Pitch
[mm]
5 / 5.08
Hole diameter
[mm|
1.4
Pin dimensions
[mm]x[mm]
1 x 1
Technical data in accordance with IEC/ DIN VDE
Insulating material group
IIIa
Surge voltage category / contamination class
–/–
III / 3
III / 2
II / 2
Rated voltage
[V]
250
320
400
Rated surge voltage
[kV]
4
4
4
Nominal current / cross section
[A]/[mm2]
16 / –
Maximum load current / cross section
[A]/[mm2]
16 / –
Insulating material
PBT
Inflammability class in acc. with UL 94
V0
MSTB 2,5 HC/…-GF(-5,08)
with Screw Flange
5.0 or 5.08 mm Pitch
Note:
Only actuate COMBICON plug connectors when under no load
condition. If for operating reasons small loads must be switched,
experimental values are available upon request.
PHOENIX CONTACT page 11 of 13
The designation "HC" is printed in red to provide clear
identification of "high current" plugs and headers.
Only the MSTB 2,5 HC headers provided are allowed to be used for
carrying the higher current load of 16 A.
a
5
5
7,5
(7,62)
(5,08)
(5,08)
2,4
a+15
(a+15,24)
5
5
7,5
(5,08)
(5,08)
(7,62)
a
12
22
2
2,5


Similar Part No. - 1911923

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
191192 FESTO-191192 Datasheet
95Kb / 1P
   Pneumatic shock absorber
12/4/22
More results

Similar Description - 1911923

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2907428 PHOENIX-2907428 Datasheet
69Kb / 5P
   Housing set upper part, complete with COMBICON headers and screw plugs for full equipping.
2907444 PHOENIX-2907444 Datasheet
72Kb / 4P
   Housing upper part, complete with 4 pairs of COMBICON headers and plugs
REL-MR-110DC PHOENIX-REL-MR-110DC Datasheet
111Kb / 5P
   Switching current of up to 16 A
logo
TE Connectivity Ltd
RP3SL TEC-RP3SL Datasheet
287Kb / 3P
   For high inrush currents up to 120A
logo
Fairchild Semiconductor
2N4401BU FAIRCHILD-2N4401BU Datasheet
98Kb / 7P
   This device is designed for use as a medium power amplifier and switch requiring collector currents up to 500 mA
2N4401TA FAIRCHILD-2N4401TA Datasheet
98Kb / 7P
   This device is designed for use as a medium power amplifier and switch requiring collector currents up to 500 mA.
logo
Tyco Electronics
42903 MACOM-42903 Datasheet
168Kb / 2P
   Power PCB Relay 1 pole 10 A, for inrush peak currents up to 80 A
logo
TE Connectivity Ltd
V23005 TEC-V23005 Datasheet
775Kb / 4P
   Contacts for signal loads and currents up to 5A
logo
PHOENIX CONTACT
1414852 PHOENIX-1414852 Datasheet
114Kb / 5P
   High-performance: DC connectors for up to 16 A and 63 V DC
1414777 PHOENIX-1414777 Datasheet
116Kb / 5P
   High-performance: DC connectors for up to 16 A and 63 V DC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com