Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5412-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5412-Q1
Description  TWO-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5412-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TAS5412-Q1 Datasheet HTML 1Page - Texas Instruments TAS5412-Q1 Datasheet HTML 2Page - Texas Instruments TAS5412-Q1 Datasheet HTML 3Page - Texas Instruments TAS5412-Q1 Datasheet HTML 4Page - Texas Instruments TAS5412-Q1 Datasheet HTML 5Page - Texas Instruments TAS5412-Q1 Datasheet HTML 6Page - Texas Instruments TAS5412-Q1 Datasheet HTML 7Page - Texas Instruments TAS5412-Q1 Datasheet HTML 8Page - Texas Instruments TAS5412-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
TAS5412-Q1
www.ti.com
SLOS685A – AUGUST 2013 – REVISED OCTOBER 2013
TWO-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIER
Check for Samples: TAS5412-Q1
1
FEATURES
TAS5412-Q1 - 64-Pin QFP (PHD) PowerPAD™
Surface-Mount Package
234
TAS5412-Q1 - Single-Ended Input
Pin Compatible With 4-Channel Devices
2-Channel Digital Power Amplifier
Designed for Automotive EMC Requirements
2 Analog Inputs, 2 BTL Power Outputs
Will Be Qualified According to AEC-Q100
Typical Output Power per Channel at 10%
ISO9000:2002 TS16949 Certified
28 Watts/Ch, Into 4
Ω at 14.4 VDC
–40 to 105°C Ambient Temperature Range
46 Watts/Ch, Into 2
Ω at 14.4 VDC
79 Watts/Ch, Into 4
Ω at 24 VDC
APPLICATIONS
150 Watts Into 2
Ω at 24 VDC PBTL
Radio Head Units
90 Watts Into 1
Ω at 14.4 VDC PBTL
External Amplifiers
THD+N < 0.02%, 1 kHz, 1 W Into 4
Ω
Patented Pop- and Click-Reduction
DESCRIPTION
Technology
The device is a two-channel digital audio amplifier
Patented AM Interference Avoidance
designed for use in automotive head units and
external amplifiers. It provides two channels at 28 W
Patented Cycle-by-Cycle Current Limit
into 4
Ω at 10% THD+N from 14.4 V or 46 W into 2 Ω
75-dB PSRR
at 10% THD+N. The digital PWM topology provides
Four-Address I2C Serial Interface for Device
dramatic improvements in efficiency over traditional
Configuration and Control
linear amplifier solutions. This reduces the power
dissipated by the amplifier by a factor of ten under
Channel Gains: 12 dB, 20 dB, 26 dB, 32 dB
typical
music
playback
conditions.
The
device
Load Diagnostic Functions:
incorporates a patented PWM design that provides
Output Open and Shorted Load
excellent
power-supply
rejection
in
the
harsh
electrical
environment
common
in
automotive
Output-to-Power and -to-Ground Shorts
applications.
Applications
attain
high
efficiency
Patented Tweeter Detection
without the need for complicated power supply
Protection and Monitoring Functions:
schemes. The design allows synchronization of
multiple devices.
Short-Circuit Protection
50-V Load-Dump Protection
The device incorporates all the functionality needed
to perform in the demanding OEM applications area,
Fortuitous Open-Ground and -Power
including load diagnostic functions for detecting and
Tolerant
diagnosing misconnected outputs.
Patented Output DC Level Detection While
This text, unrelated to other data-sheet content, is
Music Is Playing
intended only for adjusting column lengths on the first
Overtemperature Protection
page.
Over- and Undervoltage Protection
Clip Detection
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
Ceramique is a trademark of Arctic Silver Inc.
4
Arctic Silver is a registered trademark of Arctic Silver Inc.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TAS5412-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5411-Q1 TI1-TAS5411-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   Mono Automotive Class-D Audio Amplifier
TAS5411QPWPRQ1 TI1-TAS5411QPWPRQ1 Datasheet
1Mb / 35P
[Old version datasheet]   Mono Automotive Class-D Audio Amplifier
TAS5414 TI-TAS5414 Datasheet
880Kb / 41P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414 TI-TAS5414 Datasheet
886Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414 TI-TAS5414 Datasheet
1,015Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
More results

Similar Description - TAS5412-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5514B-Q1 TI1-TAS5514B-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIER
logo
Rohm
BH7272KV ROHM-BH7272KV Datasheet
185Kb / 14P
   Two-channel VCR PRE / REC amplifier for Digital VCRs
logo
Maxim Integrated Produc...
MAX12930 MAXIM-MAX12930 Datasheet
658Kb / 20P
   Two-Channel Digital Isolators
Rev 0; 6/16
logo
TOKO, Inc
HEAW TOKO-HEAW_16 Datasheet
226Kb / 1P
   Inductors for Automotive Digital Amplifier
logo
Sanyo Semicon Device
LA4620 SANYO-LA4620 Datasheet
243Kb / 8P
   Two- channel Audio Power Amplifier
logo
Texas Instruments
TAS5421-Q1 TI1-TAS5421-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Mono Automotive Digital-Audio Amplifier
logo
List of Unclassifed Man...
PDG-2510 ETC2-PDG-2510 Datasheet
68Kb / 2P
   Two Channel Digital Delay Pulse Generator
logo
Sanyo Semicon Device
LA4627 SANYO-LA4627 Datasheet
64Kb / 6P
   Two-Channel Audio Frequency Power Amplifier
LA7471M SANYO-LA7471M Datasheet
198Kb / 9P
   Two-Channel Video camera microphone amplifier
LA4629 SANYO-LA4629 Datasheet
63Kb / 6P
   Two-Channel Audio Frequency Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com