Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5412-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5412-Q1
Description  TWO-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5412-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS5412-Q1 Datasheet HTML 3Page - Texas Instruments TAS5412-Q1 Datasheet HTML 4Page - Texas Instruments TAS5412-Q1 Datasheet HTML 5Page - Texas Instruments TAS5412-Q1 Datasheet HTML 6Page - Texas Instruments TAS5412-Q1 Datasheet HTML 7Page - Texas Instruments TAS5412-Q1 Datasheet HTML 8Page - Texas Instruments TAS5412-Q1 Datasheet HTML 9Page - Texas Instruments TAS5412-Q1 Datasheet HTML 10Page - Texas Instruments TAS5412-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
TAS5412-Q1
www.ti.com
SLOS685A – AUGUST 2013 – REVISED OCTOBER 2013
ELECTRICAL CHARACTERISTICS
Test conditions (unless otherwise noted): TCase= 25°C, PVDD = 14.4 V, RL= 4 Ω, fS = 417 kHz, Pout= 1 W/ch, Rext = 20 kΩ,
AES17 filter, master-mode operation (see application diagram)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OPERATING CURRENT
IPVDD_IDLE
Both channels in MUTE mode
125
175
PVDD idle current
mA
IPVDD_Hi-Z
Both channels in Hi-Z mode
60
IPVDD_STBY
PVDD standby current
STANDBY mode, T J = 85°C
2
12
µA
OUTPUT POWER
4
Ω, PVDD = 14.4 V, THD+N = 1%, 1 kHz, T c= 75°C
23
4
Ω, PVDD = 14.4 V, THD+N = 10%, 1 kHz, T c= 75°C
25
28
4
Ω, PVDD = 24 V, THD+N = 1%, 1 kHz, T c= 75°C
62
4
Ω, PVDD = 24 V, THD+N = 10%, 1 kHz, T c= 75°C
63
79
2
Ω, PVDD = 14.4 V, THD+N = 1%, 1 kHz, T c= 75°C
38
POUT
Output power per channel
W
2
Ω, PVDD = 14.4 V, THD+N = 10%, 1 kHz, T c= 75°C
40
50
PBTL 2-
Ω operation, PVDD = 24 V, THD+N = 10%,
150
1 kHz, T c= 75°C
PBTL 1-
Ω operation, PVDD = 14.4 V, THD+N = 10%,
90
1 kHz, T c= 75°C
2 channels operating, 23-W output power per ch, L = 10
%
EFFP
Power efficiency
90
µH, T J = 85°C
AUDIO PERFORMANCE
VNOISE
Noise voltage at output
G = 26 dB, zero input, and A-weighting
60
100
µV
Crosstalk
Channel crosstalk
1 W, G = 26 dB, 1 kHz
60
75
dB
PSRR
Power-supply rejection ratio
G = 26 dB, PVDD = 14.4 Vdc + 1 Vrms, f = 1 kHz
60
75
dB
THD+N
Total harmonic distortion + noise
P = 1 W, G = 26 dB, f = 1 kHz, 0°C = T J = 75°C
0.02%
0.1%
336
357
378
Switching frequency selectable for AM interference
fS
Switching frequency
392
417
442
kHz
avoidance
470
500
530
RAIN
Analog input resistance
Internal shunt resistance on each input pin
63
82
106
k
Ω
AC-coupled common-mode input voltage (zero
VIN_CM
Common-mode input voltage
1.3
Vrms
differential input)
VCM_INT
Internal common-mode input bias voltage
Internal bias applied to IN_M pin
3.37
V
11
12
13
19
20
21
Source impedance = 0
Ω, gain measurement taken at 1
G
Voltage gain (VO / VIN)
dB
W of power per channel
25
26
27
31
32
33
GCH
Channel-to-channel variation
Any gain commanded
–1
0
1
dB
PWM OUTPUT STAGE
rDSon
FET drain-to-source resistance
Not including bond-wire resistance, T J= 25°C
75
95
m
Ω
Zero input signal, dc offset reduction enabled, and
VO_OFFSET
Output offset voltage
±10
±50
mV
G = 26 dB
PVDD OVERVOLTAGE (OV) PROTECTION
VOV
PVDD overvoltage shutdown
24.6
26.4
28.2
V
PVDD UNDERVOLTAGE (UV) PROTECTION
VUV_SET
PVDD undervoltage shutdown
5
5.3
5.6
V
VUV_CLEAR
Recovery voltage for PVDD UV
6.2
6.6
7.2
V
AVDD
VA_BYP
A_BYP pin voltage
6.5
V
VA_BYP_UV_SET
A_BYP UV voltage
3.5
V
VA_BYP_UV_CLEAR
Recovery voltage A_BYP UV
4.3
V
DVDD
VD_BYP
D_BYP pin voltage
3.3
V
POWER-ON RESET (POR)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TAS5412-Q1


Similar Part No. - TAS5412-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5411-Q1 TI1-TAS5411-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   Mono Automotive Class-D Audio Amplifier
TAS5411QPWPRQ1 TI1-TAS5411QPWPRQ1 Datasheet
1Mb / 35P
[Old version datasheet]   Mono Automotive Class-D Audio Amplifier
TAS5414 TI-TAS5414 Datasheet
880Kb / 41P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414 TI-TAS5414 Datasheet
886Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414 TI-TAS5414 Datasheet
1,015Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
More results

Similar Description - TAS5412-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5514B-Q1 TI1-TAS5514B-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIER
logo
Rohm
BH7272KV ROHM-BH7272KV Datasheet
185Kb / 14P
   Two-channel VCR PRE / REC amplifier for Digital VCRs
logo
Maxim Integrated Produc...
MAX12930 MAXIM-MAX12930 Datasheet
658Kb / 20P
   Two-Channel Digital Isolators
Rev 0; 6/16
logo
TOKO, Inc
HEAW TOKO-HEAW_16 Datasheet
226Kb / 1P
   Inductors for Automotive Digital Amplifier
logo
Sanyo Semicon Device
LA4620 SANYO-LA4620 Datasheet
243Kb / 8P
   Two- channel Audio Power Amplifier
logo
Texas Instruments
TAS5421-Q1 TI1-TAS5421-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Mono Automotive Digital-Audio Amplifier
logo
List of Unclassifed Man...
PDG-2510 ETC2-PDG-2510 Datasheet
68Kb / 2P
   Two Channel Digital Delay Pulse Generator
logo
Sanyo Semicon Device
LA4627 SANYO-LA4627 Datasheet
64Kb / 6P
   Two-Channel Audio Frequency Power Amplifier
LA7471M SANYO-LA7471M Datasheet
198Kb / 9P
   Two-Channel Video camera microphone amplifier
LA4629 SANYO-LA4629 Datasheet
63Kb / 6P
   Two-Channel Audio Frequency Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com