Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1908871 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1908871
Description  FK-MCP 1,5/ 2-STF-3,81
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1908871 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1908871 Datasheet HTML 1Page - PHOENIX CONTACT 1908871 Datasheet HTML 2Page - PHOENIX CONTACT 1908871 Datasheet HTML 3Page - PHOENIX CONTACT 1908871 Datasheet HTML 4Page - PHOENIX CONTACT 1908871 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 5
http://www.phoenixcontact.de
Feb 3, 2011
Extract from the online
catalog
 
FK-MCP 1,5/ 2-STF-3,81
Order No.: 1851232
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1851232
 
 
Plug component, Nominal current: 8 A, Rated voltage (III/2): 160 V,
Number of positions: 2, Pitch: 3.81 mm, Color: green, Metal surface:
Sn
 
Commercial data
GTIN (EAN)
4
017918
110307
sales group
E101
Pack
50 pcs.
Customs tariff
85366990
Catalog page information
Page 151 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
3.81 mm
Dimension a
3.81 mm
Number of positions
2


Similar Part No. - 1908871

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1908871 PHOENIX-1908871 Datasheet
143Kb / 6P
   MC 1,5/ 2-STF-3,81
1908871 PHOENIX-1908871 Datasheet
136Kb / 5P
   QC 0,5/ 2-STF-3,81
More results

Similar Description - 1908871

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1851355 PHOENIX-1851355 Datasheet
1Mb / 19P
   PCB connector - FK-MCP 1,5/14-STF-3,81
Jan 3, 2023
1875687 PHOENIX-1875687 Datasheet
113Kb / 4P
   FK-MCP 1,5/10-STF-3,81 BD:1-10
1702247 PHOENIX-1702247 Datasheet
60Kb / 4P
   FK-MCP 1,5/ 5-STF-3,81 BD:1-5
1892880 PHOENIX-1892880 Datasheet
105Kb / 2P
   FK-MCP 1,5/ 6-STF-3,81 BD:1-6
1851300 PHOENIX-1851300 Datasheet
149Kb / 9P
   Printed-circuit board connector - FK-MCP 1,5/ 9-STF-3,81
1851342 PHOENIX-1851342 Datasheet
78Kb / 5P
   Printed-circuit board connector - FK-MCP 1,5/13-STF-3,81
1851371 PHOENIX-1851371 Datasheet
161Kb / 11P
   Printed-circuit board connector - FK-MCP 1,5/16-STF-3,81
1851287 PHOENIX-1851287 Datasheet
110Kb / 6P
   Printed-circuit board connector - FK-MCP 1,5/ 7-STF-3,81
1851410 PHOENIX-1851410 Datasheet
89Kb / 6P
   Printed-circuit board connector - FK-MCP 1,5/20-STF-3,81
1851326 PHOENIX-1851326 Datasheet
110Kb / 6P
   Printed-circuit board connector - FK-MCP 1,5/11-STF-3,81
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com