Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1908871 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1908871
Description  FK-MCP 1,5/ 2-STF-3,81
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1908871 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1908871 Datasheet HTML 1Page - PHOENIX CONTACT 1908871 Datasheet HTML 2Page - PHOENIX CONTACT 1908871 Datasheet HTML 3Page - PHOENIX CONTACT 1908871 Datasheet HTML 4Page - PHOENIX CONTACT 1908871 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FK-MCP 1,5/ 2-STF-3,81 Order No.: 1851232
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1851232
PHOENIX CONTACT Deutschland GmbH
Page 4 / 5
http://www.phoenixcontact.de
Feb 3, 2011
1908871
MC 1,5/ 2-GF-3,81 THT
Header, Nominal current: 8 A, Rated voltage (III/2): 160 V,
Number of positions: 2, Pitch: 3.81 mm, Color: black, Metal
surface: Sn, Assembly: SMD/THT/THR, User information and
design recommendations on through hole reflow technology can
be found at: http://www.combicon.com
1842911
MCD 1,5/ 2-G1F-3,81
Header, Nominal current: 8 A, Rated voltage (III/2): 160 V,
Number of positions: 2, Pitch: 3.81 mm, Color: green, Metal
surface: Sn, Assembly: Soldering, In combination with MCV plug
components, both an MCVW and an MCVR plug must be used.
1830101
MCD 1,5/ 2-GF-3,81
Header, Nominal current: 8 A, Rated voltage (III/2): 160 V,
Number of positions: 2, Pitch: 3.81 mm, Color: green, Metal
surface: Sn, Assembly: Soldering, In combination with MCV plug
components, both an MCVW and an MCVR plug must be used.
1842762
MCDV 1,5/ 2-G1F-3,81
Header, Nominal current: 8 A, Rated voltage (III/2): 160 V,
Number of positions: 2, Pitch: 3.81 mm, Color: green, Metal
surface: Sn, Assembly: Soldering, In combination with MCV plug
components, both an MCVW and an MCVR plug must be used.
1830253
MCDV 1,5/ 2-GF-3,81
Header, Nominal current: 8 A, Rated voltage (III/2): 160 V,
Number of positions: 2, Pitch: 3.81 mm, Color: green, Metal
surface: Sn, Assembly: Soldering, In combination with MCV plug
components, both an MCVW and an MCVR plug must be used.
1830596
MCV 1,5/ 2-GF-3,81
Header, Nominal current: 8 A, Rated voltage (III/2): 160 V,
Number of positions: 2, Pitch: 3.81 mm, Color: green, Metal
surface: Sn, Assembly: Soldering
1833027
MCVU 1,5/ 2-GFD-3,81
Plug component, Nominal current: 8 A, Rated voltage (III/2): 160
V, Number of positions: 2, Pitch: 3.81 mm, Color: green, Metal
surface: Sn, Assembly: Direct mounting
1827428
SMC 1,5/ 2-GF-3,81
Header, Nominal current: 8 A, Rated voltage (III/2): 160 V,
Number of positions: 2, Pitch: 3.81 mm, Color: green, Metal
surface: Sn, Assembly: Soldering
Diagrams/Drawings
Dimensioned drawing


Similar Part No. - 1908871

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1908871 PHOENIX-1908871 Datasheet
143Kb / 6P
   MC 1,5/ 2-STF-3,81
1908871 PHOENIX-1908871 Datasheet
136Kb / 5P
   QC 0,5/ 2-STF-3,81
More results

Similar Description - 1908871

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1851355 PHOENIX-1851355 Datasheet
1Mb / 19P
   PCB connector - FK-MCP 1,5/14-STF-3,81
Jan 3, 2023
1875687 PHOENIX-1875687 Datasheet
113Kb / 4P
   FK-MCP 1,5/10-STF-3,81 BD:1-10
1702247 PHOENIX-1702247 Datasheet
60Kb / 4P
   FK-MCP 1,5/ 5-STF-3,81 BD:1-5
1892880 PHOENIX-1892880 Datasheet
105Kb / 2P
   FK-MCP 1,5/ 6-STF-3,81 BD:1-6
1851300 PHOENIX-1851300 Datasheet
149Kb / 9P
   Printed-circuit board connector - FK-MCP 1,5/ 9-STF-3,81
1851342 PHOENIX-1851342 Datasheet
78Kb / 5P
   Printed-circuit board connector - FK-MCP 1,5/13-STF-3,81
1851371 PHOENIX-1851371 Datasheet
161Kb / 11P
   Printed-circuit board connector - FK-MCP 1,5/16-STF-3,81
1851287 PHOENIX-1851287 Datasheet
110Kb / 6P
   Printed-circuit board connector - FK-MCP 1,5/ 7-STF-3,81
1851410 PHOENIX-1851410 Datasheet
89Kb / 6P
   Printed-circuit board connector - FK-MCP 1,5/20-STF-3,81
1851326 PHOENIX-1851326 Datasheet
110Kb / 6P
   Printed-circuit board connector - FK-MCP 1,5/11-STF-3,81
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com