Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

27440402 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 27440402
Description  Base strip - MCV 1.5/ 2-GF-3.5 - 1843224
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

27440402 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  27440402 Datasheet HTML 1Page - PHOENIX CONTACT 27440402 Datasheet HTML 2Page - PHOENIX CONTACT 27440402 Datasheet HTML 3Page - PHOENIX CONTACT 27440402 Datasheet HTML 4Page - PHOENIX CONTACT 27440402 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
https://www.phoenixcontact.com/us/produkte/1843224
21.12.2012   Page 2 / 5
Base strip - MCV 1.5/ 2-GF-3.5 - 1843224
Technical data
Technical data
Rated voltage (III/2)
160 V
Rated voltage (II/2)
250 V
Connection in acc. with standard
EN-VDE
Nominal current IN
8 A
Nominal voltage UN
160 V
Maximum load current
8 A
Insulating material
PBT
Inflammability class according to UL 94
V0
Color
green
Nominal voltage, UL/CUL Use Group B
300 V
Nominal current, UL/CUL Use Group B
8 A
Nominal voltage, UL/CUL Use Group D
300 V
Nominal current, UL/CUL Use Group D
8 A
Classifications
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002637
ETIM 5.0
EC002637
UNSPSC
UNSPSC 11
39121409
UNSPSC 12.01
39121409
UNSPSC 13.2
39121409
UNSPSC 6.01
30211810
UNSPSC 7.0901
39121409
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27260704
eCl@ss 7.0
27440402
Approvals
Approvals
Approvals
CSA / UL Recognized / VDE Gutachten mit Fertigungsüberwachung / cUL Recognized / GOST / IECEE CB Scheme / GOST / cULus
Recognized


Similar Part No. - 27440402

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
27440402 PHOENIX-27440402 Datasheet
73Kb / 4P
   Printed-circuit board connector - PST 1,3/11-LV-5,0
27440402 PHOENIX-27440402 Datasheet
92Kb / 6P
   Printed-circuit board connector - MCVR 1.5/12-STF-3.5
27440402 PHOENIX-27440402 Datasheet
88Kb / 6P
   Printed-circuit board connector - MC 1,5/13-ST-3,5
27440402 PHOENIX-27440402 Datasheet
93Kb / 7P
   Printed-circuit board connector - GMVSTBR 2,5/ 3-ST
27440402 PHOENIX-27440402 Datasheet
68Kb / 3P
   Printed-circuit board connector - GFKC 2,5/ 5-STF-7,62EX
More results

Similar Description - 27440402

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1843253 PHOENIX-1843253 Datasheet
149Kb / 6P
   Base strip - MCV 1.5/ 5-GF-3.5
1843266 PHOENIX-1843266 Datasheet
97Kb / 5P
   Base strip - MCV 1.5/ 6-GF-3.5
1843305 PHOENIX-1843305 Datasheet
95Kb / 5P
   Base strip - MCV 1.5/10-GF-3.5
1843237 PHOENIX-1843237 Datasheet
97Kb / 5P
   Base strip - MCV 1.5/ 3-GF-3.5
1843282 PHOENIX-1843282 Datasheet
97Kb / 5P
   Base strip - MCV 1.5/ 8-GF-3.5
1843363 PHOENIX-1843363 Datasheet
95Kb / 5P
   Base strip - MCV 1.5/16/GF-3.5
1843240 PHOENIX-1843240 Datasheet
97Kb / 5P
   Base strip - MCV 1.5/ 4-GF-3.5
1844964 PHOENIX-1844964 Datasheet
88Kb / 5P
   Base strip - MCV 1.5/20-GF-3.81
1843897 PHOENIX-1843897 Datasheet
94Kb / 6P
   Base strip - MC 1.5/12-GF-3.5
1998412 PHOENIX-1998412 Datasheet
57Kb / 4P
   Base strip - MCV 1,5/ 2-GF-3,81 ABGY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com