Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3508SUA Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A3508SUA
Description  RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3508SUA Datasheet(HTML) 5 Page - Allegro MicroSystems

  A3508SUA Datasheet HTML 1Page - Allegro MicroSystems A3508SUA Datasheet HTML 2Page - Allegro MicroSystems A3508SUA Datasheet HTML 3Page - Allegro MicroSystems A3508SUA Datasheet HTML 4Page - Allegro MicroSystems A3508SUA Datasheet HTML 5Page - Allegro MicroSystems A3508SUA Datasheet HTML 6Page - Allegro MicroSystems A3508SUA Datasheet HTML 7Page - Allegro MicroSystems A3508SUA Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
3507 AND 3508
RATIOMETRIC,
LINEAR HALL-EFFECT SENSORS
FOR HIGH-TEMP. OPERATION
www.allegromicro.com
SENSOR LOCATION
APPLICATIONS INFORMATION
Calibrated linear Hall devices, which can be used to
determine the actual flux density presented to the sensor in a
particular application, are available.
For safe, reliable operation, the output should not be
pulled above the supply voltage or pulled below the device
ground.
For optimum performance, a 100 pF capacitor between
the output and ground should be added.
The nominal sensitivity is factory set to compensate for
the temperature coefficient of samarium-cobalt magnets
(-0.02%/
°C).
The ratiometric feature is especially valuable when these
devices are used with an analog-to-digital converter. A/D
converters typically derive their LSB step size by ratioing off a
reference voltage line. If the reference voltage varies, the LSB
will vary proportionally. This is a major error source in many
sensing systems. The A3507/08– can eliminate this source of
error by their ratiometric operation. Because their gain and
offsets are proportional to the supply voltage, if they are
powered from the A/D reference voltage, the sensor output
voltage will track changes in the LSB value.
Hall-effect applications information is available in the
application note “Linear Hall-Effect Sensors” (AN 27702),
which can be found in the latest issue of Allegro Electronic
Data Book, AMS-702, or at
www.allegromicro.com
1
3
2
Dwg. MH-011-6A
0.018"
0.46 mm
NOM
BRANDED
SURFACE
ACTIVE AREA DEPTH
0.082"
2.07 mm
0.055"
1.40 mm
A
B
≈ N x 6.9 G/A
Dwg. AH-005A
TYPICAL CURRENT-SENSING APPLICATION


Similar Part No. - A3508SUA

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A3508BAA1 DBLECTRO-A3508BAA1 Datasheet
318Kb / 1P
   IDC SOCKET (DUAL U-SLOT , DUAL CONTACT)
A3508BAB1 DBLECTRO-A3508BAB1 Datasheet
318Kb / 1P
   IDC SOCKET (DUAL U-SLOT , DUAL CONTACT)
A3508BAC1 DBLECTRO-A3508BAC1 Datasheet
318Kb / 1P
   IDC SOCKET (DUAL U-SLOT , DUAL CONTACT)
A3508BAD1 DBLECTRO-A3508BAD1 Datasheet
318Kb / 1P
   IDC SOCKET (DUAL U-SLOT , DUAL CONTACT)
A3508BGA1 DBLECTRO-A3508BGA1 Datasheet
318Kb / 1P
   IDC SOCKET (DUAL U-SLOT , DUAL CONTACT)
More results

Similar Description - A3508SUA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3517 ALLEGRO-3517 Datasheet
305Kb / 13P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
December 31, 2005
A3515 ALLEGRO-A3515 Datasheet
811Kb / 11P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
3515 ALLEGRO-3515 Datasheet
322Kb / 6P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
May 2, 2005
A1321 ALLEGRO-A1321_06 Datasheet
319Kb / 11P
   Ratiometric Linear Hall Effect Sensor for High-Temperature Operation
A1321 ALLEGRO-A1321 Datasheet
413Kb / 9P
   Ratiometric Linear Hall Effect Sensor for High-Temperature Operation
A1321 ALLEGRO-A1321_11 Datasheet
501Kb / 13P
   Ratiometric Linear Hall Effect Sensor ICs for High-Temperature Operation
A3503 ALLEGRO-A3503 Datasheet
150Kb / 8P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS
3503 ALLEGRO-3503 Datasheet
183Kb / 8P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS
A1301 ALLEGRO-A1301 Datasheet
293Kb / 8P
   Continuous-Time Ratiometric Linear Hall Effect Sensors
A1301 ALLEGRO-A1301_06 Datasheet
267Kb / 8P
   Continuous-Time Ratiometric Linear Hall Effect Sensors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com